Part Number Hot Search : 
MSS12 A9N18512 4R7M10 NDY050 DA7052 BA7652AF TE1300 KHPA0608
Product Description
Full Text Search
 

To Download M74HC352B1R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54/74HC352 M54/74HC353
HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.)
.HI .LOWPOWERDI .OUTPUTDRI .BALANCEDPROPAGATI .SYMMETRI .HI .WI .PI
GH SPEED tPD = 12 ns (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C VE CAPABILITY 10 LSTTL LOADS ON DELAYS tPLH = tPHL CAL OUTPUT IMPEDANCE IOL = IOH = 4 mA (MIN.) GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 54/74LS352/353
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HCXXXF1R M74HCXXXM1R M74HCXXXB1R M74HCXXXC1R
PIN CONNECTIONS (top view)
DESCRIPTION The M54/74HC352 and M54/74HC353 are high speed CMOS DUAL 4 CHANNEL MULTIPLEXERS INVERTING fabricated with silicon gate C2MOS technology. Both achieve high speed operation, similar to equivalent LSTTL while maintaining the CMOS low power dissipation. The designer has a choice of complementary output (HC352) and 3 state output (HC353). Each of these data (1C0-1C3, 2C0-2C3) is selected by the two address inputs A and B. Separate strobe inputs (1G, 2G) are provided for each of the two four line sections. Taking the strobe input (1G, 2G) high inhibits the outputs. The output of HC352 is fixed at logic low level and the output of HC353 has a high impedance, unconditionally. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
October 1993
NC = No Internal Connection
1/11
M54/M74HC352/353
TRUTH TABLE
SELECT INPUTS B X L L L L H H H H
X: Don't Care Z: High Impedance
DATA INPUTS C0 X L H X X X X X X C1 X X X L H X X X X C2 X X X X X L H X X C3 X X X X X X X L H
STROBE G H L L L L L L L L
OUTPUT Y HC352 H H L H L H L H L HC353 Z H L H L H L H L
A X L L H H L L H H
LOGIC DIAGRAM HC352 HC353
2/11
M54/M74HC352/353
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 15 6, 5, 4, 3 7 9 10, 11, 12, 13 14, 2 8 16 SYMBOL 1G, 2G 1C0 to 1C3 1Y 2Y 2C0 to 2C3 A, B GND VCC NAME AND FUNCTION Output Enable Inputs Data Input from Source 1 Data Outputs from Source 1 Data Outputs from Source 2 Data Input from Source 2 Common Data Select Inputs Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOL HC352 HC353
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK ICC IO or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
3/11
M54/M74HC352/353
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C C ns
o o
VCC = 2 V VCC = 4.5 V VCC = 6 V
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II IOZ Input Leakage Current 3 State Output Off State Current (for HC353) Quiescent Supply Current 6.0 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 TA = 25 oC 54HC and 74HC Min. 1.5 3.15 4.2 0.5 1.35 1.8 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = VCC or GND 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5 Typ. Max. Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 10 A A V V Max. Min. 1.5 3.15 4.2 0.5 1.35 1.8 V Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
V IL
V OH
VI = VIH or VIL 6.0 VO = VCC or GND 6.0 VI = VCC or GND
ICC
4
40
80
A
4/11
M54/M74HC352/353
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25 C 54HC and 74HC Min. Typ. 30 8 7 56 14 12 80 20 17 40 10 9 64 16 14 84 21 18 64 16 14 44 11 9 5 63 61 Max. 75 15 13 115 23 20 150 30 26 85 17 14 125 25 21 150 30 26 115 23 20 100 20 17 10
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. 95 19 16 145 29 25 190 38 33 105 21 18 155 31 26 190 38 33 145 29 25 125 25 21 10 Min. Max. 110 22 19 175 35 30 225 45 38 130 26 22 95 38 32 225 45 38 175 35 30 150 30 26 10
Unit
tTLH tTHL tPLH tPHL
Output Transition Time Propagation Delay Time (Cn - Y) for HC352 Propagation Delay Time (A, B - Y) for HC352 Propagation Delay Time (G - Y) for HC352 Propagation Delay Time (Cn - Y) for HC353 Propagation Delay Time (A, B - Y) for HC353 Output Enable Time (G - Y) for HC353 Output Disable Time (G - Y) for HC353 Input Capacitance Power Dissipation Capacitance
ns
ns
tPLH tPHL
ns
tPLH tPHL
ns
tPLH tPHL
ns
tPLH tPHL
ns
tPZL tPZH tPLZ tPHZ CIN CPD (*)
RL = 1 K
ns
RL = 1 K
ns pF pF
for HC352 for HC353
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC
5/11
M54/M74HC352/353
SWITCHING CHARACTERISTICS TEST WAVEFORMS
VOL VOH
TEST CIRCUIT ICC (Opr.)
6/11
M54/M74HC352/353
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
7/11
M54/M74HC352/353
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
8/11
M54/M74HC352/353
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
9/11
M54/M74HC352/353
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
10/11
M54/M74HC352/353
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
11/11


▲Up To Search▲   

 
Price & Availability of M74HC352B1R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X