Part Number Hot Search : 
2SK17 02050 331M1 A123J SIA527DJ TLE7231G M5237 3140MZ
Product Description
Full Text Search
 

To Download LS1240A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LS1240A
Electronic Two-Tone Ringer
.LOW .I .LI .TONE .I
CURRENT CONSUMPTION, IN ORDER TO ALLOW THE PARALLEL OPERATION OF 4 DEVICES NTEGRATED RECTIFIER BRIDGE WITH ZENER DIODES TO PROTECT AGAINST OVERVOLTAGES TTLE EXTERNAL CIRCUITRY AND SWITCHING FREQUENCIES ADJUSTABLE BY EXTERNAL COMPONENTS NTEGRATED VOLTAGE AND CURRENT HYSTERESIS
Minidip
DESCRIPTION LS1240A is a monolithic integrated circuit designed to replace the mechanical bell in telephone sets in connection with an electro-acoustical converter. It can drive directly a piezoceramic converter (buzzer)or a dynamic loudspeaker. The output current capability of LS1240A is higher than standard ringer. For driving a dynamic loudspeaker LS1240A can simply use a decoupling capacitor, thus eliminating the usual transformer. No current limitation is provided on the output stage of LS1240A, so a minimum load DC of 50 is adviced, in series with a proper capacitor. The two tone frequencies generated are switched by an internal oscillator in a fast sequence and made audible across an output amplifier in the loudspeaker, both tone frequencies and the switching frequency can be externally adjusted. PIN CONNECTION (top view)
SO8
ORDERING NUMBERS
Minidip LS1240A SO8 LS1240AD1
The supply voltage is obtained from the AC ring signal and the circuit is designed so that noise on the line or variations of the ringing signal cannot affect correct operation of the device.
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
WS
BLOCK DIAGRAM
LS1240A
Figure 1 : Test Circuit.
R1 =
2.72 104 f1 ( 1 - 0.04 ln ) 1943 f1 (Hz)
f2 = 0.725 f1
fSWEEP =
750 C1 (nF)
WS
ABSOLUTE MAXIMUM RATINGS
Symbol VAB VAB DC Top Tstg Parameter Calling Voltage (f = 50 Hz) Continuous Calling Voltage (f = 50 Hz) 5s ON/10s OFF Supply Current Operating Temperature Storage and Junction Temperature Value 120 200 30 -20 to + 70 - 65 to + 150
LS1240A
Unit Vrms Vrms mA C C
THERMAL DATA
Symbol Rth j-amb Parameter Thermal Resistance Junction-ambient Max Value Unit C/W
2 00
ELECTRICAL CHARACTERISTICS (Tamb = 25 C; Vs = applied between pins 7-2 unless otherwise specified)
Symbol Vs IB VON VOFF RD VOUT IOUT Supply Voltage Current Consumption without Load (pins 8-1) Activation Voltage Sustaining Voltage Differential Resistance in OFF Condition (pins 8-1) Output Voltage Swing Short Circuit Current (pins 5-2) Vs = 20V RL = 250 V8-1 = 9.3 to 25 V
12
Parameter
Test Conditions
Min.
Typ. 1.5
Max. 26 1.8
Unit V mA
13.5
9.3
Vs - 5 70
7.8
6.4
V V k V mA
kHz
AC OPERATION f1 f2 Output Frequencies fout1 fout2 fOUT1 fOUT2 Programming Resistor Range fSWEEP Sweep Frequency R1 = 14k, C1 = 100nF Vs = 26V, R1 = 14k Vs = 0 V Vs = 6V
1.55 1.08 1.33
8 5.25 7.5
2.53 1.9 1.43
56 9.75 k Hz
WS
Figure 2 : Typical Application with BUZZER
LS1240A
Figure 3 : Typical Application with Loudspeaker (no transformer needed)
C1 such that ZLOAD > 1


▲Up To Search▲   

 
Price & Availability of LS1240A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X