Part Number Hot Search : 
SQD83N42 79N12 GQZ56 28F64 BA882 BA4113 SSTC3 MB90246
Product Description
Full Text Search
 

To Download LBC846 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
NPN Silicon
* Moisture Sensitivity Level: 1 * ESD Rating - Human Body Model: >4000 V * Pb-Free Packages are Available
MAXIMUM RATINGS
Rating Collector-Emitter Voltage LBC846 LBC847, LBC850 LBC848, LBC849 Collector-Base Voltage LBC846 LBC847, LBC850 LBC848, LBC849 Emitter-Base Voltage LBC846 LBC847, LBC850 LBC848, LBC849 Collector Current - Continuous IC VEBO 6.0 6.0 5.0 100 mAdc VCBO 80 50 30 Vdc
2 EMIT T ER
LBC846ALT1 Series
3
ESD Rating - Machine Model: >400 V
1
Symbol VCEO
Value 65 45 30
Unit Vdc
2
SOT-23
Vdc
3 COLLECT OR
1 B ASE
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 1.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient (Note 1.) Total Device Dissipation Alumina Substrate (Note 2.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient (Note 2.) Junction and Storage Temperature Range Symbol PD Max 225 Unit mW
MARKING DIAGRAM
3
xx
1.8 RqJA PD 556 300
mW/C C/W mW xx= Device Marking (See Table Below)
2.4 RqJA TJ, Tstg 417 -55 to +150
mW/C C/W C
1. FR-5 = 1.0 x 0.75 x 0.062 in 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
LBC846ALT1S-1/6
LESHAN RADIO COMPANY, LTD.
LBC846ALT1 Series
DEVICE MARKING AND ORDERING INFORMATION
Device LBC846ALT1 LBC846ALT1G LBC846BLT1 LBC846BLT1G LBC847ALT1 LBC847ALT1G LBC847BLT1 LBC847BLT1G LBC847CLT1 LBC847CLT1G LBC848ALT1 LBC848ALT1G LBC848BLT1 LBC848BLT1G LBC848CLT1 LBC848CLT1G LBC849BLT1 LBC849BLT1G LBC849CLT1 LBC849CLT1G LBC850BLT1 LBC850BLT1G LBC850CLT1 LBC850CLT1G Marking 1A 1A (Pb-Free) 1B 1B (Pb-Free) 1E 1E (Pb-Free) 1F 1F (Pb-Free) 1G 1G (Pb-Free) 1J 1J (Pb-Free) 1K 1K (Pb-Free) 1L 1L (Pb-Free) 2B 2B (Pb-Free) 2C 2C (Pb-Free) 2F 2F (Pb-Free) 2G 2G (Pb-Free) Package SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel
LBC846ALT1S-2/6
LESHAN RADIO COMPANY, LTD.
LBC846ALT1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage LBC846A,B (IC = 10 mA) LBC847A,B,C, LBC850B,C LBC848A,B,C, LBC849B,C Collector-Emitter Breakdown Voltage LBC846A,B (IC = 10 A, VEB = 0) LBC847A,B,C, LBC850B,C LBC848A,B,C, LBC849B,C Collector-Base Breakdown Voltage (IC = 10 mA) Emitter-Base Breakdown Voltage (IE = 1.0 mA) Collector Cutoff Current (VCB = 30 V) (VCB = 30 V, TA = 150C) LBC846A,B LBC847A,B,C, LBC850B,C LBC848A,B,C, LBC849B,C LBC846A,B LBC847A,B,C, LBC850B,C LBC848A,B,C, LBC849B,C V(BR)CEO 65 45 30 80 50 30 80 50 30 6.0 6.0 5.0 - - - - - - - - - - - - - - - - - - - - - - - - - - - - 15 5.0 V
V(BR)CES
V
V(BR)CBO
V
V(BR)EBO
V
ICBO
nA A
ON CHARACTERISTICS
DC Current Gain (IC = 10 A, VCE = 5.0 V) LBC846A, LBC847A, LBC848A LBC846B, LBC847B, LBC848B LBC847C, LBC848C LBC846A, LBC847A, LBC848A LBC846B, LBC847B, LBC848B, LBC849B, LBC850B LBC847C, LBC848C, LBC849C, LBC850C VCE(sat) VBE(sat) VBE(on) hFE - - - 110 200 420 - - - - 580 - 90 150 270 180 290 520 - - 0.7 0.9 660 - - - - 220 450 800 0.25 0.6 - - 700 770 V V mV -
(IC = 2.0 mA, VCE = 5.0 V)
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Collector-Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base-Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Base-Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) Base-Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V) Base-Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
SMALL-SIGNAL CHARACTERISTICS
Current-Gain - Bandwidth Product (IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz) Output Capacitance (VCB = 10 V, f = 1.0 MHz) Noise Figure (IC = 0.2 mA, (VCE = 5.0 Vdc, RS = 2.0 k f = 1.0 kHz, BW = 200 Hz) LBC846A,B, LBC847A,B,C, LBC848A,B,C LBC849B,C, LBC850B,C fT Cobo NF - - - - 10 4.0 100 - - - - 4.5 MHz pF dB
LBC846ALT1S-3/6
LESHAN RADIO COMPANY, LTD.
LBC846ALT1 Series
LBC847, LBC848, LBC849, LBC850
2.0 hFE , NORMALIZED DC CURRENT GAIN 1.5 1.0 0.8 0.6 0.4 0.3 0.2 VCE = 10 V TA = 25C V, VOLTAGE (VOLTS) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.2 0.5 50 1.0 20 2.0 5.0 10 IC, COLLECTOR CURRENT (mAdc) 100 200 0 0.1 VCE(sat) @ IC/IB = 10 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mAdc) 50 70 100 TA = 25C VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = 10 V
Figure 1. Normalized DC Current Gain
2.0 TA = 25C 1.6 IC = 200 mA 1.2 0.8 0.4 0 IC = IC = IC = 50 mA 10 mA 20 mA IC = 100 mA 1.0
Figure 2. "Saturation" and "On" Voltages
VCE , COLLECTOR-EMITTER VOLTAGE (V)
VB, TEMPERATURE COEFFICIENT (mV/ C)
-55C to +125C 1.2 1.6 2.0 2.4 2.8
0.02
0.1 1.0 IB, BASE CURRENT (mA)
10
20
0.2
10 1.0 IC, COLLECTOR CURRENT (mA)
100
Figure 3. Collector Saturation Region
10 7.0 C, CAPACITANCE (pF) 5.0 3.0 Cob 2.0 Cib TA = 25C f T, CURRENT-GAIN - BANDWIDTH PRODUCT (MHz) 400 300 200
Figure 4. Base-Emitter Temperature Coefficient
100 80 60 40 30 20 0.5 0.7 1.0
VCE = 10 V TA = 25C
1.0
0.4 0.6 0.8 1.0
4.0 6.0 8.0 10 2.0 VR, REVERSE VOLTAGE (VOLTS)
20
40
2.0 3.0 5.0 7.0 10 20 IC, COLLECTOR CURRENT (mAdc)
30
50
Figure 5. Capacitances
Figure 6. Current-Gain - Bandwidth Product
LBC846ALT1S-4/6
LESHAN RADIO COMPANY, LTD.
LBC846
1.0 hFE , DC CURRENT GAIN (NORMALIZED) VCE = 5 V TA = 25C 2.0 1.0 0.5 0.2 0.1 0.2 10 100 1.0 IC, COLLECTOR CURRENT (mA) V, VOLTAGE (VOLTS) TA = 25C 0.8 VBE(sat) @ IC/IB = 10 0.6 0.4 0.2 VCE(sat) @ IC/IB = 10 0 0.2 0.5 1.0 VBE @ VCE = 5.0 V
LBC846ALT1 Series
10 20 2.0 5.0 IC, COLLECTOR CURRENT (mA)
50
100
200
Figure 7. DC Current Gain
2.0 TA = 25C 1.6 20 mA 1.2 0.8 0.4 0 IC = 10 mA 50 mA 100 mA 200 mA -1.0 -1.4 -1.8
Figure 8. "On" Voltage
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
VB, TEMPERATURE COEFFICIENT (mV/ C)
VB for VBE -2.2 -2.6 -3.0 -55C to 125C
0.02
0.05
0.1
0.2 0.5 1.0 2.0 IB, BASE CURRENT (mA)
5.0
10
20
0.2
0.5
10 20 1.0 2.0 5.0 IC, COLLECTOR CURRENT (mA)
50
100
200
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
TA = 25C C, CAPACITANCE (pF) 20 Cib
f T, CURRENT-GAIN - BANDWIDTH PRODUCT
40
500 200 100 50 20
VCE = 5 V TA = 25C
10 6.0 4.0 Cob
2.0
0.1
0.2
1.0 2.0 10 20 0.5 5.0 VR, REVERSE VOLTAGE (VOLTS)
50
100
1.0 5.0 10 50 100 IC, COLLECTOR CURRENT (mA)
Figure 11. Capacitance
Figure 12. Current-Gain - Bandwidth Product
LBC846ALT1S-5/6
LESHAN RADIO COMPANY, LTD.
LBC846ALT1 Series
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
LBC846ALT1S-6/6


▲Up To Search▲   

 
Price & Availability of LBC846

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X