Part Number Hot Search : 
KSR2111 25D621KJ KBPC804S EUP3423 XP0053A 39C66 5020Y KBP10
Product Description
Full Text Search
 

To Download KSC2334 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC2334
KSC2334
High Speed Switching Industrial Use
* Complement to KSA1010
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC ICP IB PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) *Collector Current (Pulse) Base Current (DC) Collector Dissipation (TC=25C) Collector Dissipation (TA=25C) Junction Temperature Storage Temperature
1
TO-220 2.Collector Value 150 100 7 7 15 3.5 40 1.5 150 - 55 ~ 150 3.Emitter Units V V V A A A W W C C
1.Base
* PW300s, Duty Cycle10%
Electrical Characteristics TC=25C unless otherwise noted
Symbol VCEO(sus) VCEX(sus)1 VCEX(sus)2 ICBO ICER ICEX1 ICEX2 IEBO hFE1 hFE2 hFE3 VCE(sat) VBE(sat) tON tSTG tF Parameter Collector-Emitter Sustaining Voltage Collector-Emitter Sustaining Voltage Collector-Emitter Sustaining Voltage Collector Cut-off Current Collector Cut-off Current Collector Cut-off Current Test Condition IC = 5A, IB1= 0.5A, L = 1mH IC = 5A, IB1 = -IB2 = 0.5A VBE(off) = -5V, L = 180H, Clamped IC = 10A, IB1 =1A, IB2 = -0.5A, VBE(off) = -5V, L = 180H, Clamped VCB = 100, IE = 0 VCE = 100V, RBE = 51@TC =125C VCE = 100V, VBE(off) = -1.5V VCE = 100V, VBE(off) = -1.5V @ TC= 125C VEB = 5V, IC = 0 VCE = 5V, IC = 0.5A VCE = 5V, IC = 3A VCE = 5V, IC = 5A IC = 5A, IB = 0.5A IC = 5A, IB = 0.5A VCC = 50V, IC = 5A IB1 = -IB2 = 0.5A RL = 10 40 40 20 Min. 100 100 100 10 1 10 1 10 240 0.6 1.5 0.5 0.5 1.5 V V s s s Max. Units V V V A mA A mA A
Emitter Cut-off Current * DC Current Gain
* Collector-Emitter Saturation Voltage * Base-Emitter Saturation Voltage Turn On Time Storage Time Fall Time
* Pulse Test: PW350s, Duty Cycle2%Pulsed
hFE Classification
Classification hFE2
(c)2001 Fairchild Semiconductor Corporation
R 40 ~ 80
O 70 ~ 140
Y 120 ~ 240
Rev. A1, August 2001
KSC2334
Typical Characteristics
IB = 100 mA
5
IB = 90mA IB = 80mA
1000
IB = 70mA IB = 60mA IB = 50mA
VCE = 5V
IC[A], COLLECTOR CURRENT
4
hFE, DC CURRENT GAIN
5
100
3
IB = 40mA IB = 30mA IB = 20mA
2
10
1
IB = 10mA
1 0.01
0 0 1 2 3 4
0.1
1
10
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
10
100
IC/IB = 10
IC MAX. (Pulse)
IC[A], COLLECTOR CURRENT
10
1
VBE(sat)
Di Lim ssip ite atio dn
1
50 s 10 0 30 s 0 s 1m s 10 ms 10 0m s
0.1
b S/ d ite m Li
V CE(sat)
0.1
0.01 0.01
0.1
1
10
0.01 1 10 100 1000
IC[A], COLLECTOR CURRENT
VCE[V], COLLECTOR-EMITTER VOLTAGE
Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
Figure 4. Safe Operating Area
160
50 45
140
120
PC[W], POWER DISSIPATION
150 175 200
40 35 30 25 20 15 10 5 0
dT(%), Ic DERATING
100
80
S/b Limited
60
40
Dissipation Limited
20
0 0 25 50
o
75
100
125
0
25
50
75
o
100
125
150
175
200
225
250
TC[ C], CASE TEMPERATURE
TC[ C], CASE TEMPERATURE
Figure 5. Derating Curve of Safe Operating Areas
Figure 6. Power Derating
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, August 2001
KSC2334
Package Demensions
TO-220
9.90 0.20
1.30 0.10 2.80 0.10
4.50 0.20
(8.70) o3.60 0.10
(1.70)
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
Dimensions in Millimeters
(c)2001 Fairchild Semiconductor Corporation Rev. A1, August 2001
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. STAR*POWERTM FAST(R) OPTOPLANARTM
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MICROWIRETM OPTOLOGICTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R) SMART STARTTM
StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R) VCXTM
STAR*POWER is used under license
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be which, (a) are intended for surgical implant into the body, reasonably expected to cause the failure of the life support or (b) support or sustain life, or (c) whose failure to perform device or system, or to affect its safety or effectiveness. when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H3


▲Up To Search▲   

 
Price & Availability of KSC2334

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X