Part Number Hot Search : 
A36AN VOLTS ADV7330 YC36SGD JAN723J ZTX690B MBR1010 4001G
Product Description
Full Text Search
 

To Download KSC2331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92L Plastic-Encapsulate Transistors
KSC2331
TO-92L
TRANSISTOR NPN
1.EMITTER
FEATURE Power dissipation PCM : 1 W Tamb=25 Collector current ICM : 0.7 A Collector-base voltage V(BR)CBO : 80 V Operating and storage junction temperature range TJ Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage Collector output capacitance Transition frequency
2.COLLECTOR 3.BASE
Tamb=25
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) VBE(sat) Cob
unless
Test Ic= 100
otherwise
specified
MIN 80 60 8 0.1 0.1 40 240 0.7 1.2 8 30 V V pF MHz TYP MAX UNIT V V V A A
conditions A IE=0 IB=0 IC=0 IE=0 IC=0 IC= 50mA
IC= 10mA , IE= 10 A VCB=60V , VEB=5V , VCE=2 V,
IC= 500m A, IB= 50mA IC= 500 mA, IB= 50mA
(VCB=10V IE=0,f=1MHz) VCE= 10 V, IC= 50mA
fT
CLASSIFICATION OF hFE(1)
Rank Range R 40-80 O 70-140 Y 120-240


▲Up To Search▲   

 
Price & Availability of KSC2331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X