Part Number Hot Search : 
SB100 CT2245 SSF6401 1N581 CE66P7 ND32E3 SMA17 LC74760M
Product Description
Full Text Search
 

To Download KM416C1200B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KM416C1000B, KM416C1200B KM416V1000B, KM416V1200B
1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
CMOS DRAM
This is a family of 1,048,576 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory cells within the same row. Power supply voltage (+5.0V or +3.3V), refresh cycle (1K Ref. or 4K Ref.), access time (-5,-6 or -7), power consumption(Normal or Low power) and package type(SOJ or TSOP-II) are optional features of this family. All of this family have CASbefore-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. This 1Mx16 Fast Page Mode DRAM family is fabricated using Samsung's advanced CMOS process to realize high band-width, low power consumption and high reliability. It may be used as graphic memory unit for microcomputer, personal computer and portable machines.
FEATURES
U
U
Fast Page Mode operation 2 CAS Byte/Word Read/Write operation CAS-before-RAS refresh capability RAS-only and Hidden refresh capability Self-refresh capability (L-ver only) TTL(5V)/LVTTL(3.3V) compatible inputs and outputs Early Write or output enable controlled write JEDEC Standard pinout Available in 42-pin SOJ 400mil and 50(44)-pin TSOP(II) 400mil packages Single +5V3/410% power supply (5V product) Single +3.3V3/40.3V power supply (3.3V product)
Part Identification - KM416C1000B/B-L (5V, 4K Ref.) - KM416C1200B/B-L (5V, 1K Ref.) - KM416V1000B/B-L (3.3V, 4K Ref.) - KM416V1200B/B-L (3.3V, 1K Ref.)
U
U
U
U
U
U U
Active Power Dissipation
U
Unit : mW
U
Speed 4K -5 -6 -7 396 360 324
3.3V 1K 576 540 504 4K 605 550 495
5V 1K
U
880
U
825 770
FUNCTIONAL BLOCK DIAGRAM
U
Refresh Cycles Part NO. C1000B V1000B C1200B V1200B VCC 5V 3.3V 5V 3.3V 1K 16ms
Refresh Control Refresh Counter Memory Array 1,048,576 x16 Cells
Refresh cycle 4K
Refresh period Normal 64ms 128ms L-ver
RAS UCAS LCAS W
Control Clocks
VBB Generator
Vcc Vss Lower Data in Buffer Sense Amps & I/O Lower Data out Buffer Upper Data in Buffer Upper Data out Buffer
Refresh Timer
Row Decoder
DQ0 to DQ7
OE DQ8 to DQ15
U
Perfomance Range Speed -5 -6 -7
tRAC
50ns 60ns 70ns
tCAC
15ns 15ns 20ns
tRC
90ns 110ns 130ns
tPC
35ns 40ns 45ns
Remark 5V/3.3V 5V/3.3V 5V/3.3V
A0-A11 (A0 - A9)*1 A0 - A7 (A0 - A9)*1
Row Address Buffer Col. Address Buffer Column Decoder
Note) *1 : 1K Refresh
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
KM416C1000B, KM416C1200B KM416V1000B, KM416V1200B
CMOS DRAM
PIN CONFIGURATION (Top Views)
U
KM416C/V10(2)00BJ
U
KM416C/V10(2)00BT
*A10 and A11 are N.C for KM416C/V1200B(5V/3.3V, 1K Ref. product) J : 400mil 42 SOJ T : 400mil 50(44) TSOP II
Pin Name A0 - A11 A0 - A9 DQ0 - 15 VSS RAS UCAS LCAS W OE VCC N.C
Pin Function Address Inputs (4K Product) Address Inputs (1K Product) Data In/Out Ground Row Address Strobe Upper Column Address Strobe Lower Column Address Strobe Read/Write Input Data Output Enable Power(+5V) Power(+3.3V) No Connection
U
VCC DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 N.C N.C W RAS *A11(N.C) *A10(N.C) A0 A1 A2 A3 VCC
1 U 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
U
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
VSS DQ15 DQ14 DQ13 DQ12 VSS DQ11 DQ10 DQ9 DQ8 N.C LCAS UCAS OE A9 A8 A7 A6 A5 A4 VSS
VCC DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 N.C N.C N.C W RAS *A11(N.C) *A10(N.C) A0 A1 A2 A3 VCC
1 U 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
VSS DQ15 DQ14 DQ13 DQ12 VSS DQ11 DQ10 DQ9 DQ8 N.C N.C LCAS UCAS OE A9 A8 A7 A6 A5 A4 VSS
KM416C1000B, KM416C1200B KM416V1000B, KM416V1200B
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol 3.3V VIN,VOUT VCC Tstg PD IOS -0.5 to +4.6 -0.5 to +4.6 -55 to +150 1 50 Rating
CMOS DRAM
Units 5V -1.0 to +7.0 -1.0 to +7.0 -55 to +150 1 50 V V E W mA
* Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to Vss, T A= 0 to 70E)
Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Symbol Min VCC VSS VIH VIL 3.0 0 2.0 -0.3*2 3.3V Typ 3.3 0 Max 3.6 0 VCC+0.3*1 0.8 Min 4.5 0 2.4 -1.0*2 5V Typ 5.0 0 Max 5.5 0 VCC+1.0*1 0.8 V V V V Units
*1 : VCC+1.3V/15ns(3.3V), VCC+2.0V/20ns(5V), Pulse width is measured at VCC *2 : -1.3V/15ns(3.3V), -2.0V/20ns(5V), Pulse width is measured at VSS
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted.)
Max Parameter Input Leakage Current (Any input 0AVINAVIN+0.3V, all other input pins not under test=0 Volt) 3.3V Output Leakage Current (Data out is disabled, 0VAVOUTAVCC) Output High Voltage Level(IOH=-2mA) Output Low Voltage Level(IOL=2mA) Input Leakage Current (Any input 0AVINAVIN+0.5V, all other input pins not under test=0 Volt) 5V Output Leakage Current (Data out is disabled, 0VAVOUTAVCC) Output High Voltage Level(IOH=-5mA) Output Low Voltage Level(IOL=4.2mA) Symbol II(L) IO(L) VOH VOL II(L) IO(L) VOH VOL Min -5 -5 2.4 -5 -5 2.4 Max 5 5 0.4 5 5 0.4 Units uA uA V V uA uA V V
KM416C1000B, KM416C1200B KM416V1000B, KM416V1200B
DC AND OPERATING CHARACTERISTICS (Continued)
Symbol Power Speed KM416V1000B ICC1 Don't care Normal L Don't care -5 -6 -7 Don't care -5 -6 -7 -5 -6 -7 Don't care -5 -6 -7 Don't care Don't care 110 100 90 2 1 110 100 90 100 90 80 1 200 110 100 90 400 200 160 150 140 2 1 160 150 140 100 90 80 1 200 160 150 140 300 200 Max KM416V1200B KM416C1000B 110 100 90 2 1 110 100 90 100 90 80 1 200 110 100 90 450 250
CMOS DRAM
Units KM416C1200B 160 150 140 2 1 160 150 140 100 90 80 1 200 160 150 140 350 250 mA mA mA mA mA mA mA mA mA mA mA mA uA mA mA mA uA uA
ICC2
ICC3
ICC4
Don't care Normal L Don't care L L
ICC5
ICC6 ICC7 ICCS
ICC1* : Operating Current (RAS and UCAS, LCAS cycling @tRC=min.) ICC2 : Standby Current (RAS=UCAS=LCAS=W=VIH) ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS cycling @tRC=min.) ICC4* : Fast Page Mode Current (RAS=VIL, UCAS or LCAS, Address cycling @tPC=min.) ICC5 : Standby Current (RAS=UCAS=LCAS=W=VCC-0.2V) ICC6* : CAS-Before-RAS Refresh Current (RAS, UCAS or LCAS cycling @tRC=min.) ICC7 : Battery back-up current, Average power supply current, Battery back-up mode Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, UCAS, LCAS=0.2V, Din=Don't care, TRC=31.25us(4K/L-ver), 125us(1K/L-ver), TRAS=TRASmin~300ns ICCS : Self Refresh Current RAS=UCAS=LCAS=VIL, W=OE=A0 ~ A11=VCC-0.2V or 0.2V, DQ0 ~ DQ15=VCC-0.2V, 0.2V or Open
*Note : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one fast page mode cycle time, tPC.
KM416C1000B, KM416C1200B KM416V1000B, KM416V1200B
CAPACITANCE (TA=25E, VCC=5V or 3.3V, f=1MHz)
Parameter Input capacitance [A0 ~ A11] Input capacitance [RAS, UCAS, LCAS, W, OE] Output capacitance [DQ0 - DQ15] Symbol CIN1 CIN2 CDQ Min -
CMOS DRAM
Max 5 7 7 Units pF pF pF
AC CHARACTERISTICS (0EA TAA70E, See note 1,2)
Test condition (5V device) : VCC=5.0V3/410%, Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V Test condition (3.3V device) : VCC=3.3V3/40.3V, Vih/Vil=2.2/0.7V, Voh/Vol=2.0/0.8V Parameter Random read or write cycle time Read-modify-write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay Transition time (rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold time referenced to CAS Read command hold time referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Symbol Min -5 Max Min 110 155 50 15 25 0 0 3 30 50 13 50 13 20 15 5 0 10 0 10 25 0 0 0 10 10 15 13 10K 37 25 10K 13 50 0 0 3 40 60 15 60 15 20 15 5 0 10 0 10 30 0 0 0 10 10 15 15 10K 45 30 10K 15 50 60 15 30 0 0 3 50 70 20 70 20 20 15 5 0 10 0 15 35 0 0 0 15 15 20 20 10K 50 35 10K 20 50 -6 Max Min 130 185 70 20 35 -7 Max ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 7 7 10 10 4 9 3,4,9 3,4 3,9 3 5 2 Units Notes
tRC tRWC tRAC tCAC tAA tCLZ tOFF tT tRP tRAS tRSH tCSH tCAS tRCD tRAD tCRP tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCH tWP tRWL tCWL
90 133
KM416C1000B, KM416C1200B KM416V1000B, KM416V1200B
AC CHARACTERISTICS (Continued)
Parameter Data set-up time Data hold time Refresh period (1K, Normal) Refresh period (4K, Normal) Refresh period (L-ver) Write command set-up time CAS to W delay time RAS to W delay time Column address to W delay time CAS precharge to W delay time CAS set-up time (CAS -before-RAS refresh) CAS hlod time (CAS -before-RAS refresh) RAS to CAS precharge time CAS precharge time (CBR counter test cycle) Access time from CAS precharge Fast Page mode cycle time Fast Page read-modify-write cycle time CAS precharge time (Fast Page cycle) RAS pulse width (Fast Page cycle) RAS hold time from CAS precharge OE access time OE to data delay Output buffer turn off delay time from OE OE command hold time RAS pulse width (C-B-R self refresh) RAS precharge time (C-B-R self refresh) CAS hold time (C-B-R self refresh) Symbol Min -5 Max Min 0 10 16 64 128 0 36 73 48 53 5 10 5 20 30 35 76 10 50 30 13 13 0 13 100 90 -50 13 15 0 15 100 110 -50 15 200K 40 80 10 60 35 15 20 0 20 100 130 -50 200K 0 40 85 55 60 5 10 5 20 35 45 95 10 70 40 16 64 128 0 50 95 60 65 5 15 5 25 -6 Max Min 0 15 -7
CMOS DRAM
Units Max ns ns 16 64 128 ms ms ms ns ns ns ns ns ns ns ns ns 40 ns ns ns ns 200K ns ns 20 ns ns 20 ns ns us ns ns
Notes 8,16 8,16
tDS tDH tREF tREF tREF tWCS tCWD tRWD tAWD tCPWD tCSR tCHR tRPC tCPT tCPA tPC tPRWC tCP tRASP tRHCP tOEA tOED tOEZ tOEH tRASS tRPS tCHS
0 10
6 6,12 6 6 6 14 15
3
11
3
17 17 17
KM416C1000B, KM416C1200B KM416V1000B, KM416V1200B
NOTES
CMOS DRAM
1. An initial pause of 200us is required after power-up followed by any 8 ROR or CBR cycles before proper device operation is achieved. 2. Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 2 TTL(5V)/1TTL(3.3V) loads and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to Voh or Vol. 6. tWCS, tRWD, tCWD, tAWD and tCPWD are non restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCSAtWCS(min), the cycles is an early write cycle and the data output will remain high impedance for the duration of the cycle. If tCWDAtCWD(min), tRWDAtRWD(min), tAWDAtAWD(min) and tCPWDAtCPWD(min), then the cycle is a read-modify-write cycle and the data output will contain the data read from the selected address. If neither of the above conditions is satisfied, the condition of the data out is indeterminate. 7. Either tRCH or tRRH must be satisfied for a read cycle. 8. These parameters are referenced to the CAS leading edge in ealy write cycles and to the W falling edge in OE controlled write cycle and read-modify-write cycles. 9. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference point only. If
tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA.
KM416C/V10(2)00B/BL Truth Table
RAS H L L L L L L L L LCAS X H L H L L H L L UCAS X H H L L H L L L W X X H H H L L L H OE X X L L L H H H H DQ0 - DQ7 Hi-Z Hi-Z DQ-OUT Hi-Z DQ-OUT DQ-IN DQ-IN Hi-Z DQ8-DQ15 Hi-Z Hi-Z Hi-Z DQ-OUT DQ-OUT DQ-IN DQ-IN Hi-Z STATE Standby Refresh Byte Read Byte Read Word Read Byte Write Byte Write Word Write -
KM416C1000B, KM416C1200B KM416V1000B, KM416V1200B
10. tASC, tCAH are referenced to the earlier CAS rising edge.
CMOS DRAM
11. tCP is specified from the last CAS rising edge in the previous cycle to the first CAS falling edge in the next cycle. 12. tCWD is referenced to the later CAS falling edge at word read-modify-write cycle. 13. tCWL is specified from W falling edge to the earlier CAS rising edge. 14. tCSR is referenced to earlier CAS falling low before RAS transition low. 15. tCHR is referenced to the later CAS rising high after RAS transition low. RAS LCAS
UCAS
tCSR
tCHR
16. tDS, tDH is independently specified for lower byte DIN(0-7), upper byte DIN(8-15) 17. 4096(4K Ref.)/1024(1K Ref.) of burst refresh must be executed within 16ms before and after self-refresh in order to meet refresh specification (L-version).


▲Up To Search▲   

 
Price & Availability of KM416C1200B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X