Part Number Hot Search : 
40270 67BGC 2405E 2SC34 C1210 60UFD 1933R C1210
Product Description
Full Text Search
 

To Download IRG4BC30U-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91803
IRG4BC30U-S
INSULATED GATE BIPOLAR TRANSISTOR
Features
* UltraFast: Optimized for high operating frequencies 8-40 kHz in hard switching, >200 kHz in resonant mode * Generation 4 IGBT design provides tighter parameter distribution and higher efficiency than Generation 3 * Industry standard D2Pak package
C
UltraFast Speed IGBT
VCES = 600V
G E
VCE(on) typ. = 1.95V
@VGE = 15V, IC = 12A
n-channel
Benefits
* Generation 4 IGBT's offer highest efficiency available * IGBT's optimized for specified application conditions * Designed to be a "drop-in" replacement for equivalent industry-standard Generation 3 IR IGBT's
D 2 Pak
Absolute Maximum Ratings
Parameter
VCES IC @ TC = 25C IC @ TC = 100C ICM ILM VGE EARV PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Breakdown Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range
Max.
600 23 12 92 92 20 10 100 42 -55 to + 150
Units
V A
V mJ W
Thermal Resistance
Parameter
RqJC RqJA Junction-to-Case Junction-to-Ambient, ( PCB Mounted,steady-state)*
Typ.
--- ---
Max.
1.2 40
Units
C/W
* When mounted on 1" square PCB (FR-4 or G-10 Material ). For recommended footprint and soldering
techniques refer to application note #AN-994.
www.irf.com
1
IRG4BC30U-S
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Min. Typ. Max. Units Conditions V(BR)CES Collector-to-Emitter Breakdown Voltage 600 -- -- V VGE = 0V, IC = 250A V(BR)ECS Emitter-to-Collector Breakdown Voltage 18 -- -- V VGE = 0V, IC = 1.0A V/C VGE = 0V, IC = 1.0mA DV(BR)CES/DTJ Temperature Coeff. of Breakdown Voltage -- 0.63 -- -- 1.95 2.1 IC = 12A VGE = 15V VCE(ON) Collector-to-Emitter Saturation Voltage -- 2.52 -- IC = 23A See Fig.2, 5 V -- 2.09 -- IC = 12A , TJ = 150C VGE(th) Gate Threshold Voltage 3.0 -- 6.0 VCE = VGE, IC = 250A DVGE(th)/DTJ Temperature Coeff. of Threshold Voltage -- -13 -- mV/C VCE = VGE, IC = 250A gfe Forward Transconductance 3.1 8.6 -- S VCE = 100V, IC = 12A -- -- 250 VGE = 0V, VCE = 600V ICES Zero Gate Voltage Collector Current A -- -- 2.0 VGE = 0V, VCE = 10V, TJ = 25C -- -- 1000 VGE = 0V, VCE = 600V, TJ = 150C IGES Gate-to-Emitter Leakage Current -- -- 100 nA VGE = 20V
Switching Characteristics @ TJ = 25C (unless otherwise specified)
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres Notes: Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 50 8.1 18 17 9.6 78 97 0.16 0.20 0.36 20 13 180 140 0.73 7.5 1100 73 14 Max. Units Conditions 75 IC = 12A 12 nC VCC = 400V See Fig.8 27 VGE = 15V -- -- TJ = 25C ns 120 IC = 12A, VCC = 480V 150 VGE = 15V, RG = 23W -- Energy losses include "tail" -- mJ See Fig. 10, 11, 13, 14 0.50 -- TJ = 150C, -- IC = 12A, VCC = 480V ns -- VGE = 15V, RG = 23W -- Energy losses include "tail" -- mJ See Fig. 13, 14 -- nH Measured 5mm from package -- VGE = 0V -- pF VCC = 30V See Fig.7 -- = 1.0MHz
Repetitive rating; VGE = 20V, pulse width limited by
max. junction temperature. ( See fig. 13b )
VCC = 80%(VCES), VGE = 20V, L = 10H, RG = 23W ,
(See fig. 13a)
Pulse width 80s; duty factor 0.1%. Pulse width 5.0s, single shot.
Repetitive rating; pulse width limited by maximum
junction temperature.
2
www.irf.com
IRG4BC30U-S
6.0
For both:
Triangular wave:
5.0
Lo ad C u rre n t (A )
Duty cycle: 50% TJ = 125C T sink= 55C Gate drive as specified Power Dissipation = 1.75W
4.0
Clamp voltage: 80% of rated
Square wave:
3.0
60% of rated voltage
2.0
1.0
Ideal diodes
0.0 0.1 1 10
A
100
f, F req u e n cy (kH z)
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
100
100
I C , C o lle ctor-to -E m itte r C u rren t (A )
T J = 2 5 C T J = 1 5 0 C
10
I C , C o lle ctor-to -E m itte r C u rren t (A )
T J = 1 5 0 C
10
TJ = 2 5 C
1
1
0.1 0.1 1
VG E = 1 5 V 2 0 s P U LS E W ID T H A
10
0.1 5 6 7 8
V CC = 10 V 5 s P U L S E W ID T H
9 10 11
A
12
V C E , C o lle cto r-to -E m itte r V o ltag e (V )
VG E , G a te -to -E m itte r V o lta g e (V )
Fig. 2 - Typical Output Characteristics
www.irf.com
Fig. 3 - Typical Transfer Characteristics
3
IRG4BC30U-S
M axim u m D C C o lle cto r C u rre n t (A
25
3.0
V C E , C olle c tor-to-E m itter V oltage (V )
V GE = 15V
V GE = 15V 8 0 s P U L S E W ID T H
IC = 2 4 A
20
2.5
15
IC = 1 2 A
2.0
10
5
I C = 6 .0 A
A
-60 -40 -20 0 20 40 60 80 100 120 140 160
0 25 50 75 100 125
A
150
1.5
TC , C a se Te m p e ra tu re (C )
T J , Ju n c tio n T e m p e ra tu re (C )
Fig. 4 - Maximum Collector Current vs.Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Junction Temperature
10
T herm al R esponse (Z thJ C )
1
D = 0 .5 0
0.2 0 0.1 0
PD M
0.1
0 .0 5 0 .0 2 0 .0 1 S IN G L E P U L S E (T H E R M A L R E S P O N S E )
t
1
t2
N o te s : 1 . D u ty fac tor D = t
1
/t
2
0.01 0.00001
2 . P e a k T J = P D M x Z th J C + T C
0.0001
0.00 1
0.01
0.1
1
10
t 1 , R e cta n gu la r P u lse D ura tio n (se c)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
4 www.irf.com
IRG4BC30U-S
2000
C , C a pa c ita n ce (p F)
1600
V G E , G a te -to-E m itter V olta ge (V )
V GE = C ies = C res = C oes =
0V , f = 1M H z C ge + C gc , C ce S H O R TE D C gc C ce + C gc
20
VCE = 4 0 0 V IC = 12A
16
C ie s
1200
12
800
C oes
8
400
C re s
4
0 1 10
A
100
0 0 10 20 30 40 50
A
V C E , C o lle cto r-to -E m itte r V o lta g e (V )
Q g , To ta l G a te C h a rg e (n C )
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
0.5
T o ta l S w itch in g L o s s e s (m J )
0.4
T o ta l S w itch ing L o s s es (m J )
V CC VGE TJ IC
= 480V = 15V = 2 5 C = 12A
10
= 23 V GE = 15V V CC = 4 80 V RG
IC = 24A
1
I C = 1 2A
0.3
I C = 6 .0 A
0.2 0 10 20 30 40 50
A
60
0.1 -60 -40 -20 0 20 40 60 80 100 120 140
A
160
R G , G a te R e sista n ce ( )
TJ , Ju n ctio n Te m pe ra tu re (C )
Fig. 9 - Typical Switching Losses vs. Gate Resistance
www.irf.com
Fig. 10 - Typical Switching Losses vs. Junction Temperature
5
IRG4BC30U-S
1.6
T o ta l S w itc h ing Lo s s e s (m J )
1.2
I C , C ollector-to-E m itter C urrent (A )
RG TJ V CC V GE
= 23 = 1 5 0 C = 480V = 15V
1000
VG E E 20V G= T J = 125 C
100
S A FE O P E R A TIN G A R E A
10
0.8
0.4
1
0.0 0 10 20 30
A
0.1 1 10 100 1000
I C , C o lle cto r-to-E m itte r C u rre n t (A )
V C E , C o lle cto r-to-E m itte r V olta g e (V )
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
6
www.irf.com
IRG4BC30U-S
L 50V 1 000V VC *
D .U .T.
RL = 0 - 480V 480V 4 X IC@25C
480F 960V
* D river sam e type as D.U.T .; Vc = 80% of Vce(m ax) * N ote: Due to the 50V pow er supply, pulse w idth and inductor w ill increase to obtain rated Id.
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
IC L D river* 50V 1000V D .U .T. VC
Fig. 14a - Switching Loss
Test Circuit
* Driver same type as D.U.T., VC = 480V

90%
10 % 90 %
VC
t d (o ff)
Fig. 14b - Switching Loss
Waveforms
10% I C 5% t d (o n )
tr E on E ts = (E o n +E off )
tf t=5s E o ff
www.irf.com
7
IRG4BC30U-S D2Pak Package Outline
10.54 (.415) 10.29 (.405) 1.40 (.055) M A X. -A2 4.69 (.185) 4.20 (.165) -B1.32 (.052) 1.22 (.048) 6.47 (.255) 6.18 (.243) 15.49 (.610) 14.73 (.580) 5.28 (.208) 4.78 (.188) 1.40 (.055) 1.14 (.045) 3X 5.08 (.200) 1.39 (.055) 1.14 (.045) 2.79 (.110) 2.29 (.090) 2.61 (.103) 2.32 (.091) 8.89 (.350) REF. 10.16 (.400) REF.
1.78 (.070) 1.27 (.050)
1
3
3X
0.93 (.037) 0.69 (.027) 0.25 (.010) M BAM
0.55 (.022) 0.46 (.018)
M IN IM U M R E C O M M E N D E D F O O TP R IN T 11.43 (.450)
N O TE S : 1 D IM E N S IO N S A F T E R S O LD E R D IP . 2 D IM E N S IO N IN G & TO LE R A N C IN G P E R A N S I Y 14.5M , 1982. 3 C O N T R O LLIN G D IM E N S IO N : IN C H . 4 H E A TS IN K & LE A D D IM E N S IO N S D O N O T IN C LU D E B U R R S .
LE A D A S S IG NM E N TS 1 - G A TE 2 - D R A IN 3 - S O U RC E
8.89 (.350) 17.78 (.700)
3.81 (.150) 2.08 (.082) 2X 2.54 (.100) 2X
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice. 9/98
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRG4BC30U-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X