Part Number Hot Search : 
BR206 XVT9003 3025CUR HM7550 98103A PSUT36 LC866428 JANTX2N
Product Description
Full Text Search
 

To Download IRFL014NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 95352
IRFL014NPBF
l l l l l l l
Surface Mount Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating Fast Switching Fully Avalanche Rated Lead-Free
HEXFET(R) Power MOSFET
D
VDSS = 55V RDS(on) = 0.16
G S
ID = 1.9A
Description
Fifth Generation HEXFET(R) MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET(R) power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The SOT-223 package is designed for surface-mount using vapor phase, infrared, or wave soldering techniques. Its unique package design allows for easy automatic pickand-place as with other SOT or SOIC packages but has the added advantage of improved thermal performance due to an enlarged tab for heatsinking. Power dissipation of 1.0W is possible in a typical surface mount application.
SOT-223
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 25C VGS EAS IAR EAR dv/dt TJ, TSTG Continuous Drain Current, VGS @ 10V** Continuous Drain Current, VGS @ 10V* Continuous Drain Current, VGS @ 10V* Pulsed Drain Current Power Dissipation (PCB Mount)** Power Dissipation (PCB Mount)* Linear Derating Factor (PCB Mount)* Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy* Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
2.7 1.9 1.5 15 2.1 1.0 8.3 20 48 1.7 0.1 5.0 -55 to + 150
Units
A
W W
mW/C
V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJA RJA Junction-to-Amb. (PCB Mount, steady state)* Junction-to-Amb. (PCB Mount, steady state)**
Typ.
90 50
Max.
120 60
Units
C/W
* When mounted on FR-4 board using minimum recommended footprint. ** When mounted on 1 inch square copper board, for comparison with other SMD devices.
www.irf.com
1
06/07/04
IRFL014NPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. 55 --- --- 2.0 1.6 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.054 --- --- --- --- --- --- --- 7.0 1.2 3.3 6.6 7.1 12 3.3 190 72 33
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.16 VGS = 10V, ID = 1.9A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 0.85A 1.0 VDS = 44V, VGS = 0V A 25 VDS = 44V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 11 ID = 1.7A 1.8 nC VDS = 44V 5.0 VGS = 10V, See Fig. 6 and 13 --- VDD = 28V --- ID = 1.7A ns --- RG = 6.0 --- RD = 16, See Fig. 10 --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- 41 64 1.3 A 15 1.0 61 95 V ns nC
Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 1.7A, VGS = 0V TJ = 25C, I F = 1.7A di/dt = 100A/s
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD 1.7A, di/dt 250A/s, VDD V(BR)DSS,
TJ 150C
VDD = 25V, starting TJ = 25C, L = 8.2mH
RG = 25, IAS = 3.4A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRFL014NPBF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I , Drain-to-Source Current (A) D
I , Drain-to-Source Current (A) D
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
10
1
1
4.5V
4.5V 20s PULSE WIDTH TC = 25C
0.1 1 10
0.1
A
100
0.1 0.1
20s PULSE WIDTH TJ = 150C
1 10 100
A
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
I D = 1.7A
I D , Drain-to-Source Current (A)
1.5
10
TJ = 150C TJ = 25C
1
1.0
0.5
0.1 4 5 6
V DS = 25V 20s PULSE WIDTH
7 8 9
A
0.0 -60 -40 -20 0 20 40 60 80
VGS = 10V
100 120 140 160
A
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFL014NPBF
350
300
C, Capacitance (pF)
250
Ciss
Coss
200
150
V GS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd C oss = C ds + C gd
20
I D = 1.7A V DS = 44V V DS = 28V V DS = 11V
16
12
8
100
Crss
4
50
0 1 10 100
A
0 0 2 4
FOR TEST CIRCUIT SEE FIGURE 9
6 8 10
A
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
10
I D , Drain Current (A)
10 100s
TJ = 150C TJ = 25C
1
1ms 1 10ms
0.1 0.4 0.6 0.8 1.0
VGS = 0V
1.2
A
0.1 1
TA = 25C TJ = 150C Single Pulse
10
A
100
1.4
VSD , Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFL014NPBF
QG
V DS VGS RG 10V
RD
10V
VG
QGS
QGD
D.U.T.
+
- VDD
Charge
Pulse Width 1 s Duty Factor 0.1 %
Fig 9a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
Fig 10a. Switching Time Test Circuit
VDS
50K 12V .2F .3F
90%
D.U.T. VGS
3mA
+ V - DS
10% VGS
td(on)
IG ID
tr
t d(off)
tf
Current Sampling Resistors
Fig 9b. Gate Charge Test Circuit
1000
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJA )
100
D = 0.50 0.20
10
0.10 0.05 0.02 0.01
P DM
t
1
Notes: 1. Duty factor D = t
1 t2
SINGLE PULSE (THERMAL RESPONSE)
0.1 0.00001 0.0001 0.001 0.01 0.1 1
1
/t
2
2. Peak TJ = PDM x Z thJA + T A
A
1000
10
100
t 1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRFL014NPBF
EAS , Single Pulse Avalanche Energy (mJ)
120
15V
TOP
100
BOTTOM
ID 1.5A 2.7A 3.4A
VDS
L
DRIVER
80
RG
20V
D.U.T
IAS tp
+ V - DD
60
A
0.01
40
Fig 12a. Unclamped Inductive Test Circuit
20
0
VDD = 25V
25 50 75 100 125
A
150
V(BR)DSS tp
Starting TJ , Junction Temperature (C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
6
www.irf.com
IRFL014NPBF
SOT-223 (TO-261AA) Package Outline
Dimensions are shown in milimeters (inches)
SOT-223 (TO-261AA) Part Marking Information
HEXFET PRODUCT MARKING
T HIS IS AN IRFL014
PART NUMBER INT ERNAT IONAL RECT IFIER LOGO
LOT CODE AXXXX
FL014 314P
A = AS S EMBLY S ITE DAT E CODE CODE (YYWW) YY = YEAR WW = WEEK P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL)
T OP
BOT T OM
www.irf.com
7
IRFL014NPBF
SOT-223 (TO-261AA) Tape & Reel Information
Dimensions are shown in milimeters (inches)
4.10 (.161) 3.90 (.154) 1.85 (.072) 1.65 (.065) 0.35 (.013) 0.25 (.010)
TR
2.05 (.080) 1.95 (.077)
7.55 (.297) 7.45 (.294)
7.60 (.299) 7.40 (.292) 1.60 (.062) 1.50 (.059) TYP. FEED DIRECTION 12.10 (.475) 11.90 (.469) 7.10 (.279) 6.90 (.272)
16.30 (.641) 15.70 (.619)
2.30 (.090) 2.10 (.083)
NOTES : 1. CONTROLLING DIMENSION: MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. 3. EACH O330.00 (13.00) REEL CONTAINS 2,500 DEVICES.
13.20 (.519) 12.80 (.504) 15.40 (.607) 11.90 (.469) 4
330.00 (13.000) MAX.
50.00 (1.969) MIN.
NOTES : 1. OUTLINE COMFORMS TO EIA-418-1. 2. CONTROLLING DIMENSION: MILLIMETER.. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
14.40 (.566) 12.40 (.488)
18.40 (.724) MAX. 4
3
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 06/04
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFL014NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X