Part Number Hot Search : 
DS89C TXV2N 15BCC RKV601KP 020180 MTC16 MINISM FM150
Product Description
Full Text Search
 

To Download ICL2001-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * * * *
+15.2 dB Gain -10 dBm Input IP3 +3V Single Voltage Supply Low Current Consumption: 6mA
The ICL series of Low Noise Amplifiers are general purpose, high performance LNAs designed for operation from 3V supply. The amplifiers housed in a low-cost surface mountable package provide a high output intercept point, high gain and low noise figure and require an external bias resistor for setting the bias current. The ICL2001-23 can be used for amplification in IF or RF buffer amplifiers. The amplifier provides a gain of 15dB typically at 850 MHz and has single ended input and output. The device can be operated with a single +3V supply. The IC is available in industry standard 6L-SOT23 package.
* * * *
IF or RF Buffer Amplifier Driver/Pre-Driver for CATV/SAT TV Amplifier ISM Band Transceivers - WLAN - IEEE 802.11, Bluetooth GSM/CDMA Receivers
!
"
Bias Ctrl
ICL2001-23
1 6
RFout
Gnd
2
5
Gnd
RFin
3
Bias
4
Vcc
"
#
Bias Ctrl
1
6
RFout
I
6L-SOT23
C M I 23 IC 0012 CL
Gnd
2
ICL2001-23
5
Gnd
RFin
3
4
Vcc
Performance tests for ICmic products were performed internally by ICmic and measured using specific systems and/or components. Any difference in circuit implementation, test software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at the time of this printing. ICmic assumes no responsibility for the use of this information and/or the described product(s). Prices and specifications are subject to change without notice. Copyright 2004 IC MICROSYSTEMS SDN. BHD. All worldwide rights reserved
Rev. 1.0 28/12/04
ICmic reserves the right to change the specifications without notice. For more information please visit http://www.icmic.com
1
! Pin # 1 2 3 4 5 6 Symbol Bias Ctrl Gnd RFin Vcc Gnd RFout Description Bias resistor of appropriate value connected to this pin externally controls the bias current in the circuit and thus the gain. Ground connection. Keep traces physically short and immediately connect to ground plane. RF input pin. This pin is not internally DC blocked and thus requires an external blocking capacitor suitable for the frequency of operation. Bias should be supplied to this pin externally. Please note that an RF choke inductor is required. The supply should be well-bypassed. Same as Pin 1 RF output pin. This pin is not internally DC blocked and thus requires an external blocking capacitor suitable for the frequency of operation.
$ Symbol VCC TOP TSTG TSOL Parameter Positive Power Supply
" Value +4.0 -40 to +85 -65 to +150 300 Unit VDC
o o o
! Part
" Description 6L-SOT23, 3V LNA Fully Assembled Evaluation Board
ICL2001-23 ICL2001-23-EVAL ! Parameter VCC TOP
Operating Temperature Storage Temperature Soldering Temperature
C C C
Value +3.0 +25
Unit VDC
o
Note: Stress greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
C
Unless otherwise stated, measurements were done on the evaluation board
%&' ()* ! +), ' -+ !+- + Appropriate precaution in handling, packaging and testing must be observed
Rev. 1.0 28/12/04
ICmic reserves the right to change the specifications without notice. For more information please visit http://www.icmic.com
2
!
Parameter Supply Voltage Supply Current
Test Conditions
Min
Typ +3.0 6
Max
Unit V mA
Parameter Overall Frequency Range 850 MHz Performance Gain Noise Figure Input IP3 Input P1dB Input Return Loss Output Return Loss Isolation 800 MHz Performance Gain Noise Figure Input Return Loss Output Return Loss Isolation
Test Conditions
Min 800
Typ 850
Max 900
Unit MHz
VCC=+3.0V, TOP = +25 oC
15.2 1.41 -10 -10 12.71 13.82 21.81
dB dB dBm dBm dB dB dB
VCC=+3.0V, TOP = +25 oC
15.9 1.38 10.47 17.12 22.18
dB dB dB dB dB
Pout VS Pin
Gain VS Pin
5.00 0.00 Pout (dBm) Gain (dB) -5.00 -10.00 -15.00 -20.00 -25.00 -40 -35 -30 -25 -20 Pin (dBm) -15 -10 -5 0 850 MHz
15.00 13.00 11.00 9.00 7.00 5.00 3.00 -40 -35 -30 -25 -20 Pin (dBm) -15 -10 -5 0 850 MHz
ICL2001-23 S21, Vcc=+3.0V 20.00 16.00 S21 (dB) S12 (dB) 12.00 8.00 4.00 0.00 0.00
ICL2001-23 S12, Vcc=+3.0V
1000.00 Freq (MHz)
2000.00
3000.00
-2.00 -6.00 -10.00 -14.00 -18.00 -22.00 -26.00 -30.00 -34.00 -38.00 -42.00 -46.00 -50.00 0.00
1000.00 Freq (MHz)
2000.00
Rev. 1.0 28/12/04
ICmic reserves the right to change the specifications without notice. For more information please visit http://www.icmic.com
3
ICL2001-23 S11, Vcc=+3.0V
ICL2001-23 S22, Vcc=+3.0V
Swp Min: 900 MHz
900 MHz 800 MHz 800 MHz 900 MHz
Swp Min: 800 MHz
.
!
J4
R1
1
Bias Ctrl
ICL2001-23 U1
R2
RFout
C4
RFout J3
6
2 RFin J2
Gnd
Gnd
5
C1
L1 3
RFin
Bias
Vcc
4 L2 C2
C3 J1 VCC +3V
Rev. 1.0 28/12/04
ICmic reserves the right to change the specifications without notice. For more information please visit http://www.icmic.com
4
PCB Top - Component Side
PCB SilkScreen
!
ICL2001-23 EVAL
Component Designator U1 J1 J2, J3 J4 C1 C2 C3 C4 L1 L1 R1 R2
Value
Qty 1 1 2 1
Description ICL2001-23 LNA 2 Pin Header - VCC SMA End Launch Connectors 2 Pin Header - Gain Cntrl Input Match / Blocking Cap Bypass Capacitor Bypass Capacitor Output Match / Blocking Cap Inductor Inductor Bias Cntrl Resistor Gain Cntrl Resistor
18 pF 4.7 F 470 pF 100 pF 6.8 nH 5.6 nH 47 k 1k
1 1 1 1 1 1 1 1
Rev. 1.0 28/12/04
ICmic reserves the right to change the specifications without notice. For more information please visit http://www.icmic.com
5
"
!
" #
Rev. 1.0 28/12/04
ICmic reserves the right to change the specifications without notice. For more information please visit http://www.icmic.com
6


▲Up To Search▲   

 
Price & Availability of ICL2001-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X