Part Number Hot Search : 
1067183 ED06F5 SI230 MMC4076G EP9332 FDMS7680 DL440M 2531WHI
Product Description
Full Text Search
 

To Download HT82M22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT82M22A
5-Key 3D USB+PS/2 Optical Mouse Controller
Features
* Operating voltage: 4.4V~5.25V * Compatible with Microsoft Windows 2000 and * Single chip solution especially for USB mouse
function
* HALT function and wake-up feature reduce power
5-button Wheel Mouse
* Complete Universal Serial Bus specs V1.1
consumption
* Plug and Play functions * Minimal external components * 6MHz crystal oscillator for system clock * Interface compliant with ADNS-2051, ADNS-2610
compatibility
* Serial Bus Interface Engine (SIE) * USB transceiver * Microsoft 3D Intelli mouse and IBM PS/2 mouse
compatible
* Supports five buttons and Z-axes input * Z-axis can support two kinds of scroller input
and ADNS-2620
* Pass WHQL, USB-IF and EMC testing * 20-pin DIP package
(optomechanical and mechanical)
General Description
HT82M22A is a Plug and Play Windows 2000 and 5-button 3D USB+PS/2 Mouse controller. The HT82M22A can support the USB Standard Request as well as HID Class Request version 1.1. It is compatible with Microsoft Intelli 3D PS/2 mouse. The Z-axis can support two kinds of scroller input, namely; mechanical and optomechanical. It requires minimal external components to implement 3D USB plus PS/2 mouse. All its features combined and make up this versatile Holtek 8-bit MCU with an on-chip USB interface logic. The USB is specified by the Universal Serial Bus Specification V1.1.
Block Diagram
USB T r a n s c e iv e r USB R e c e iv e r
R e g is te r Set
USBD+ USBD-
USB T r a n s m itte r
V33O
V o lta g e R e g u la to r
USB In te rfa c (S a Co Lo
S e r ia l e E n g in e IE ) nd n tro l g ic
H o lte k 8 - b it M ic r o c o n tr o lle r
OSC1 OSC2
C lo c k G e n e ra to r RC RESET
M a in S ta te m a c h in e S u s p e n s io n C o n tro l
F IF O s 2 VDD VSS
Rev. 1.10
1
August 4, 2004
HT82M22A
Pin Assignment
VSS 1 2 3 4 5 6 7 8 9 10 V33O U S B D + /C L K U S B D - /D A T A RESET SEL1 S D IO SC LK SEL0 RB0 20 19 18 17 16 M R L Z2 Z1 RB1 15 14 13 12 11 OSC1 OSC2 VDD LED
HT82M 22A 2 0 D IP -A
Pin Description
Pin No. 1 2 3 4 5 Pin Name VSS V33O USBD+/CLK USBD-/DATA RESET I/O 3/4 Negative power supply, ground O 3.3V voltage output I/O USB data plus or PS2 Clock, F/W auto-detect USBD+ for USB, CLK for PS2 I/O USB data minus or PS2 Data, F/W auto-detect USB- for USB, DATA for PS2 I Chip reset input, low active Configuration selections For ANDS 2051: SEL0=0: 800DPI (default) SEL0=1: 400DPI SEL1=0: Z-axis is divided by 2 (default) SEL1=1: Z-axis is divided by 4 For ANDS 2610/2620: SEL1=0, SEL0=dont care: Z-axis is divided by 2 (default) SEL1=1, SEL0=0: Z-axis is divided by 4 Description
6, 9
SEL1 SEL0
I
7 8
SDIO SCLK(PA5)
I/O Serial data for Agilent sensor IC SDIO I I I Serial data for Agilent sensor IC SCLK Click button detection. Input ports with 30kW pull-high resistor. Input ports with pull-high resistor. These pads can function as Left, Right, Middle, B4 and B5 button input lines. Z-axis input supports two kinds of scroller input; optomechanical and mechanical.
10, 11 RB0, RB1 14, 15, 16 L, R, M 12, 13 17 18 19 20 Z1, Z2 LED VDD OSC2 OSC1
I/O Drives LED output 3/4 5V positive power supply O I 6MHz OSC output 6MHz OSC input
Absolute Maximum Ratings
Supply Voltage ..............................VSS-0.3V to VSS+6V MCU Input Voltage.....................VSS-0.3V to VDD+0.3V USB Input Voltage ....................VSS-0.3V to V33O+0.3V Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability. Storage Temperature ............................-50C to 125C Operating Temperature...........................-25C to 70C
Rev. 1.10
2
August 4, 2004
HT82M22A
D.C. Characteristics
Symbol VDD IDD ISUS VIL1 VIH1 VIL2 VIH2 VPOR IOL Parameter Operating Voltage Operating Current (Crystal OSC) USB Suspend Mode Input Low Voltage (Z1, Z2, L, M, R) Input High Voltage (Z1, Z2, L, M, R) Input Low Voltage (RESET) Input High Voltage (RESET) Built-in Power on Reset VDD Detection Voltage Sink Current (LED) Test Conditions VDD 3/4 5V 5V 5V 5V 5V 5V 5V 5V VOL=0.8V No load, fSYS=6MHz Conditions 3/4 USB mode PS/2 mode Min. 4.4 3/4 3/4 3/4 0 3.5 0 3.5 3/4 3/4 Typ. 3/4 10 3 3/4 3/4 3/4 3/4 3/4 3.7 50 Max. 5.25 3/4 3/4 250 1.0 5 1.5 5 3/4 3/4 Ta=25C Unit V mA mA mA V V V V V mA
No load, system HALT 3/4 3/4 3/4 3/4 3/4
A.C. Characteristics
Symbol fSYS Parameter System Clock (Crystal OSC) Test Conditions VDD 5V Conditions 3/4 Min. 0 Typ. 6000 Max. 3/4
Ta=25C Unit kHz
Note: tSYS=1/fSYS
Timing Diagram
Z-axis Photo-Coupler Crossed Width
Z1 Z2 tr N o te : F o r Z - a x is tr, tP , tf > 1 m s tP tf
Z-axis Counting
Z1 Z2 +1 +1 -1 -1
Rev. 1.10
3
August 4, 2004
HT82M22A
Application Circuits
This Application Circuit is for Reference Only
V VDD USBUSB+ VSS 4 1 5kW SW 1 5kW SW 2 6 7 8 9 10 S D IO SC LK 3 4 5 2 20 1 2 D D M R L Z2 Z1 RB1 10kW 0 .1 m F RB0 33W 33W 1 .5 k W 33pF 33pF RB1 MB RB LB 6M H z 0 .1 m F N o te : SW SW SW SW 1= 1= 2= 2= op c lo op c lo en se en se :8 :4 :Z :Z 0 0 d p i ( d e fa u lt) 00dpi /2 ( d e fa u lt) /4 19 18 17 16 15 14 13 12 11 100kW 5 4 0 .1 m F 3 2 1 10mF 0 .0 1 m F 33W C 30kW 1kW 0 .1 m F
DD
VSS V33O U S B D + /C L K U S B D - /D A T A RE SE SD SC SE RB SET L1 IO LK L0 0 H T82M 22A
OSC OSC VD LE
A
B
13 15kW 1 8 .4 3 2 M H z 9 11 3 2 14 R _ B IN VDD REFA REFB XY_LED PD S D IO SC LK GND GND 8 6 15 16 1 12 10 7
0 .1 m F 2 .2 m F 0W
O S C _ IN O SC_O UT XB XA YB YA
S D IO SC LK
ADNS2051
30pF
1M W
30pF
V VDD USBUSB+ VSS 4 1 5kW SW 1 5kW SW 2 6 7 8 9 10 S D IO SC LK 3 4 5 2 3 2 1 10mF
DD
0 .0 1 m F 33W 20 19 18 17 16 15 14 13 12 11 100kW 0 .1 m F C 30kW 1kW A
0 .1 m F 100W 7 B VDD XY_LED 24M Hz 1 2 6 O S C _ IN O SC_O UT GND ADNS2610 S D IO SC LK REFA 8 2 .2 m F 4 3 5 100kW 1kW
VSS V33O U S B D + /C L K U S B D - /D A T A RE SE SD SC SE RB SET L1 IO LK L0 0 H T82M 22A
OS OS V L
C1 C2 DD ED M R L Z2 Z1 RB1 10kW
S D IO SC LK
0 .1 m F
RB0 33W 33W 1 .5 k W 33pF 33pF RB1
MB RB LB 6M H z
0 .1 m F
N o te :
( S W 2 = o p e n , S W 1 = X ) : Z /2 ( d e fa u lt) ( S W 2 = c lo s e , S W 1 = o p e n ) : Z /4
30pF
1M W
30pF
Note:
Layout 0.1mF capacitor, 33W resistor and 0.01mF capacitor as close to VDD pin as possible.
Rev. 1.10
4
August 4, 2004
HT82M22A
Package Information
20-pin DIP (300mil) Outline Dimensions
A 20 B 1 11 10
H C D E F G
a
I
Symbol A B C D E F G H I a
Dimensions in mil Min. 1020 240 125 125 16 50 3/4 295 335 0 Nom. 3/4 3/4 3/4 3/4 3/4 3/4 100 3/4 3/4 3/4 Max. 1045 260 135 145 20 70 3/4 315 375 15
Rev. 1.10
5
August 4, 2004
HT82M22A
Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Taipei Sales Office) 4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan Tel: 886-2-2655-7070 Fax: 886-2-2655-7373 Fax: 886-2-2655-7383 (International sales hotline) Holtek Semiconductor Inc. (Shanghai Sales Office) 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China 200233 Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor Inc. (Shenzhen Sales Office) 43F, SEG Plaza, Shen Nan Zhong Road, Shenzhen, China 518031 Tel: 0755-8346-5589 Fax: 0755-8346-5590 ISDN: 0755-8346-5591 Holtek Semiconductor Inc. (Beijing Sales Office) Suite 1721, Jinyu Tower, A129 West Xuan Wu Men Street, Xicheng District, Beijing, China 100031 Tel: 010-6641-0030, 6641-7751, 6641-7752 Fax: 010-6641-0125 Holmate Semiconductor, Inc. (North America Sales Office) 46712 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com
Copyright O 2004 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
Rev. 1.10
6
August 4, 2004


▲Up To Search▲   

 
Price & Availability of HT82M22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X