|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HE6002 Issued Date : 1994.03.02 Revised Date : 2002.01.17 Page No. : 1/3 HJ32C PNP EPITAXIAL PLANAR TRANSISTOR Description The HJ32C is designed for use in general purpose amplifier and low speed switching applications. Absolute Maximum Ratings (Ta=25C) TO-252 * Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 15 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage.................................................................................... -100 V BVCEO Collector to Emitter Voltage................................................................................. -100 V BVEBO Emitter to Base Voltage........................................................................................... -5 V IC Collector Current.............................................................................................................. -3 A Characteristics (Ta=25C) Symbol BVCBO BVCEO ICES ICEO IEBO *VCE(sat) *VBE(on) *hFE1 *hFE2 fT Min. -100 -100 25 10 3 Typ. Max. -20 -50 -1 -1.2 -1.8 50 Unit V V uA uA mA V V Test Conditions IC=-1mA, IE=0 IC=-30mA, IB=0 VCE=-100V, VEB=0 VCE=-60V, IB=0 VEB=-5V, IC=0 IC=-3A, IB=-375mA VCE=-4V, IC=-3A VCE=-4V, IC=-1A VCE=-4V, IC=-3A VCE=-10V, IC=-500mA, f=1MHz *Pulse Test: Pulse Width 380us, Duty Cycle2% MHz HJ32C HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Characteristics Curve Current Gain & Collector Current 100 1000 Spec. No. : HE6002 Issued Date : 1994.03.02 Revised Date : 2002.01.17 Page No. : 2/3 Saturation Voltage & Collector Current Saturation Voltage (mV) 125 C o 75 C o hFE 25 C o 75 C 125 C 25 C VCE(sat) @ IC=8IB o o o hFE @ VCE=4V 10 1 10 100 1000 10000 100 1 10 100 1000 10000 Collector Current IC (mA) Collector Current IC (mA) ON Voltage & Collector Current 10000 10.00 Switching Time & Collector Current VCC=30V, IC=10IB1 =-10IB2 Switching Times (us). . ON Voltage (mV) 1.00 1000 25 C o Ton Tstg 0.10 Tf 125 C o 75 C o VBE(ON) @ VCE=4V 100 1 10 100 1000 10000 0.01 0.1 1.0 10.0 Collector Current IC (mA) Collector Current (A) Capacitance & Reverse-Biased Voltage 1000 10000 Safe Operating Area Collector Current (mA) 1000 PT=1ms Capacitance (pF) 100 100 PT=100ms PT=1s Cob 10 10 0.1 1 10 100 1 1 10 100 1000 Reverse-Biased Voltage (V) Forward Voltage (V) HJ32C HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. TO-252 Dimension A C Spec. No. : HE6002 Issued Date : 1994.03.02 Revised Date : 2002.01.17 Page No. : 3/3 Marking: H 32C Date Code J B D Control Code L F G Style: Pin 1.Base 2.Collector 3.Emitter 3 H E K 2 I 1 J 3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code: J *: Typical DIM A B C D E F Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283 Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80 DIM G H I J K L Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630 Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60 Notes: 1.Dimension and tolerance based on our Spec. dated May. 05,1996. 2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office. Material: * Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: * Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HJ32C HSMC Product Specification |
Price & Availability of HJ32C |