Part Number Hot Search : 
TC1508 6025BVR MC145017 M13252DG CJ7915F PLO3400 CJ3400A MC34018
Product Description
Full Text Search
 

To Download GBLA02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBLA005 thru GBLA10
New Product
Vishay Semiconductors
formerly General Semiconductor
Case Type GBL
0.125 (3.17) x 45 degrees Chamfer 0.825 (20.9) 0.815 (20.7)
Glass Passivated Single-Phase Bridge Rectifiers
Features
0.421 (10.7) 0.411 (10.4)
Reverse Voltage 50 and 1000V Forward Current 4.0A
0.080 (2.03) 0.060 (1.50)
0.095 (2.41) 0.080 (2.03) 0.098 (2.5) 0.075 (1.9) 0.050 (1.27) 0.040 (1.02) 0.210 (5.3) 0.190 (4.8) 0.040 (1.02) 0.030 (0.76) 0.022 (0.56) 0.018 (0.46)
0.098 (2.5) 0.075 (1.9) 0.718 (18.2) 0.682 (17.3) Lead Depth 0.022 (0.56) 0.018 (0.46)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * This series is UL listed under the Recognized Component Index, file number E54214 * Glass passivated chip junction * High case dielectric strength * High surge current capability * Ideal for printed circuit boards * High temperature soldering guaranteed: 260C/10 seconds, 0.375 (9.5mm) lead length, 5lbs. (2.3kg) tension
Mechanical Data
0.140 (3.56) 0.128 (3.25)
Polarity shown on front side of case, positive lead beveled corner.
Dimensions in inches and (millimeters)
Case: Molded plastic body over passivated junctions Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting Position: Any Weight: 0.071 oz., 2.0 g Packaging codes/options: 1/400 ea. per Bulk Tray Stack
Ratings at 25C ambient temperature unless otherwise specified.
Maximum Ratings & Thermal Characteristics
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current at TC = 50C Note 1 TA = 40C Note 2 Symbol VRRM VRMS VDC IF(AV) IFSM I2t RJA RJL TJ,TSTG 50 35 50
GBLA GBLA GBLA GBLA GBLA GBLA GBLA 005 01 02 04 06 08 10
Unit V V V A A A2sec C/W C
100 70 100
200 140 200
400 280 400 4.0 3.0 120 60 47 10
600 420 600
800 560 800
1000 700 1000
Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Rating for fusing (t < 8.3ms) Typical thermal resistance per leg Operating junction storage and temperature range
-55 to +150
Electrical Characteristics
Parameter
Ratings at 25C ambient temperature unless otherwise specified.
Symbol VF IR
GBLA GBLA GBLA GBLA GBLA GBLA GBLA 005 01 02 04 06 08 10
Unit V A
Maximum instantaneous forward drop per leg at 4.0A Maximum DC reverse current at rated DC blocking voltage per leg TA = 25C TA = 125C
1.0 5.0 500
Notes: (1) Unit mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3cm) Aluminum plate (2) Unit mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x12mm) copper pads
Document Number 88610 19-Feb-02
www.vishay.com 1
GBLA005 thru GBLA10
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 -- Derating Curves Output Rectified Current
Average Forward Output Current (A)
5.0
Fig. 2 -- Maximum Non-Repetitive Peak Forward Surge Current Per Leg
150
Peak Forward Surge Current (A)
60 Hz Resistive or Inductive Load Heat-Sink Mounting 3.0 x 3.0 x 0.11" Thick (7.5 x 7.5 x 0.3cm) Aluminum Plate
4.0 3.0
TJ = TJ max. Single Sine-Wave (JEDEC Method)
100
2.0
P.C.B. Mounting 0.47 x 0.47" (12 x 12mm) Copper pads with 0.375" (9.5mm) lead length
50
1.0 Cycle
1.0
0
0 0 50 100 150 1 10 100
Ambient Temperature (C)
Number of Cycles at 60Hz
Fig. 3 -- Typical Forward Voltage Characteristics Per Leg
100
500
Fig. 4 -- Typical Reverse Leakage Characteristics Per Leg
Instantaneous Reverse Current (A)
50 -- 400V 600 -- 1000V
Instantaneous Forward Current (A)
100
10
10
TA = 125C
1
1
0.1
TJ = 25C Pulse width = 300s 1% Duty Cycle
0.1
TA = 25C
0.01 0 20 40 60 80 100
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (V)
Fig. 5 -- Typical Junction Capacitance Per Leg
1,000
Fig. 6 -- Typical Transient Thermal Impedance Per Leg
Transient Thermal Impedance (C/W)
100
Junction Capacitance (pF)
TJ = 25C f = 1.0MHz Vsig = 50mVp-p
10
100
1
10 0.1
50 -- 400V 600 -- 1000V
1
10
100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V)
www.vishay.com 2
t, Heating Time (sec.)
Document Number 88610 19-Feb-02


▲Up To Search▲   

 
Price & Availability of GBLA02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X