Part Number Hot Search : 
FFIV1 24010 MA2Z357 54100MA KA5L0165 DM74AL P0432T YRT187M
Product Description
Full Text Search
 

To Download FSM105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
FSM101 THRU FSM107
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES
* * * * ldeal for surface mounted applications Low leakage current Fast switching for high efficiency Glass passivated junction
SM-1(DO-213AB)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant *Terminals: Solder plated solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.12 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 55o C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 3) Maximum Thermal Resistance (Note 2) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range @TA = 25 o C @TA = 125 oC VRRM VRMS VDC IO IFSM VF IR trr RJL CJ TJ, TSTG
FSM101 FSM102 FSM103 FSM104 FSM105 FSM106 FSM107 UNITS 50 35 50 100 70 100 200 140 200 400 280 400 1.0 30 1.3 5.0 100 150 30 15 -65 to + 175 250 500 nSec
0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts uAmps
C/ W pF
0
C
NOTES : 1. Measured at 1.0 MHz and applied reverse voltage of 4.0VDC 2. Thermal resistance (Junction to Ambient), .24in2 (6.0mm2)copper pads to each terminal. 3. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
288
NEXT
BACK NEXT
EXIT BACK
RATING AND CHARACTERISTIC CURVES ( FSM101 THRU FSM107 )
DC COMPONENTS CO., LTD.
R
289
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of FSM105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X