Part Number Hot Search : 
HCF4023 TLM626NS DDZ9696 TLP62 2412S MAX977 128Y1 MB90423G
Product Description
Full Text Search
 

To Download DS53-0005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Cost Three-Way GMIC SMT Power Divider
DS53-0005
DS53-0005
Preliminary Specifications
Low Cost Three-Way GMIC SMT Power Divider 1850 - 1990 MHz
Features
* * * * * * * Small Size and Low Profile Industry Standard SOIC-8 SMT Plastic Package Excellent Amplitude and Phase Balance Superior Repeatability Typical Insertion Loss: 1.0 dB Typical Isolation: 18 dB 1 Watt Power Handling
SOIC-8
Description
M/A-COM's DS53-0005 is an IC-based monolithic power divider using M/A-COM's GMIC technology in a low cost SOIC-8 plastic package. This 3-way power divider is ideally suited for applications where small size, low insertion loss, superior phase/ amplitude tracking and low cost are required. Typical applications include personal communication systems and other communication applications where size and PCB real estate are at a premium. Available in tape and reel. The DS53-0005 is fabricated using a passive-integrated circuit process. The process features full-chip passivation for increased performance and reliability.
Ordering Information
Part Number DS53-0005 DS53-0005-TR DS53-0005-RTR Package SOIC 8-Lead Plastic Package 1 Forward Tape and Reel 1 Reverse Tape and Reel
1. If specific reel size is required, consult factory for part number assignment.
Typical Electrical Specifications , TA= +25C
Parameters Insertion Loss Above 4.8 dB Isolation VSWR Input Amplitude Balance Phase Balance Units dB dB -- dB Min. -- 12 -- -- -- Typ. 1.0 18 1.8:1 0.3 7 Max. 1.4 -- 2.0:1 0.6 14
1
1. All specifications apply with a 50-ohm source and load impedance.
V1.00 M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. The preliminary specifications data sheet contains typical electrical specifications which may change prior to final introduction.
Low Cost Three-Way GMIC SMT Power Divider
1
DS53-0005
Absolute Maximum Ratings
Parameter Input Power Operating Temperature Storage Temperature
2
Functional Diagram
Absolute Maximum 1W CW -40C to +85C -65C to 150C
1. Exceeding these limits may cause permanent damage. 2. With internal load dissipation of 0.125 W maximum.
Recommended PIN Configuration
Pins labeled as ground should be DC and RF grounded.
Typical Performance @ +25C
Insertion Loss vs. Frequency
(Dashed lines show amplitude balance window)
0
VSWR vs. Frequency
2 1 .9 1 .8 1 .7 1 .6 1 .5 1 .4 1 .3 1 .2 1 .1 1 1850
R R R R F In F1 F2 F3
Insertion Loss dB
-0 .5
-1
-1 .5
-2 1850
1888
1925
1963
2000
F re q u e n c y M H z
VSWR
1888
1925
1963
2000
F re q u e n c y M H z
Phase Balance vs. Frequency Isolation vs. Frequency
0 -5
R F 1 -R F 2 R F 1 -R F 3 R F 2 -R F 3
(Relative to RF1)
10 8 6 4 2 0 -2 -4 -6 -8 -1 0 1850
RF1 RF2 RF3
Isolation dB
-1 0 -1 5 -2 0 -2 5 -3 0 -3 5 -4 0 1850 1888 1925 1963
Phase, degrees
2000
1888
1925
1963
2000
F re q u e n c y M H z
F re q u e n c y M H z
V1.00 M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. The preliminary specifications data sheet contains typical electrical specifications which may change prior to final introduction.


▲Up To Search▲   

 
Price & Availability of DS53-0005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X