Part Number Hot Search : 
X9250 1N5369B 58SFBB 1595MNR2 NID30 31BCP EL400CS MH80626C
Product Description
Full Text Search
 

To Download CP82C84AZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
82C84A
Data Sheet December 6, 2005 FN2974.3
CMOS Clock Generator Driver
The Intersil 82C84A is a high performance CMOS Clock Generator-driver which is designed to service the requirements of both CMOS and NMOS microprocessors such as the 80C86, 80C88, 8086 and the 8088. The chip contains a crystal controlled oscillator, a divide-by-three counter and complete "Ready" synchronization and reset logic. Static CMOS circuit design permits operation with an external frequency source from DC to 25MHz. Crystal controlled operation to 25MHz is guaranteed with the use of a parallel, fundamental mode crystal and two small load capacitors. All inputs (except X1 and RES) are TTL compatible over temperature and voltage ranges. Power consumption is a fraction of that of the equivalent bipolar circuits. This speed-power characteristic of CMOS permits the designer to custom tailor his system design with respect to power and/or speed requirements.
Features
* Generates the System Clock For CMOS or NMOS Microprocessors * Up to 25MHz Operation * Uses a Parallel Mode Crystal Circuit or External Frequency Source * Provides Ready Synchronization * Generates System Reset Output From Schmitt Trigger Input * TTL Compatible Inputs/Outputs * Very Low Power Consumption * Single 5V Power Supply * Operating Temperature Ranges - C82C84A . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C - I82C84A . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C - M82C84A . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C * Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART NUMBER CP82C84A CP82C84AZ (See Note) IP82C84A CS82C84A CS82C84AZ (Note) PART MARKING CP82C84A CP82C84AZ IP82C84A CS82C84A CS82C84AZ TEMP. RANGE (C) 0 to +70 0 to +70 -40 to +85 0 to +70 0 to +70 0 to +70 PACKAGE 18 Ld PDIP 18 Ld PDIP* (Pb-free) 18 Ld PDIP 20 Ld PLCC 20 Ld PLCC (Pb-free) PKG. DWG. # E18.3 E18.3 E18.3 N20.35 N20.35
Pinouts
CSYNC PCLK AEN1 RDY1 READY RDY2 AEN2 CLK GND
82C84A (PDIP, CERDIP) TOP VIEW
1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 VCC X1 X2 ASYNC EFI F/C OSC RES RESET
CS82C84AZ96 CS82C84AZ (Note) IS82C84A CD82C84A ID82C84A MD82C84A/B 8406801VA MR82C84A/B 84068012A IS82C84A CD82C84A ID82C84A MD82C84A/B 8406801VA MR82C84A/B 84068012A
N20.35 20 Ld PLCC Tape and Reel (Pb-free) 20 Ld PLCC N20.35 18 Ld CERDIP F18.3 18 Ld CERDIP F18.3
-40 to +85 0 to +70 -40 to +85
PCLK
AEN1
VCC 20
-55 to +125 20 Pad CLCC J20.A -55 to +125 20 Pad CLCC J20.A SMD#
RDY1 READY RDY2 AEN2 NC 4 5 6 7 8
3
2
1
19 18 17 16 15 14 X2 ASYNC EFI F/C NC
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
9 CLK
10 GND
11 RESET
12 RES
13 OSC
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 1997, 2002, 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
X1
-55 to +125 18 Ld CERDIP F18.3 SMD#
CSYNC
-55 to +125 18 Ld CERDIP F18.3
82C84A (PLCC, CLCC) TOP VIEW
82C84A Functional Diagram
11 RES X1 X2 17 16 XTAL OSCILLATOR
D CK
Q
10 RESET 12 OSC
F/C EF1 CSYNC RDY1 AEN1 RDY2 AEN2 ASYNC
13 14 1 4 3 6 7 15 CK D Q FF1
/3 SYNC
/2 SYNC
2 PCLK
8 CLK
CK 5 D Q FF2
READY
CONTROL PIN F/C RES RDY1, RDY2 AEN1, AEN2 ASYNC
LOGICAL 1 External Clock Normal Bus Ready Address Disabled 1 Stage Ready Synchronization
LOGICAL 0 Crystal Drive Reset Bus Not Ready Address Enable 2 Stage Ready Synchronization
2
FN2974.3 December 6, 2005
82C84A Pin Description
SYMBOL AEN1, AEN2 NUMBER 3, 7 TYPE I DESCRIPTION ADDRESS ENABLE: AEN is an active LOW signal. AEN serves to qualify its respective Bus Ready Signal (RDY1 or RDY2). AEN1 validates RDY1 while AEN2 validates RDY2. Two AEN signal inputs are useful in system configurations which permit the processor to access two Multi-Master System Busses. In non-Multi-Master configurations, the AEN signal inputs are tied true (LOW). BUS READY (Transfer Complete). RDY is an active HIGH signal which is an indication from a device located on the system data bus that data has been received, or is available RDY1 is qualified by AEN1 while RDY2 is qualified by AEN2. READY SYNCHRONIZATION SELECT: ASYNC is an input which defines the synchronization mode of the READY logic. When ASYNC is low, two stages of READY synchronization are provided. When ASYNC is left open or HIGH, a single stage of READY synchronization is provided. READY: READY is an active HIGH signal which is the synchronized RDY signal input. READY is cleared after the guaranteed hold time to the processor has been met. CRYSTAL IN: X1 and X2 are the pins to which a crystal is attached. The crystal frequency is 3 times the desired processor clock frequency, (Note 1). FREQUENCY/CRYSTAL SELECT: F/C is a strapping option. When strapped LOW. F/C permits the processor's clock to be generated by the crystal. When F/C is strapped HIGH, CLK is generated for the EFI input, (Note 1). EXTERNAL FREQUENCY IN: When F/C is strapped HIGH, CLK is generated from the input frequency appearing on this pin. The input signal is a square wave 3 times the frequency of the desired CLK output. PROCESSOR CLOCK: CLK is the clock output used by the processor and all devices which directly connect to the processor's local bus. CLK has an output frequency which is 1/3 of the crystal or EFI input frequency and a 1/3 duty cycle. PERIPHERAL CLOCK: PCLK is a peripheral clock signal whose output frequency is 1/2 that of CLK and has a 50% duty cycle. OSCILLATOR OUTPUT: OSC is the output of the internal oscillator circuitry. Its frequency is equal to that of the crystal. RESET IN: RES is an active LOW signal which is used to generate RESET. The 82C84A provides a Schmitt trigger input so that an RC connection can be used to establish the power-up reset of proper duration. RESET: RESET is an active HIGH signal which is used to reset the 80C86 family processors. Its timing characteristics are determined by RES. CLOCK SYNCHRONIZATION: CSYNC is an active HIGH signal which allows multiple 82C84As to be synchronized to provide clocks that are in phase. When CSYNC is HIGH the internal counters are reset. When CSYNC goes LOW the internal counters are allowed to resume counting. CSYNC needs to be externally synchronized to EFI. When using the internal oscillator CSYNC should be hardwired to ground. Ground VCC: The +5V power supply pin. A 0.1F capacitor between VCC and GND is recommended for decoupling.
RDY1, RDY2 ASYNC
4, 6
I
15
I
READY X1, X2 F/C
5 17, 16 13
O IO I
EFI
14
I
CLK
8
O
PCLK OSC RES
2 12 11
O O I
RESET CSYNC
10 1
O I
GND VCC NOTE:
9 18
1. If the crystal inputs are not used X1 must be tied to VCC or GND and X2 should be left open.
3
FN2974.3 December 6, 2005
82C84A Functional Description
Oscillator The oscillator circuit of the 82C84A is designed primarily for use with an external parallel resonant, fundamental mode crystal from which the basic operating frequency is derived. The crystal frequency should be selected at three times the required CPU clock. X1 and X2 are the two crystal input crystal connections. For the most stable operation of the oscillator (OSC) output circuit, two capacitors (C1 = C2) as shown in the waveform figures are recommended. The output of the oscillator is buffered and brought out on OSC so that other system timing signals can be derived from this stable, crystal-controlled source.
TABLE 1. CRYSTAL SPECIFICATIONS PARAMETER Frequency Type of Operation Unwanted Modes Load Capacitance TYPICAL CRYSTAL SPEC 2.4 - 25MHz, Fundamental, "AT" cut Parallel 6dB (Minimum) 18 - 32pF
Clock Outputs
The CLK output is a 33% duty cycle clock driver designed to drive the 80C86, 80C88 processors directly. PCLK is a peripheral clock signal whose output frequency is 1/2 that of CLK. PCLK has a 50% duty cycle.
Reset Logic
The reset logic provides a Schmitt trigger input (RES) and a synchronizing flip-flop to generate the reset timing. The reset signal is synchronized to the falling edge of CLK. A simple RC network can be used to provide power-on reset by utilizing this function of the 82C84A.
READY Synchronization
Two READY input (RDY1, RDY2) are provided to accommodate two system busses. Each input has a qualifier (AEN1 and AEN2, respectively). The AEN signals validate their respective RDY signals. If a Multi-Master system is not being used the AEN pin should be tied LOW. Synchronization is required for all asynchronous active-going edges of either RDY input to guarantee that the RDY setup and hold times are met. Inactive-going edges of RDY in normally ready systems do not require synchronization but must satisfy RDY setup and hold as a matter of proper system design. The ASYNC input defines two modes of READY synchronization operation. When ASYNC is LOW, two stages of synchronization are provided for active READY input signals. Positive-going asynchronous READY inputs will first be synchronized to flipflop one of the rising edge of CLK (requiring a setup time tR1VCH) and the synchronized to flip-flop two at the next falling edge of CLK, after which time the READY output will go active (HIGH). Negative-going asynchronous READY inputs will be synchronized directly to flip-flop two at the falling edge of CLK, after which the READY output will go inactive. This mode of operation is intended for use by asynchronous (normally not ready) devices in the system which cannot be guaranteed by design to meet the required RDY setup timing, TR1VCL, on each bus cycle. When ASYNC is high or left open, the first READY flip-flop is bypassed in the READY synchronization logic. READY inputs are synchronized by flip-flop two on the falling edge of CLK before they are presented to the processor. This mode is available for synchronous devices that can be guaranteed to meet the required RDY setup time. ASYNC can be changed on every bus cycle to select the appropriate mode of synchronization for each device in the system.
Capacitors C1, C2 are chosen such that their combined capacitance
C1 x C2 CT = --------------------- (Including stray capacitance) C1 + C2
matches the load capacitance as specified by the crystal manufacturer. This ensures operation within the frequency tolerance specified by the crystal manufacturer. Clock Generator The clock generator consists of a synchronous divide-bythree counter with a special clear input that inhibits the counting. This clear input (CSYNC) allows the output clock to be synchronized with an external event (such as another 82C84A clock). It is necessary to synchronize the CSYNC input to the EFI clock external to the 82C84A. This is accomplished with two flip-flops. (See Figure 1). The counter output is a 33% duty cycle clock at one-third the input frequency.
NOTE: The F/C input is a strapping pin that selects either the crystal oscillator or the EFI input as the clock for the / 3 counter. If the EFI input is selected as the clock source, the oscillator section can be used independently for another clock source. Output is taken from OSC.
4
FN2974.3 December 6, 2005
82C84A
EFI CLOCK SYNCHRONIZE EFI D Q D Q 82C84A CSYNC
>
>
(TO OTHER 82C84As)
NOTE: If EFI input is used, then crystal input X1 must be tied to VCC or GND and X2 should be left open. If the crystal inputs are used, then EFI should be tied to VCC or GND. FIGURE 1. CSYNC SYNCHRONIZATION
5
FN2974.3 December 6, 2005
82C84A
Absolute Maximum Ratings
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Information
Thermal Resistance. . . . . . . . . . . . . . . . . JA (oC/W) JC (oC/W) CERDIP Package. . . . . . . . . . . . . . . . . 80 20 CLCC Package . . . . . . . . . . . . . . . . . . 95 28 PDIP Package* . . . . . . . . . . . . . . . . . . 85 N/A PLCC Package. . . . . . . . . . . . . . . . . . . 85 N/A Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC Max Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . .+175oC Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . .+300oC (PLCC - Lead Tips Only) *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V Operating Temperature Range C82C84A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC I82C84A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC M82C84A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50 Gates
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications VCC = +5.0V 10%,
TA = 0oC to +70oC (C82C84A), TA = -40oC to +85oC (I82C84A), TA = -55oC to +125oC (M82C84A) SYMBOL VIH VIL VIHR VILR VT+ - VTVOH VOL II ICCOP NOTES: 1. F/C is a strap option and should be held either 0.8V or 2.2V. Does not apply to X1 or X2 pins. 2. Due to test equipment limitations related to noise, the actual tested value may differ from that specified, but the specified limit is guaranteed. 3. CSYNC pin is tested with VIL 0.8V. 4. ASYNC pin includes an internal 17.5k nominal pull-up resistor. For ASYNC input at GND, ASYNC input leakage current = 300A nominal, X1 - crystal feedback input. 5. f = 25MHz may be tested using the extrapolated value based on measurements taken at f = 2MHz and f = 10MHz. PARAMETER Logical One Input Voltage Logical Zero Input Voltage Reset Input High Voltage Reset Input Low Voltage Reset Input Hysteresis Logical One Output Current Logical Zero Output Voltage Input Leakage Current Operating Power Supply Current MIN 2.0 2.2 VCC -0.8 0.2 VCC VCC -0.4 -1.0 MAX 0.8 0.5 0.4 1.0 40 UNITS V V V V V V V A mA IOH = -4.0mA for CLK Output IOH = -2.5mA for All Others IOL = +4.0mA for CLK Output IOL = +2.5mA for All Others VIN = VCC or GND except ASYNC, X1: (Note 4) Crystal Frequency = 25MHz Outputs Open, Note 5 TEST CONDITIONS C82C84A, I82C84 M82C84A, Notes 1, 2 Notes 1, 2, 3
Capacitance TA = +25oC
SYMBOL CIN COUT PARAMETER Input Capacitance Output Capacitance TYPICAL 10 15 UNITS pF pF TEST CONDITIONS FREQ = 1MHz, all measurements are referenced to device GND
6
FN2974.3 December 6, 2005
82C84A
AC Electrical Specifications VCC = +5V 10%,
TA = 0oC to +70oC (C82C84A), TA = -40oC to +85oC (I82C84A), TA = -55oC to +125oC (M82C84A) LIMITS SYMBOL TIMING REQUIREMENTS (1) (2) (3) TEHEL TELEH TELEL External Frequency HIGH Time External Frequency LOW Time EFI Period XTAL Frequency (4) (5) (6) (7) (8) (9) (10) (11) (12) (13) (14) (15) (16) TR2VCL TR1VCH TR1VCL TCLR1X TAYVCL TCLAYX TA1VR1V TCLA1X TYHEH TEHYL TYHYL TI1HCL TCLI1H RDY1, RDY2 Active Setup to CLK RDY1, RDY2 Active Setup to CLK RDY1, RDY2 Inactive Setup to CLK RDY1, RDY2 Hold to CLK ASYNC Setup to CLK ASYNC Hold to CLK AEN1, AEN2 Setup to RDY1, RDY2 AEN1, AEN2 Hold to CLK CSYNC Setup to EFI CSYNC Hold to EFI CSYNC Width RES Setup to CLK RES Hold to CLK 13 13 36 2.4 35 35 35 0 50 0 15 0 20 20 2 TELEL 65 20 25 ns ns ns MHz ns ns ns ns ns ns ns ns ns ns ns ns ns Note 3 Note 3 Note 2 ASYNC = HIGH ASYNC = LOW 90%-90% VIN 10%-10% VIN PARAMETER MIN MAX UNITS (NOTE 1) TEST CONDITIONS
TIMING RESPONSES (17) (18) (19) (20) (21) (22) (23) (24) (25) (26) (27) (28) (29) (30) NOTES: 1. Tested as follows: f = 2.4MHz, VIH = 2.6V, VIL = 0.4V, CL = 50pF, VOH 1.5V, VOL 1.5V, unless otherwise specified. RES and F/C must switch between 0.4V and VCC -0.4V. Input rise and fall times driven at 1ns/V. VIL VIL (max) - 0.4V for CSYNC pin. VCC = 4.5V and 5.5V. 2. Tested using EFI or X1 input pin. 3. Setup and hold necessary only to guarantee recognition at next clock. 4. Applies only to T2 states. 5. Applies only to T3 TW states. 6. Tested with EFI input frequency = 4.2MHz. TCLCL TCHCL TCLCH TCH1CH2 TCL2CL1 TPHPL TPLPH TRYLCL TRYHCH TCLIL TCLPH TCLPL TOLCH TOLCL CLK Cycle Period CLK HIGH Time CLK LOW Time CLK Rise or Fall Time PCLK HIGH Time PCLK LOW Time Ready Inactive to CLK (See Note 4) Ready Active to CLK (See Note 3) CLK to Reset Delay CLK to PCLK HIGH Delay CLK to PCLK LOW Delay OSC to CLK HIGH Delay OSC to CLK LOW Delay 125 (1/3 TCLCL) +2.0 (2/3 TCLCL) -15.0 TCLCL-20 TCLCL-20 -8 (2/3 TCLCL) -15.0 -5 2 10 40 22 22 22 35 ns ns ns ns ns ns ns ns ns ns ns ns ns Note 6 Note 6 Note 6 1.0V to 3.0V Note 6 Note 6 Note 4 Note 5
7
FN2974.3 December 6, 2005
82C84A Timing Waveforms
NAME EFI OSC CLK I/O I O O tOLCH (29) tCH1CH2 (20) (30) tOLCL tCL2CL1 (21) tCLPH (27) tPLPH (23) (22) tPHPL (16) (15) tCLI1H tI1HCL (19) tCLCH (17) tCLCL (3) tELEL tELEH (2) (1) tEHEL
tCHCL (18) tCLPL (28)
PCLK
O
(13) tEHYL
CSYNC
I
tYHEH (12) (14) tYHYL
RES RESET
I O
(26) tCLIL
NOTE:
All timing measurements are made at 1.5V, unless otherwise noted. FIGURE 2. WAVEFORMS FOR CLOCKS AND RESETS SIGNALS
CLK (7) tCLR1X tR1VCH (5) RDY1, 2 (10) tA1VR1V AEN1, 2 tAYVCL (8) tCLAYX READY (9) (25) tRYHCH tCLA1X (11) tCLR1X (7) tR1VCL (6)
ASYNC
(24) tRYLCL
FIGURE 3. WAVEFORMS FOR READY SIGNALS (FOR ASYNCHRONOUS DEVICES)
CLK tCLR1X RDY 1, 2 tA1VRIV AEN1, 2 (8) ASYNC tCLAYX READY (9) (25) tRYHCH (24) tRYLCL tAYVCL tCLA1X (11) (10) tCLR1X (7) (7) (4) tR1VCL tR1VCL (6)
FIGURE 4. WAVEFORMS FOR READY SIGNALS (FOR SYNCHRONOUS DEVICES)
8
FN2974.3 December 6, 2005
82C84A Test Load Circuits
2.25V R = 740 FOR ALL OUTPUTS EXCEPT CLK 463 FOR CLK OUTPUT
OUTPUT FROM DEVICE UNDER TEST
CL (SEE NOTE 3)
NOTES: 1. CL =100pF for CLK output. 2. CL = 50pF for all outputs except CLK. 3. CL = Includes probe and jig capacitance. FIGURE 5. TEST LOAD MEASUREMENT CONDITIONS
X1 C1 X2 C2 F/C CSYNC
CLK
LOAD (SEE NOTE 1)
PULSE GENERATOR VCC
EF1
CLK
LOAD (SEE NOTE 1)
F/C
CSYNC
FIGURE 6. TCHCL, TCLCH LOAD CIRCUITS
VCC AEN1 C1 24MHz C2 PULSE GENERATOR TRIGGER X2 X1 READY LOAD (SEE NOTE 2) TRIGGER PULSE GENERATOR CLK LOAD (SEE NOTE 1) PULSE GENERATOR VCC F/C AEN1 RDY2 READY AEN2 CSYNC LOAD (SEE NOTE 2) EF1 CLK LOAD (SEE NOTE 1)
RDY2 F/C AEN2 CSYNC
OSC
FIGURE 7. TRYLCL, TRYHCH LOAD CIRCUITS
AC Testing Input, Output Waveform
INPUT VIH + 0.4V 1.5V VIL - 0.4V 1.5V VOL OUTPUT VOH
NOTE:
Input test signals must switch between VIL (maximum) -0.4V and VIH (minimum) +0.4V. RES and F/C must switch between 0.4V and VCC -0.4V. Input rise and fall times driven at 1ns/V. VIL VIL (max) -0.4V for CSYNC pin. VCC -4.5V and 5.5V.
9
FN2974.3 December 6, 2005
82C84A Burn-In Circuits
MD82C84A CERDIP
VCC C1 R1 F9 VCC GND F6 F5 VCC GND F7 F8 VCC GND R2 R2 R1 6 R1 R2 R2 7 8 9 13 12 11 10 R1 R2 R2 R1 R1 4 5 15 R1 14 R1 R2 R2 R2 R2 F1 F11 VCC GND F12 VCC GND 1 2 3 18 17 16 R3 R1 R2 F0 OPEN F10
MR82C84A CLCC
VCC VCC / 2 C1
F6
F9
R4
R4
R4
3 F5 VCC / 2 F7 F8 OPEN R4 R4 R4 R4 4 5 6 7 8 9
2
1
20 19 18 17 16 15 14 R4 R4 R4 OPEN F10 F1 F11 OPEN
10 11 12 13
R4
R4
R4 F12
VCC / 2
VCC / 2
NOTES: VCC = 5.5V 0.5V, GND = 0V. VIH = 4.5V 10%. VIL = -0.2 to 0.4V. R1 = 47k, 5%. R2 = 10k, 5%. R3 = 2.2k, 5%. R4 = 1.2k, 5%. C1 = 0.01F (minimum). F0 = 100kHz 10%. F1 = F0/2, F2 = F1/2, . . . F12 = F11/2.
10
VCC / 2
R4
R4
F0
FN2974.3 December 6, 2005
82C84A Die Characteristics
DIE DIMENSIONS: 66.1 x 70.5 x 19 1mils METALLIZATION: Type: Si - AI Thickness: 11kA 1kA GLASSIVATION: Type: SiO2 Thickness: 8kA 1kA WORST CASE CURRENT DENSITY: 1.42 x 105 A/cm2
Metallization Mask Layout
82C84A
AEN1 PCLK CSYNC VCC X1
X2 RDY1
ASYNC READY
RDY2
EFI
AEN2
F/C
CLK
GND
RESET
RES
OSC
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 11
FN2974.3 December 6, 2005


▲Up To Search▲   

 
Price & Availability of CP82C84AZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X