Part Number Hot Search : 
DSP56009 FQPF7N60 GCMMS MMBZ27 DSR05A CRBV5 UG15JT L15PF
Product Description
Full Text Search
 

To Download CFR10XSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
1.0Amp. Surface Mount Fast Recovery Diodes
Spec. No. : C340SA Issued Date : 2003.06.24 Revised Date : Page No. : 1/3
CFR10XSA Series
Features
* For surface mounted applications. * Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 * Low leakage current * High surge capability * High temperature soldering: 250C/10 seconds at terminals * Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
* Case: Molded plastic, SMA/JEDEC DO-214AC * Terminals: Solder plated, solderable per MIL-STD-750 method 2026 * Polarity: Indicated by cathode band. * Packaging: 12mm tape per EIA STD RS-481. * Weight: 0.064 gram, 0.002 ounce
Maximum Ratings and Electrical Characteristics
(Rating at 25C ambient temperature unless otherwise specified. ) Parameter Repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum instantaneous forward voltage, IF=1A (Note 1) Reverse Recovery Time Average forward rectified current @TA=55 Peak forward surge current @8.3ms single half sine wave superimposed on rated load (JEDEC method) Maximum DC reverse current VR=VRRM,TA=25(Note 1) VR=VRRM,TA=100(Note 1) Maximum thermal resistance, Junction to ambient Diode junction capacitance (Note 2) Storage temperature Operating temperature Symbol VRRM VRMS VR VF trr IO IFSM CFR 101 50 35 50 1.3 150 CFR 102 100 70 100 1.3 150 CFR 103 200 140 200 1.3 150 Type CFR 104 400 280 400 1.3 150 1 30 CFR 105 600 420 600 1.3 250 CFR 106 800 560 800 1.3 500 CFR 107 1000 700 1000 1.3 500 Units V V V V ns A A
IR Rth,JA CJ Tstg TJ
5 100 32 (typ) 15 (typ) -55 ~ +150 -55 ~ +150
A A /W pF
Notes : 1. Pulse test, pulse width=300sec, 2% duty cycle 2 . f=1MHz and applied 4.0VDC reverse voltage.
CFR10XSA
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Forward Current Derating Curve
1.2 Average Forward Current---I O(A) Forward Current---I F(A) 1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 Ambient Temperature---TA()
Single Phase, Half Wave 60Hz, Resistive or Inductive Load
Spec. No. : C340SA Issued Date : 2003.06.24 Revised Date : Page No. : 2/3
Forward Current vs Forward Voltage
100
10
1
Tj=25 Pulse Width=300s Duty Cycle=1%
0.1
0.01 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Forward Voltage---VF(V)
Maximum Non-Repetitive Forward Surge Current
40 Peak Forward Surge Current--IFSM(A) Junction Capacitance---C J(pF) 40 35 30 25 20 15 10 5 0 1 10 Numbers of Cycles at 60Hz 100 0.01
Junction Capacitance vs Reverse Voltage
30
Tj=25, 8.3ms Single Half Sine Wave, JEDEC method
20
10
0
0.1
1
10
100
Reverse Voltage---VR(V)
CFR10XSA
CYStek Product Specification
CYStech Electronics Corp.
SMA/DO-214AC Dimension
Marking Code: Device CFR
101 CFR 102
Spec. No. : C340SA Issued Date : 2003.06.24 Revised Date : Page No. : 3/3
CFR 103
CFR 104
Code
F11
F12
CFR 106
F13
CRF 107
F14
Device CFR
105
Code
F15
F16
F17
SMA Plastic Surface Mounted Package CYStek Package Code:SA
*:Typical
DIM A B C D
Inches Min. Max. 0.177 0.185 0.094 0.110 0.012(typ) 0.150 0.165
Millimeters Min. Max. 4.4 4.8 2.4 2.8 0.3(typ) 3.8 4.2
DIM E F G -
Inches Min. Max. 0.060 0.067 0.04(typ) 0.04(typ) -
Millimeters Min. Max. 1.5 1.7 1.0(typ) 1.0(typ) -
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
CFR10XSA
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of CFR10XSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X