Part Number Hot Search : 
SI9933B KA1458D BS103F H11N1TVM RS0203 EP4830 LXF0805G RC1602G
Product Description
Full Text Search
 

To Download BY297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
BY296 THRU BY299
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 100 to 800 Volts CURRENT - 2.0 Amperes
FEATURES
* * * * * * Fast switching Low leakage Low forward voltage drop High current capability High current surge High reliability
DO-15
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Mounting position: Any Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 2.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 oC Maximum Full Load Reverse Current Full Cycle Average, .375*(9.5mm) lead length at T L = 55 oC Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF
BY296 100 70 100
BY297 200 140 200 2.0 70 1.3 5.0
BY298 400 280 400
BY299 800 560 800
UNITS Volts Volts Volts Amps Amps Volts uAmps uAmps
IR 100 trr CJ TJ, TSTG 150 40 -65 to + 150 500
nSec pF
0
C
90
NEXT NEXT NEXT
EXIT BACK EXI BACK BACK EXIT
RATING AND CHARACTERISTIC CURVES ( BY296 THRU BY299 )
DC COMPONENTS CO., LTD.
R
91
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of BY297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X