Part Number Hot Search : 
9N03L S1215 CST534E YD8227 MBR1635 MSK0041 MIC94072 EL2020C
Product Description
Full Text Search
 

To Download BUK9E06-55B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
Rev. 03 -- 30 November 2004 Product data sheet
1. Product profile
1.1 General description
N-channel enhancement mode field-effect power transistor in a plastic package using Philips High-Performance Automotive (HPA) TrenchMOSTM technology, featuring very low on-state resistance.
1.2 Features
s TrenchMOSTM technology s 175 C rated s Q101 compliant s Logic level compatible.
1.3 Applications
s Automotive systems s Motors, lamps and solenoids s 12 V and 24 V loads s General purpose power switching.
1.4 Quick reference data
s EDS(AL)S 679 mJ s ID 75 A s RDSon = 5.1 m (typ) s Ptot 258 W.
2. Pinning information
Table 1: Pin 1 2 3 mb Pinning Description gate (G) drain (D) source (S) mounting base; connected to drain (D)
123
3
[1]
Simplified outline
mb mb
Symbol
mb
D
G
mbb076
S
2 1 123
SOT226 (I2-PAK)
SOT404 (D2-PAK)
SOT78 (TO-220AB)
[1] It is not possible to make a connection to pin 2 of the SOT404 package.
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
3. Ordering information
Table 2: Ordering information Package Name BUK9506-55B BUK9606-55B BUK9E06-55B TO-220AB D2-PAK I2-PAK Description Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB Version SOT78 Type number
Plastic single-ended surface mounted package (Philips version of D2-PAK); SOT404 3 leads (one lead cropped) Plastic single-ended package (Philips version of I2-PAK); low-profile 3 lead TO-220AB SOT226
4. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDS VDGR VGS ID drain-source voltage (DC) drain-gate voltage (DC) gate-source voltage (DC) drain current (DC) Tmb = 25 C; VGS = 5 V; Figure 2 and 3 Tmb = 100 C; VGS = 5 V; Figure 2 IDM Ptot Tstg Tj IDR IDRM peak drain current total power dissipation storage temperature junction temperature reverse drain current (DC) peak reverse drain current Tmb = 25 C Tmb = 25 C; pulsed; tp 10 s unclamped inductive load; ID = 75 A; VDS 55 V; RGS = 50 ; VGS = 5 V; starting at Tj = 25 C
[1] [2] [1] [2] [2]
Conditions RGS = 20 k
Min -55 -55 -
Max 55 55 15 146 75 75 587 258 +175 +175 146 75 587 679
Unit V V V A A A A W C C A A A mJ
Tmb = 25 C; pulsed; tp 10 s; Figure 3 Tmb = 25 C; Figure 1
Source-drain diode
Avalanche ruggedness EDS(AL)S non-repetitive drain-source avalanche energy
[1] [2]
Current is limited by power dissipation chip rating Continuous current is limited by package
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
2 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
120 Pder (%) 80
03aa16
150 ID (A) 100
03nh85
Capped at 75 A due to package 40 50
0 0 50 100 150 Tmb (C) 200
0 0 50 100 150 Tmb ( C) 200
P tot P der = ---------------------- x 100% P
tot ( 25 C )
VGS 5 V
Fig 1. Normalized total power dissipation as a function of mounting base temperature.
103 ID (A) 102 Limit RDSon = VDS / ID
Fig 2. Continuous drain current as a function of mounting base temperature.
03nh83
tp = 10 s
100 s Capped at 75 A due to package DC 1 ms 10 ms 100 ms
10
1 10-1
1
10
VDS (V)
102
Tmb = 25 C; IDM is single pulse.
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
3 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
5. Thermal characteristics
Table 4: Rth(j-mb) Rth(j-a) Thermal characteristics Conditions Min Typ 60 50 Max 0.58 Unit K/W K/W K/W thermal resistance from junction to mounting base Figure 4 thermal resistance from junction to ambient SOT78 (TO-220AB) and SOT226 (I2-PAK) SOT404 (D2-PAK) vertical in free air mounted on a printed-circuit board; minimum footprint; vertical in still air Symbol Parameter
5.1 Transient thermal impedance
03nh84
1 Zth(j-mb) (K/W) 10
-1
= 0.5
0.2 0.1 0.05 0.02
10-2
P = tp T
single shot
10-3 10-6 10-5 10-4 10-3 10-2 10-1
tp T
t
tp (s)
1
Fig 4. Transient thermal impedance from junction to mounting base as a function of pulse duration.
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
4 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
6. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified. Symbol V(BR)DSS Parameter drain-source breakdown voltage Conditions ID = 250 A; VGS = 0 V Tj = 25 C Tj = -55 C VGS(th) gate-source threshold voltage ID = 1 mA; VDS = VGS; Figure 9 and 10 Tj = 25 C Tj = 175 C Tj = -55 C IDSS drain-source leakage current VDS = 55 V; VGS = 0 V Tj = 25 C Tj = 175 C IGSS RDSon gate-source leakage current drain-source on-state resistance VGS = 15 V; VDS = 0 V VGS = 5 V; ID = 25 A; Figure 6 and 8 Tj = 25 C Tj = 175 C VGS = 4.5 V; ID = 25 A; Figure 6 and 8 VGS = 10 V; ID = 25 A; Figure 6 and 8 Dynamic characteristics Qg(tot) Qgs Qgd Vplat Ciss Coss Crss td(on) tr td(off) tf Ld total gate charge gate-source charge gate-drain (Miller) charge plateau voltage input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time internal drain inductance from drain lead 6 mm from package to center of die from contact screw on mounting base to center of die SOT78 from upper edge of drain mounting base to center of die SOT404/SOT226 Ls internal source inductance from source lead to source bonding pad VDS = 30 V; RL = 1.2 ; VGS = 5 V; RG = 10 VGS = 0 V; VDS = 25 V; f = 1 MHz; Figure 12 ID = 25 A; VDD = 44 V; VGS = 5 V; Figure 14 and 16 60 11 22 2.4 755 255 37 95 117 106 4.5 3.5 2.5 7.5 906 350 nC nC nC V pF pF ns ns ns ns nH nH nH nH 5.1 4.8 6.0 12 6.4 5.4 m m m m 0.02 2 1 500 100 A A nA 1.1 0.5 1.5 2 2.3 V V V 55 50 V V Min Typ Max Unit Static characteristics
5 674 7565 pF
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
5 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
Table 5: Characteristics Tj = 25 C unless otherwise specified. Symbol VSD trr Qr Parameter Conditions Min Typ 0.85 64 79 Max 1.2 Unit V ns nC Source-drain diode source-drain (diode forward) voltage IS = 25 A; VGS = 0 V; Figure 15 reverse recovery time recovered charge IS = 20 A; dIS/dt = -100 A/s; VGS = 0 V; VR = 30 V
350 ID 10 (A) 300 6 5 250 200 150 100 50
03nj65
4.2 4 3.8 3.6 3.4 3.2 3 2.8 2.6 2.4
7 RDSon (m) 6
03nj64
VGS (V) is
5
0 0 2 4 6 8 VDS (V) 10
4 3 7 11 VGS (V) 15
Tj = 25 C
Tj = 25 C; ID = 25 A
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values.
03nj66
Fig 6. Drain-source on-state resistance as a function of gate-source voltage; typical values.
03ne89
14 RDSon (m) 12 3 3.2 3.4 4 10
2 a 1.5
VGS (V) is
8
5 10
1
6 0.5 4
2 0 100 200 300 I (A) 400 D
0 -60
0
60
120
Tj (C)
180
Tj = 25 C
R DSon a = ---------------------------R DSon ( 25 C ) Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature.
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 7. Drain-source on-state resistance as a function of drain current; typical values.
9397 750 13519
Product data sheet
Rev. 03 -- 30 November 2004
6 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
2.5 VGS(th) (V) 2.0 max
03ng52
10-1 ID (A) 10-2 min typ max
03ng53
1.5
typ
10-3
1.0
min
10-4
0.5
10-5
0.0 -60
10-6 0 60 120 Tj (C) 180 0 1 2 VGS (V) 3
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = VGS
Fig 9. Gate-source threshold voltage as a function of junction temperature.
200 gfs (S) 150
03nj62
Fig 10. Sub-threshold drain current as a function of gate-source voltage.
03nj67
8000 C (pF) 6000
Ciss
100
4000 Coss
50
2000 Crss
0 0 20 40 60 I D (A) 80
0 10-1
1
10
VDS (V)
102
Tj = 25 C; VDS = 25 V
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of drain current; typical values.
Fig 12. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
7 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
100 ID (A) 75
03nj63
5 VGS (V) 4 VDD = 14 V 3
03nj61
VDD = 44 V 50 2 25 Tj = 175 C Tj = 25 C 0 0 1 2 VGS (V) 3 0 0 20 40 QG (nC) 60 1
VDS = 25 V
Tj = 25 C; ID = 25 A
Fig 13. Transfer characteristics: drain current as a function of gate-source voltage; typical values.
100 IS (A)
03nj60
Fig 14. Gate-source voltage as a function of gate charge; typical values.
VDS
75
ID Vplat VGS(th)
50
Tj = 175 C 25
VGS Qgs1 Qgs2 Qgs Qgd Qg(tot)
003aaa508
Tj = 25 C 0 0.0 0.2 0.4 0.6 0.8 1.0 VSD (V)
VGS = 0 V
Fig 15. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
Fig 16. Gate charge waveform definitions.
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
8 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
7. Package outline
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78
E p
A A1 q
D1
mounting base
D
L1(1)
L2 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.6 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1(1) 3.30 2.79 L2 max. 3.0 p 3.8 3.6 q 3.0 2.7 Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC 3-lead TO-220AB JEITA SC-46 EUROPEAN PROJECTION ISSUE DATE 01-02-16 03-01-22
Fig 17. Package outline SOT78 (TO-220AB).
9397 750 13519 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
9 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
Plastic single-ended surface mounted package (D2-PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.80 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 01-02-12 04-10-13
Fig 18. Package outline SOT404 (D2-PAK).
9397 750 13519 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
10 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
Plastic single-ended package (Philips version of I 2-PAK); low-profile 3 lead TO-220AB
SOT226
A D1 E A1
mounting base D
L2 b1 L
L1 Q
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.40 1.27 b 0.85 0.60 b1 1.3 1.0 c 0.7 0.4 D max 11 D1 1.6 1.2 E 10.3 9.7 e 2.54 L 15.0 13.5 L1 3.30 2.79 L2 (1) max 3 Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT226 REFERENCES IEC JEDEC low-profile 3-lead TO-220AB JEITA EUROPEAN PROJECTION ISSUE DATE 03-10-14 04-02-24
Fig 19. Package outline SOT226 (I2-PAK).
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
11 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
8. Mounting
10.85 10.60 10.50 1.50 7.50 7.40 1.70
2.25 2.15
8.15
8.35
8.275 1.50
4.60
0.30 4.85
5.40 8.075
7.95
3.00
0.20
solder lands solder resist occupied area solder paste 5.08
1.20 1.30 1.55
MSD057
Dimensions in mm.
Fig 20. Reflow soldering footprint for SOT404.
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
12 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
9. Revision history
Table 6: Revision history Release date 20041130 Data sheet status Change notice Doc number 9397 750 13519 Supersedes BUK95_96_9E06_55B_2 Document ID BUK95_96_9E06_55B_3 Modifications:
Product data sheet
* *
The format of this data sheet has been redesigned to comply with the new presentation and information standard of Philips Semiconductors. Latest version of package outlines imported into Section 7 of data sheet. Product data sheet Product data sheet 9397 750 10474 9397 750 09946 BUK95_96_9E06_55B-01 -
BUK95_96_9E06_55B-02 BUK95_96_9E06_55B-01
20021010 20020813
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
13 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
10. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
11. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
13. Trademarks
TrenchMOS -- is a trademark of Koninklijke Philips Electronics N.V.
12. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
14. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 13519
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 -- 30 November 2004
14 of 15
Philips Semiconductors
BUK95/96/9E06-55B
N-channel TrenchMOSTM logic level FET
15. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 5.1 6 7 8 9 10 11 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Transient thermal impedance . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Mounting. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 14 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 30 November 2004 Document number: 9397 750 13519
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of BUK9E06-55B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X