Part Number Hot Search : 
DF28D C106M 2405E 48S3V MP6508 LH22440 GBJ10 2200A
Product Description
Full Text Search
 

To Download BTS542E2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROFET(R) BTS 542 E2
Smart Highside Power Switch
Features
* Overload protection * Current limitation * Short-circuit protection * Thermal shutdown * Overvoltage protection (including load dump) * Fast demagnetization of inductive loads * Reverse battery protection1) * Undervoltage and overvoltage shutdown with * Open drain diagnostic output * Open load detection in ON-state * CMOS compatible input * Loss of ground and loss of Vbb protection2) * Electrostatic discharge (ESD) protection
Application
auto-restart and hysteresis
Product Summary Overvoltage protection Operating voltage On-state resistance Load current (ISO) Current limitation
Vbb(AZ) Vbb(on) RON IL(ISO) IL(SCr)
63 V 4.5 ... 42 V 18 mW 21 A 70 A
TO-218AB/5
5 Standard
* mC compatible power switch with diagnostic
feedback for 12 V and 24 V DC grounded loads * All types of resistive, inductive and capacitve loads * Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic feedback, integrated in Smart SIPMOSa chip on chip technology. Fully protected by embedded protection functions.
R
bb
+V
bb
3
Voltage source
Overvoltage protection
Current limit
Gate protection
8
Logic
Voltage sensor
Charge pump Level shifter Rectifier
Limit for unclamped ind. loads Open load
OUT
2
IN
Temperature sensor
5
ESD
Logic
detection
Load
4
ST
Short circuit detection
GND
(R) PROFET
Load GND
1
Signal GND
1) 2)
No external components required, reverse load current limited by connected load. Additional external diode required for charged inductive loads
Semiconductor Group
Page 1 of 13
8.Jan.96
BTS 542 E2
Pin 1 2 3 4 5 Symbol GND IN Vbb ST OUT (Load, L) I + S O Function Logic ground Input, activates the power switch in case of logical high signal Positive power supply voltage, the tab is shorted to this pin Diagnostic feedback, low on failure Output to the load
Maximum Ratings at Tj = 25 C unless otherwise specified Parameter Supply voltage (overvoltage protection see page 3) Load dump protection VLoadDump = UA + Vs, UA = 13.5 V RI= 2 W, RL= 1.1 W, td= 200 ms, IN= low or high Load current (Short-circuit current, see page 4) Operating temperature range Storage temperature range Power dissipation (DC) Inductive load switch-off energy dissipation, single pulse Tj=150 C: Electrostatic discharge capability (ESD) (Human Body Model) Input voltage (DC) Current through input pin (DC) Current through status pin (DC)
see internal circuit diagrams page 6...
Symbol Vbb VLoad dump3)
Values 63 80 self-limited -40 ...+150 -55 ...+150 167 2.1 2.0 -0.5 ... +6
Unit V V A C W J kV V mA
IL Tj Tstg Ptot EAS VESD VIN IIN IST
5.0 5.0
Thermal resistance
chip - case: junction - ambient (free air):
RthJC RthJA
0.75 K/W 45
3)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
Semiconductor Group
Page 2
8.Jan.96
BTS 542 E2 Electrical Characteristics
Parameter and Conditions
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Load Switching Capabilities and Characteristics
Tj=25 C: RON Tj=150 C: Nominal load current (pin 3 to 5) IL(ISO) ISO Proposal: VON = 0.5 V, TC = 85 C Output current (pin 5) while GND disconnected or IL(GNDhigh) GND pulled up, VIN= 0, see diagram page 7, Tj =-40...+150C Turn-on time to 90% VOUT: ton Turn-off time to 10% VOUT: toff RL = 12 W, Tj =-40...+150C Slew rate on dV /dton 10 to 30% VOUT, RL = 12 W, Tj =-40...+150C Slew rate off -dV/dtoff 70 to 40% VOUT, RL = 12 W, Tj =-40...+150C
Operating Parameters Operating voltage 4) Tj =-40...+150C: Undervoltage shutdown Tj =-40...+150C: Undervoltage restart Tj =-40...+150C: Undervoltage restart of charge pump see diagram page 12 Tj =-40...+150C: Undervoltage hysteresis DVbb(under) = Vbb(u rst) - Vbb(under) Overvoltage shutdown Tj =-40...+150C: Overvoltage restart Tj =-40...+150C: Overvoltage hysteresis Tj =-40...+150C: Overvoltage protection5) Tj =-40C: Ibb=40 mA Tj =25...+150C: Standby current (pin 3) Tj=-40...+25C: VIN=0 Tj=150C: Leakage output current (included in Ibb(off)) VIN=0 Operating current (Pin 1)6), VIN=5 V
On-state resistance (pin 3 to 5) IL = 5 A
-17 --
15 28 21 --
18 35 -1
mW A mA
100 10 0.2 0.4
-----
350 130 2 5
ms
V/ms V/ms
Vbb(on) Vbb(under) Vbb(u rst) Vbb(ucp)
4.5 2.4 ---42 42 -60 63 -----
---6.5 0.2 --0.2 -67 12 18 6 1.1
42 4.5 4.5 7.5 -52 ---25 60 ---
V V V V V V V V V
DVbb(under)
Vbb(over) Vbb(o rst) Vbb(AZ) Ibb(off) IL(off) IGND
DVbb(over)
mA mA
mA
4) 5) 6)
At supply voltage increase up to Vbb= 6.5 V typ without charge pump, VOUT Vbb - 2 V see also VON(CL) in table of protection functions and circuit diagram page 7. Meassured without load . Add IST, if IST > 0, add IIN, if VIN>5.5 V
Semiconductor Group
Page 3
8.Jan.96
BTS 542 E2
Parameter and Conditions
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Protection Functions Initial peak short circuit current limit (pin 3 to 5)7), IL(SCp) ( max 400 ms if VON > VON(SC) ) Tj =-40C: Tj =25C: Tj =+150C: Repetitive short circuit current limit IL(SCr) Tj = Tjt (see timing diagrams, page 10) Short circuit shutdown delay after input pos. slope VON > VON(SC), Tj =-40..+150C: td(SC)
min value valid only, if input "low" time exceeds 30 ms
--45 30 80 --150 ---
-95 -70 -58 8.3 -10 --
140 ---400 ----2.1 1.7 1.2 32 --
A
A
ms
V V C K J
Output clamp (inductive load switch off) at VOUT = Vbb - VON(CL), IL= 30 mA Short circuit shutdown detection voltage (pin 3 to 5) Thermal overload trip temperature Thermal hysteresis Inductive load switch-off energy dissipation8), Tj Start = 150 C, single pulse Vbb = 12 V: Vbb = 24 V: Reverse battery (pin 3 to 1) 9) Integrated resistor in Vbb line Diagnostic Characteristics Open load detection current
(on-condition)
VON(CL) VON(SC) Tjt EAS ELoad12 ELoad24
-Vbb Rbb
,Tjt
---
-120
W
V
Tj=-40 C: IL (OL) Tj=25..150C:
2 2
---
1900 1500
mA
7) 8)
Short circuit current limit for max. duration of td(SC) max=400 ms, prior to shutdown While demagnetizing load inductance, dissipated energy in PROFET is EAS= o VON(CL) * iL(t) dt, approx. VON(CL) 2 EAS= 1/2 * L * IL * ( ), see diagram page 8 VON(CL) - Vbb Reverse load current (through intrinsic drain-source diode) is normally limited by the connected load. Reverse current IGND of 0.3 A at Vbb= -32 V through the logic heats up the device. Time allowed under these condition is dependent on the size of the heatsink. Reverse IGND can be reduced by an additional external GND-resistor (150 W). Input and Status currents have to be limited (see max. ratings page 2 and circuit page 7).
9)
Semiconductor Group
Page 4
8.Jan.96
BTS 542 E2
Parameter and Conditions
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Input and Status Feedback10) Input turn-on threshold voltage
VIN(T+) Tj =-40..+150C: VIN(T-) Tj =-40..+150C:
1.5 1.0 -1 10 80 350
--0.5 -25 200 --
2.4 --30 50 400 1600
V V
Input turn-off threshold voltage Input threshold hysteresis Off state input current (pin 2), VIN = 0.4 V On state input current (pin 2), VIN = 3.5 V Status invalid after positive input slope (short circuit) Tj=-40 ... +150C: Status invalid after positive input slope (open load) Tj=-40 ... +150C: Status output (open drain) Zener limit voltage Tj =-40...+150C, IST = +1.6 mA: ST low voltage Tj =-40...+150C, IST = +1.6 mA:
D VIN(T)
IIN(off) IIN(on) td(ST SC) td(ST)
mA mA ms ms
V
V
VST(high) VST(low)
5.4 --
6.1 --
-0.4
10)
If a ground resistor RGND is used, add the voltage drop across this resistor.
Semiconductor Group
Page 5
8.Jan.96
BTS 542 E2 Truth Table
Inputlevel Normal operation Open load Short circuit to GND Short circuit to Vbb Overtemperature Undervoltage Overvoltage L = "Low" Level H = "High" Level L H L H L H L H L H L H L H Output level L H
11)
Status 542 D2 H H H L H L H H (L12)) L L L13) L13) L L 542 E2 H H H L H L H H (L12)) L L H H H H
H L L H H L L L L L L
Terms
3 2 I ST V IN VST 4 IN Ibb
Status output
+5V R ST(ON)
VON
I IN
Vbb
PROFET
ST GND 1 R GND IGND
OUT
IL 5
ST
GND
VOUT
ESDZD
V bb
ESD-Zener diode: 6.1 V typ., max 5 mA; RST(ON) < 250 W at 1.6 mA, ESD zener diodes are not to be used as voltage clamp at DC conditions. Operation in this mode may result in a drift of the zener voltage (increase of up to 1 V).
Input circuit (ESD protection)
R IN I
ESDZD1 ZD1 I I
GND
ZDI1 6.1 V typ., ESD zener diodes are not to be used as voltage clamp at DC conditions. Operation in this mode may result in a drift of the zener voltage (increase of up to 1 V).
11) 12) 13)
Power Transistor off, high impedance Low resistance short Vbb to output may be detected by no-load-detection No current sink capability during undervoltage shutdown
Semiconductor Group
Page 6
8.Jan.96
BTS 542 E2
Short Circuit detection
Fault Condition: VON > 8.3 V typ.; IN high
+V
Open-load detection
ON-state diagnostic condition: VON < RON * IL(OL); IN high
bb
+V
bb
V ON
OUT
ON
VON
Logic unit
Short circuit detection
OUT
Logic unit
Open load detection
Inductive and overvoltage output clamp
+V bb V
Z
GND disconnect
V ON
3
OUT GND
2
IN
Vbb
VON clamped to 58 V typ.
PROFET
4 V bb
bb
OUT
5
ST
Overvolt. and reverse batt. protection
+V
GND 1 VGND
VV IN ST
R IN
V
Z
R bb
Any kind of load. In case of Input=high is VOUT VIN - VIN(T+) . Due to VGND >0, no VST = low signal available.
IN
Logic
V OUT
GND disconnect with GND pull up
3
GND
R ST
ST
PROFET
2
IN
Vbb
R GND
Signal GND
PROFET
4 ST GND 1 V bb VV IN ST V GND
OUT
5
Rbb = 120 W typ., VZ +Rbb*40 mA = 67 V typ., add RGND, RIN, RST for extended protection
Any kind of load. If VGND > VIN - VIN(T+) device stays off Due to VGND >0, no VST = low signal available.
Semiconductor Group
Page 7
8.Jan.96
BTS 542 E2
Vbb disconnect with charged inductive load
3 high 2 IN Vbb
Inductive Load switch-off energy dissipation
E bb EAS
PROFET
4 ST GND 1 V bb
OUT
IN
5
Vbb PROFET OUT
ELoad
=
ST
GND
EL ER
3 high IN 2 ST Vbb
Energy dissipated in PROFET EAS = Ebb + EL - ER.
ELoad < EL, EL = 1/2 * L * I L
OUT
2
PROFET
4 GND 1 V bb
5
Semiconductor Group
Page 8
8.Jan.96
BTS 542 E2 Options Overview
all versions: High-side switch, Input protection, ESD protection, load dump and reverse battery protection , protection against loss of ground Type Logic version
BTS 542D2 542E2 D X X X X E
Overtemperature protection Tj >150 C, latch function14)15) Tj >150 C, with auto-restart on cooling Short-circuit to GND protection
switches off when VON>8.3 V typ.14) (when first turned on after approx. 200 ms)
Open load detection
in OFF-state with sensing current 30 mA typ. in ON-state with sensing voltage drop across power transistor X X X X X -16) X X X X X X X X X X -16) X -
Undervoltage shutdown with auto restart Overvoltage shutdown with auto restart Status feedback for
overtemperature short circuit to GND short to Vbb open load undervoltage overvoltage
Status output type
CMOS Open drain
Output negative voltage transient limit
(fast inductive load switch off) to Vbb - VON(CL) X X X X
Load current limit
high level (can handle loads with high inrush currents) medium level low level (better protection of application)
14)
15) 16)
Latch except when Vbb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (VOUT 0 V only if forced externally). So the device remains latched unless Vbb < VON(SC) (see page 4). No latch between turn on and td(SC). With latch function. Reseted by a) Input low, b) Undervoltage, c) Overvoltage Low resistance short Vbb to output may be detected by no-load-detection
Semiconductor Group
Page 9
8.Jan.96
BTS 542 E2
Timing diagrams
Figure 1a: Vbb turn on: IN IN t d(bb IN) td(ST) ST
AAAA AAAA AAAA *) AAAA AAAA AA AAAA AA
Figure 2b: Switching an inductive load
V bb
OUT AAAAAAAAAAAAAAA AAA AA AAAAAAAAAAAAAAAAAAAAA AA A A AAA AA AA AAA AA AA AAA AA AA AAA AA AA AAA AA AA AAA AA AA AAA AA AA AAA AA AAA AA A AAA AA AAAA AA AAA AAAA AAAAAAA AA AA AAAAAAAA A AAA AA AAAA AAAAAAA AA AAA AA
V
V
OUT
ST open drain
AAA AAA AA AAAAAAAAAAAAAAA AAA AAAA AA A AAAA AAAAAAA AAAAA A AAAA AAAA A AAA AA AAAAAAAAAAAAAAA AAA AAAA AA A AAA AAAA AAAAAAA AAAAAAAAAAA AAA t A AAAA AAAAAAA AAA A AAAA A AAA AA AAA AA AAA AA AAA AA A AAA AA in case of too early VIN=high the device may not turn on (curve A) td(bb IN) approx. 150 ms
I
L
IL(OL) t
*) if the time constant of load is too large, open-load-status may occur
Figure 2a: Switching a lamp,
Figure 3a: Turn on into short circuit,
IN
IN
ST
ST
V
OUT
V
OUT
td(SC)
I
L
I
L
t
t
td(SC) approx. 200ms if Vbb - VOUT > 8.3 V typ.
Semiconductor Group
Page 10
8.Jan.96
BTS 542 E2
Figure 3b: Turn on into overload, IN IN Figure 4a: Overtemperature: Reset if Tj IL
I L(SCp) I L(SCr)
ST
V
OUT
T ST t
J
t
Heating up may require several milliseconds, Vbb - VOUT < 8.3 V typ.
Figure 3c: Short circuit while on:
Figure 5a: Open load: detection in ON-state, turn on/off to open load
IN
IN
ST
ST
t d(ST)
V OUT
V
OUT
IL
I
**)
L
open t
t
**) current peak approx. 20 ms
Semiconductor Group
Page 11
8.Jan.96
BTS 542 E2
Figure 5b: Open load: detection in ON-state, open load occurs in on-state Figure 6b: Undervoltage restart of charge pump VON [V] V on IN VON(CL) off t d(ST OL1) ST
t
d(ST OL2)
V
OUT
V off
bb(over)
Vbb(u rst) I
L
V
bb(o rst)
normal
open
normal V t
bb(under)
V
bb(u cp)
on V bb
td(ST OL1) = tbd ms typ., td(ST OL2) = tbd ms typ
Vbb [V]
charge pump starts at Vbb(ucp) =6.5 V typ.
Figure 6a: Undervoltage: IN
Figure 7a: Overvoltage:
IN
V bb V
bb(under)
Vbb
V ON(CL)
Vbb(over)
V bb(o rst)
8bb(u rst)
Vbb(u cp)
V V OUT
OUT
ST open drain
ST
t
t
Semiconductor Group
Page 12
8.Jan.96
BTS 542 E2
Package and Ordering Code
All dimensions in mm
Standard TO-218AB/5
BTS 542 E2
Ordering code Q67060-S6951-A2
Semiconductor Group
Page 13
8.Jan.96


▲Up To Search▲   

 
Price & Availability of BTS542E2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X