Part Number Hot Search : 
HVU355B BR6010 MOC30 D234I KRC831U D203I AJW7515 MA11FCG
Product Description
Full Text Search
 

To Download BFQ17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BFQ17 NPN 1 GHz wideband transistor
Product specification File under Discrete Semiconductors, SC14 September 1995
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
DESCRIPTION NPN transistor in a SOT89 plastic envelope intended for application in thick and thin-film circuits. The transistor has extremely good intermodulation properties and a high power gain. PINNING PIN 1 2 3 DESCRIPTION Code: FA emitter collector base
1 Bottom view 2
page
BFQ17
3
MBK514
Fig.1 SOT89.
QUICK REFERENCE DATA SYMBOL VCBO VCEO ICM Ptot fT Cre PARAMETER collector-base voltage collector-emitter voltage peak collector current total power dissipation transition frequency feedback capacitance up to Ts = 145 C (note 1) IC = 150 mA; VCE = 15 V; f = 500 MHz; Tj = 25 C IC = 10 mA; VCE = 15 V; f = 1 MHz; Tamb = 25 C open base CONDITIONS open emitter TYP. MAX. UNIT - - - - 1.5 1.9 40 25 300 1 - - V V mA W GHz pF
LIMITING VALUES In accordance with the Absolute Maximum System (IEC 134). SYMBOL VCBO VCER VCEO VEBO IC ICM Ptot Tstg Tj Note 1. Ts is the temperature at the soldering point of the collector tab. PARAMETER collector-base voltage collector-emitter voltage collector-emitter voltage emitter-base voltage DC collector current peak collector current total power dissipation storage temperature junction temperature f > 1 MHz up to Ts = 145 C (note 1) open emitter RBE 50 open base open collector CONDITIONS MIN. - - - - - - - -65 - MAX. 40 40 25 2 150 300 1 150 175 UNIT V V V V mA mA W C C
September 1995
2
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
THERMAL RESISTANCE SYMBOL Rth j-s Note 1. Ts is the temperature at the soldering point of the collector tab. CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL ICBO VCE sat hFE Cc Cre fT GUM PARAMETER collector cut-off current collector-emitter saturation voltage DC current gain collector capacitance feedback capacitance transition frequency maximum unilateral power gain (note 1) CONDITIONS IE = 0; VCB = 20 V; Tj = 50 C IC = 100 mA; IB = 10 mA IC = 150 mA; VCE = 5 V IE = ie = 0; VCB = 15 V; f = 1 MHz IC = 10 mA; VCE = 15 V; f = 1 MHz; Tamb = 25 C IC = 150 mA; VCE = 15 V; f = 500 MHz IC = 60 mA; VCE = 15 V; f = 200 MHz; Tamb = 25 C IC = 60 mA; VCE = 15 V; f = 800 MHz; Tamb = 25 C Note 1. GUM is the maximum unilateral power gain, assuming S12 is zero and S 21 G UM = 10 log ------------------------------------------------------------- dB. 2 2 1 - S 11 1 - S 22
2
BFQ17
PARAMETER thermal resistance from junction to soldering point
CONDITIONS up to Ts = 145 C (note 1)
THERMAL RESISTANCE 30 K/W
MIN. TYP. MAX. - - 25 - - - - - - - 80 - 1.9 1.5 16 6.5 20 0.5 - 4 - - - -
UNIT A V pF pF GHz dB dB
September 1995
3
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFQ17
MBB365
MBB828
handbook, halfpage
160
handbook, halfpage
10
h FE 120
Cc (pF)
8
6 80 4 40 2
0 0 100 I C (mA) 200
0 0 10 20 30 V CB (V)
40
VCE = 5 V; Tj = 25 C.
IE = ie = 0; f = 1 MHz; Tj = 25 C.
Fig.2
DC current gain as a function of collector current.
Fig.3
Collector capacitance as a function of collector-base voltage.
handbook, halfpage
2
MBB364
fT
(GHz) 1.6
1.2
0.8
0.4
0 0 40 80 120 I C (mA) 160
VCE = 15 V; f = 500 MHz; Tj = 25 C.
Fig.4
Transition frequency as a function of collector current.
September 1995
4
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
PACKAGE OUTLINE Plastic surface mounted package; collector pad for good heat transfer; 3 leads
BFQ17
SOT89
D
B
A
b3
E HE
L
1
2
b2
3
c
wM
b1 e1 e
0
2 scale
4 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.6 1.4 b1 0.48 0.35 b2 0.53 0.40 b3 1.8 1.4 c 0.44 0.37 D 4.6 4.4 E 2.6 2.4 e 3.0 e1 1.5 HE 4.25 3.75 L min. 0.8 w 0.13
OUTLINE VERSION SOT89
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
September 1995
5
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BFQ17
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1995
6


▲Up To Search▲   

 
Price & Availability of BFQ17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X