Part Number Hot Search : 
M1S4XXXX SMC62 EA09211 SDR818 MAX111 R2J10194 CE201210 SFF1000
Product Description
Full Text Search
 

To Download APA3010P3BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3. 0mmx1.0mm RIGHT ANGLE PHOTOTRANSISTOR PRELIMINARY SPEC
Part Number: APA3010P3BT
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm THICKNESS. MECHANICALLY AND SPECTRALLY MATCHED TO THE INFRARED EMITTING LED LAMP. BLUE TRANSPARENT LENS. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
Made with NPN silicon phototansistor chips.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAD1366 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1203000588
Electrical / Optical Characteristics at TA=25C
Symbol VBR CEO VBR ECO VCE (SAT) I CEO TR TF I (ON) 21/2 Parameter Collector-to-Emitter Breakdown Voltage Emitter-to-Collector Breakdown Voltage Collector-to-Emitter Saturation Voltage Collector Dark Current Rise Time (10 to 90 ) Fall Time (90 to 10 ) On State Collector Current Viewing Angle 0.2 15 15 0.8 110 Min. 30 5 0.8 100 Typ. Max. Units V V V nA us us mA deg Test Conditions IC=100uA Ee=0mW/cm2 IE=100uA Ee=0mW/cm2 IC=2mA Ee=20mW/cm2 VCE=10V Ee=0mW/cm2 VCE = 5V IC=1mA RL=1000 VCE = 5V Ee=1mW/cm2 =940nm
Absolute Maximum Ratings at TA=25C
Parameter Collector-to-Emitter Voltage Emitter-to-Collector Voltage Power Dissipation at (or below) 25C Free Air Temperature Operating Temperature Storage Temperature Max.Ratings 30V 5V 100mW -40C To +85C -40C To +85C
SPEC NO: DSAD1366 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1203000588
APA3010P3BT
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAD1366 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1203000588
PACKING & LABEL SPECIFICATIONS
APA3010P3BT
SPEC NO: DSAD1366 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/08/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1203000588


▲Up To Search▲   

 
Price & Availability of APA3010P3BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X