Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download ADP3410KRU-REEL7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES All-In-One Synchronous Buck Driver One PWM Signal Generates Both Drives Anticross-Conduction Protection Circuitry Programmable Transition Delay Synchronous Override Control Undervoltage Lockout Programmable Overvoltage Shutdown V CC Good Signal Drives Auxiliary Circuits Shutdown Quiescent Current < 10 A APPLICATIONS Mobile Computing CPU Core Power Converters Multiphase Desktop CPU Supplies Single-Supply Synchronous Buck Converters Standard-to-Synchronous Converter Adaptations
VCC VCCGD GND
Dual MOSFET Driver with Bootstrapping ADP3410
FUNCTIONAL BLOCK DIAGRAM
ADP3410
4.4V BST DRVH CONTROL AND OVERLAP PROTECTION CIRCUIT SW
SD IN DLY VCC
VCC DRVL
OVPSET 1.2V
DRVLSD PGND
SRMON
GENERAL DESCRIPTION
5V
VBATT
The ADP3410 is a dual MOSFET driver optimized for driving two N-channel FETs that are the two switches in the nonisolated synchronous buck power converter topology. Each of the drivers is capable of driving a 3000 pF load with a 20 ns propagation delay and a 30 ns transition time. One of the drivers can be bootstrapped, and is designed to handle the high-voltage slew rate associated with "floating" high-side gate drivers. The ADP3410 has several protection features: overlapping drive prevention (ODP), undervoltage lockout (UVLO) with performance specified at very low VCC levels, and overvoltage protection (OVP) that can be used to monitor either the input or output. Additional features include: programmable transition delay, a synchronous drive override control pin, a synchronous drive status monitor and, in conjunction with exiting from the UVLO mode, a VCC Good (VCCGD) signal capable of driving a 10 mA load. The quiescent current, when the device is disabled, is less than 10 mA.
SD TO PWM CONTROLLER
VCC VCCGD
ADP3410
IN DRVLSD SRMON OVPSET DLY GND PGND BST DRVH SW DRVL VOUT
Figure 1. Typical Application Circuit
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002
ADP3410-SPECIFICATIONS1 noted.)
Parameter SUPPLY Supply Voltage Range Quiescent Current Shutdown Mode Operating Mode VCCGD OUTPUT Output Voltage High Output Voltage Low VCCGD Propagation Delay2, 3 (See Figure 4) SYNCHRONOUS RECTIFIER MONITOR Output Voltage High Output Voltage Low Transition Time2 Propagation Delay2, 3 Symbol VCC ICCQ
(TA = 0 C to 85 C, VCC = 5 V, VBST = 4 V to 26 V, SD > 2 V, unless otherwise
Conditions Min 4.15 VSD < 0.8 V VSD > 2.0 V, No Switching VCC = 4.6 V, ILOAD = 10 mA VCC < UVLO, ILOAD = 10 mA SD Goes High SD Goes Low 4.5 Typ 5.0 Max 6.0 10 2 Unit V mA mA V V ms ms
1 4.55 0.1
tpdhVCCGD, tpdlVCCGD
0.2 10 10
4.15 trSRMON, tfSRMON tpdhSRMON tpdlSRMON VCC = 4.6 V, CLOAD = 100 pF VCC = 4.6 V, CLOAD = 100 pF DRVLSD Is High and DRVL Goes High, or DRVLSD Goes Low DRVLSD Is High and DRVL Goes Low 4.2 4.4 0.05 50 20 15
V mV ns ns
15
ns
UNDERVOLTAGE LOCKOUT UVLO Threshold UVLO Hysteresis UVLO Logic Active Threshold UVLO Propagation Delay2, 3 (See Figure 5) OVERVOLTAGE PROTECTION Trip Threshold Hysteresis Bias Current OVP Propagation Delay2, 3, 4 SYNCHRONOUS RECTIFIER ENABLE DRVLSD Input Voltage High5 Input Voltage Low5 Propagation Delay2, 3 (See Figure 3) SD INPUT Input Voltage High5 Input Voltage Low5 PWM INPUT (IN) Input Voltage High5 Input Voltage Low5 THERMAL SHUTDOWN Overtemperature Trip Point OTP Hysteresis HIGH-SIDE DRIVER Output Resistance, Sourcing Current Output Resistance, Sinking Current DRVH Transition Times2 (See Figure 6) DRVH Propagation Delay2, 3, 6 (See Figure 6)
4.6 1.5 10 10
tpdhUVLO tpdlUVLO
VCC Goes High VCC Goes Low 1.145 1.2 0.8 0.2
V V V ms ms V V mA ms
1.255 1.0 0.5
tpdhOVP
VCC = 4.6 V, OVPSET Goes High
2.0 0.8 tpdlDRVLSD, tpdhDRVLSD VCC = 4.6 V, CLOAD (DRVL) = 3 nF 2.0 0.8 2.0 0.8 165 10 VBST - VSW = 4.6 V VBST - VSW = 4.6 V VBST - VSW = 4.6 V, CLOAD = 3 nF VBST - VSW = 4.6 V 10 2.5 2.5 20 20 25 5 5 35 30
V V ns
V V V V C C W W ns ns ns
trDRVH, tfDRVH tpdhDRVH, tpdlDRVH
-2-
REV. A
ADP3410
Parameter LOW-SIDE DRIVER Output Resistance, Sourcing Current Output Resistance, Sinking Current DRVL Transition Times2 (See Figure 6) DRVL Propagation Delay2, 3 (See Figure 6) Symbol Conditions VCC = 4.6 V VCC = 4.6 V VCC = 4.6 V, CLOAD = 3 nF VCC = 4.6 V 5 Min Typ Max 2.5 2.5 20 5 5 35 30 25 Unit W W ns ns ns
trDRVL, tfDRVL tpdhDRVL tpdlDRVL
NOTES 1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. 2 AC specifications are guaranteed by characterization, but not production tested. 3 For propagation delays, tpdh refers to the specified signal going high, tpdl refers to it going low. 4 Propagation delay measured until DRVL begins its transition. 5 Logic inputs meet typical CMOS I/O conditions for source/sink current (~1 mA). 6 Maximum propagation delay = 40 ns max + (1 ns/pF CDLY). Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
ORDERING GUIDE
VCC to PGND . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V BST to PGND . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +30 V BST to SW . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V SW to PGND . . . . . . . . . . . . . . . . . . . . . . . . -2.0 V to +25 V OVPSET to PGND . . . . . . . . . . . . . . . . . . . . -0.3 V to +10 V SD, IN, DRVLSD to GND . . . . . . . . . . . . . . -0.3 V to +7.3 V GND to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3 V Operating Ambient Temperature Range . . . . . . . 0C to 85C Operating Junction Temperature Range . . . . . . 0C to 125C qJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155C/W qJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40C/W Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300C
*This is a stress rating only; operation beyond these limits can cause the device to be permanently damaged.
Model
Temperature Range
Package Description
Package Option
ADP3410KRU 0C to 85C
Thin Shrink Small RU-14 Outline Package (TSSOP-14)
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADP3410 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. A
-3-
ADP3410
PIN FUNCTION DESCRIPTIONS
Pin 1
Mnemonic OVPSET
Function Overvoltage Shutdown Sense Input. Shutdown occurs when this pin is driven above the specified threshold. It is a high-impedance comparator input, so an external resistor divider can be used to scale the controlling voltage for OVP. Shutdown. When high, this pin enables normal operation. When low, VCCGD, DRVH, and DRVL are forced low and the supply current (ICCQ) is minimized as specified. Signal Ground. The input signal and the capacitor at DLY should be closely referenced to this ground. TTL-level input signal which has primary control of the drive outputs. Synchronous Rectifier Enable. When low, this signal forces DRVL low. The propagation delay time is on the order of that for the main input signal, so it can be used for real time modulation control of DRVL. When DRVLSD is high, DRVL is enabled and controlled by IN. Low-High-Transition Delay. A capacitor from this pin to ground programs the propagation delay from turn-off of the lower FET to turn-on of the upper FET. The formula for the low-high-transition delay is DLY = CDLY (1 ns/pF) + 20 ns. The rise time for turn-on of the upper FET is not included in the formula. VCC Good. This pin indicates the status of the undervoltage lockout. When VCC is high enough for the device to exit UVLO mode, the VCCGD pin is pulled up to VCC with the specified low impedance. This signal is capable of acting as a switched power rail for external circuitry, since it can source 10 mA and sink 10 mA. Input Supply. This pin should be bypassed to PGND with ~1 mF ceramic capacitor. Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) FET. Power Ground. Should be closely connected to the source of the lower FET. Synchronous Rectifier Monitor. When DRVLSD is high, SRMON follows DRVL. When DRVLSD is low, SRMON is high. TTL-type output. This pin is connected to the buck switching node, close to the upper FET's source. It is the floating return for the upper FET drive signal. Also, it is used to monitor the switched voltage to prevent turn-on of the lower FET until the voltage is below ~1 V. Thus, the high-low-transition delay is determined at this pin according to operating conditions. This pin can be subjected to voltages as low as 2 V below PGND. Buck Drive. Output drive for the upper (buck) FET. Floating Bootstrap Supply for the upper FET. A capacitor connected between BST and SW pins holds this bootstrapped voltage for the high-side FET as it is switched. The capacitor should be chosen between 0.1 mF and 1 mF.
PIN CONFIGURATION
2 3 4 5
SD GND IN DRVLSD
6
DLY
7
VCCGD
8 9 10 11 12
VCC DRVL PGND SRMON SW
13 14
DRVH BST
OVPSET 1 SD 2 GND 3 IN 4
14 BST 13 DRVH 12 SW
ADP3410 11 SRMON
TOP VIEW DRVLSD 5 (Not to Scale) 10 PGND DLY 6 VCCGD 7 9 DRVL 8 VCC
-4-
REV. A
ADP3410
5V D1 VBATT
VCC
BIAS ENABLE VCC
ADP3410
SD
VCC
VCCGD UVLO 4.4V BST CBST DELAY DRVH Q1
DLY CDLY DRVL 10% VCC IN
SW VOUT Ra OVPSET Rb 1.2V VCC DRVL 1V PGND
Q2
DRVLSD
SRMON
GND
Figure 2. Functional Block Diagram
IN
2.0V DRVLSD 0.8V tpdlDRVLSD
tpdhDRVLSD
DRVL
Figure 3. DRVLSD Propagation Delay
REV. A
-5-
ADP3410
SD
2V 0.8V
tpdhVCCGD 3.5V VCCGD
tpdIVCCGD
10% VCC
Figure 4. VCCGD Propagation Delay
UVLO THRESHOLD VCC
UVLO THRESHOLD-HYSTERESIS
tpdhUVLO
tpdIUVLO 90% VCC
VCCGD 10% VCC
Figure 5. UVLO Propagation Delay
IN tpdlDRVL tfDRVL tpdlDRVH trDRVL
90% DRVL 10% tpdhDRVH trDRVH tfDRVH
90%
10%
90% DRVH-SW 10% VTH
90% VTH 10%
tpdhDRVL SW 1V
Figure 6. Nonoverlap Timing Diagram
-6-
REV. A
Typical Performance Characteristics-ADP3410
2V/DIV DRVH
2V/DIV DRVL
30 25
VCC = 5V CLOAD = 3nF RISE TIME
VOLTAGE
TIME - ns
DRVL
VOLTAGE
20
DRVH
15 FALL TIME 10
IN VCC = 5V CLOAD = 3nF VSW = 0V TIME - ns
IN VCC = 5V CLOAD = 3nF CDLY = 20pF TIME - ns
20ns/DIV
20ns/DIV
5
0
0
25 50 75 JUNCTION TEMPERATURE - C
85
TPC 1. DRVH Fall and DRVL Rise Times
TPC 2. DRVL Fall and DRVH Rise Times
TPC 3. DRVH Rise and Fall Times vs. Temperature
35 30 25
TIME - ns
VCC = 5V CLOAD = 3nF
40 VCC = 5V TA = 25 C 30 RISE TIME
TIME - ns
35 30 25 VCC = 5V TA = 25 C
20 15 10 FALL TIME
TIME - ns
DRVH 20 15 10 5 DRVL
20 DRVH 10 DRVL
5 0 0 50 75 25 AMBIENT TEMPERATURE - C 85 0 0 1 2 3 4 CAPACITANCE - nF 5 6
0 0 1 2 3 4 CAPACITANCE - nF 5 6
TPC 4. DRVL Rise and Fall Times vs. Temperature
TPC 5. DRVH and DRVL Rise Times vs. Load Capacitance
TPC 6. DRVH and DRVL Fall Times vs. Load Capacitance
30 VCC = 5V CLOAD = 3nF
40 35 VCC = 5V TA = 25 C CLOAD = 3nF
11.0 VCC = 5V fIN = 250kHz CLOAD = 3nF 10.5
25 20
SUPPLY CURRENT - mA
30 25 20 15 10 5 0
SUPPLY CURRENT - mA
tpdlDRVH
TIME - ns
15 tpdlDRVL 10 5 0 0 25 100 50 75 JUNCTION TEMPERATURE - C 125
10.0
9.5
9.0 0 200 400 600 800 1000 IN FREQUENCY - kHz 1200 0 25 50 75 100 JUNCTION TEMPERATURE - C 125
TPC 7. Propagation Delay vs. Temperature
TPC 8. Supply Current vs. Frequency
TPC 9. Supply Current vs. Temperature
REV. A
-7-
ADP3410
THEORY OF OPERATION
The ADP3410 is a dual MOSFET driver optimized for driving two N-channel FETs in a synchronous buck converter topology. A single PWM input signal is all that is required to properly drive the high-side and the low-side FETs. Each driver is capable of driving a 3 nF load with only a 20 ns transition time. A more detailed description of the ADP3410 and its features follows. Refer to the functional block diagram.
Low-Side Driver
has fallen to 1 V, Q2 will begin turn ON. By waiting for the voltage on the SW pin to reach 1 V, the overlap protection circuit ensures that Q1 is OFF before Q2 turns on, regardless of variations in temperature, supply voltage, gate charge, and drive current. To prevent the overlap of the gate drives during Q2's turn OFF and Q1's turn ON, the overlap circuit provides a programmable delay that is set by a capacitor on the DLY pin. When the PWM input signal goes high, Q2 will begin to turn OFF (after a propagation delay), but before Q1 can turn ON, the overlap protection circuit waits for the voltage at DRVL to drop to around 10% of VCC. Once the voltage at DRVL has reached the 10% point, the overlap protection circuit will wait for a 20 ns typical propagation delay plus an additional delay based on the external capacitor, CDLY. The delay capacitor adds an additional 1 ns/pF of delay. Once the programmable delay period has expired, Q1 will begin turn ON. The delay allows time for current to commutate from the body diode of Q2 to an external Schottky diode, which allows turn-off losses to be reduced. Although not as foolproof as the adaptive delay, the programmable delay adds a safety margin to account for variations in size, gate charge, and internal delay of the external power MOSFETs.
Overvoltage Protection
The low-side driver is designed to drive low-RDS(ON) N-channel MOSFETs. The maximum output resistance for the driver is 5 Ws for both sourcing and sinking gate current. The low-output resistance allows the driver to have 20 ns rise and fall times into a 3 nF load. The bias to the low-side driver is internally connected to the VCC supply and PGND. When the driver is enabled, the driver's output is 180 out of phase with the PWM input. When the driver is shut down or the entire ADP3410 is in shutdown or in under voltage lockout, the low-side gate is held low.
High-Side Driver
The high-side driver is designed to drive a floating low RDS(ON) N-channel MOSFET. The maximum output resistance for the driver is 5 Ws for both sourcing and sinking gate current. The low output resistance allows the driver to have 20 ns rise and fall times into a 3 nF load. The bias voltage for the high-side driver is developed by an external bootstrap supply circuit, which is connected between the BST and SW pins. The bootstrap circuit comprises a Schottky diode, D1, and bootstrap capacitor, CBST. When the ADP3410 is starting up, the SW pin is at ground, so the bootstrap capacitor will charge up to VCC through D1. As the input voltage ramps up and exceeds the UVLO threshold, the high-side driver is enabled. When the PWM input goes high, the high-side driver will begin to turn the high-side FET, Q1, ON by pulling charge out of C BST. As Q1 turns ON, the SW pin will rise up to VBATT, forcing the BST pin to VBATT + VC(BST), which is enough gateto-source voltage to hold Q1 ON. To complete the cycle, Q1 is switched OFF by pulling the gate down to the voltage at the SW pin. When the low-side FET, Q2, turns ON, the SW pin is pulled to ground. This allows the bootstrap capacitor to charge up to VCC again. The high-side driver's output is in phase with the PWM input. When the driver is in under-voltage lockout, the high-side gate is held low.
Overlap Protection Circuit
An overvoltage protection circuit monitors the output voltage for an overvoltage condition. This condition is possible if Q1 should fail. If this should occur, the output voltage would begin to rise up to the battery voltage where it would pose the threat of damage to the devices connected to the output. By adding a resistor divider, Ra and Rb, to the OVPSET pin, the output voltage can be monitored for this fault condition. If the voltage on the OVPSET pin exceeds the 1.2 V threshold, this indicates a fault condition and Q1 is turned OFF and the low-side FET (synchronous rectifier) is turned ON. The power switches will remain in this state until the voltage on the OVPSET pin falls below 400 mV. The turn-on of Q2 is not delayed by monitoring the SW voltage, but the triggering of OVP is intentionally slow to avoid false triggering.
Low-Side Driver Enable
The Overlap Protection Circuit (OPC) prevents both of the main power switches, Q1 and Q2, from being ON at the same time. This is done to prevent shoot-through currents from flowing through both power switches and the associated losses that can occur during their ON-OFF transitions. The overlap protection circuit accomplishes this by adaptively controlling the delay from Q1's turn OFF to Q2's turn ON, and by programming the delay from Q2's turn OFF to Q1's turn ON. To prevent the overlap of the gate drives during Q1's turn OFF and Q2's turn ON, the overlap circuit monitors the voltage at the SW pin. When the PWM input signal goes low, Q1 will begin to turn OFF (after a propagation delay), but before Q2 can turn ON, the overlap protection circuit waits for the voltage at the SW pin to fall from VBATT to 1 V. Once the voltage on the SW pin -8-
The low-side driver enable (DRVLSD) allows external control of the synchronous rectifier. This is particularly useful for maintaining efficiency under light load conditions. At light loads, the PWM duty cycle becomes small, meaning the high-side switch is ON for a very short time and the synchronous rectifier is ON for the remainder of the period. Under these conditions, the inductor current ramps up during the short high-side switch ON time, and then ramps down during the synchronous rectifier's ON time. If the inductor current reaches zero and there is still time left in the period, the inductor current will begin to go negative. Negative current indicates that current is being drawn out of the output capacitor through the inductor and low-side FET to ground, incurring extra losses in the process. If the DRVLSD is used to shut down the low-side driver when the inductor current reaches zero, the light load efficiency can be dramatically improved. If inductor current information is not available, but a microprocessor is performing a power management function, it can shut down the synchronous rectifier when in a sleep or stand-by mode. When the DRVLSD input is low, the low-side driver output goes low. When the DRVLSD input is high the low-side driver is enabled and controlled by the PWM input. The propagation delay from the DRVLSD input to the DRVL output is about 30 ns. REV. A
ADP3410
Synchronous Rectifier Monitor Bootstrap Circuit
The synchronous rectifier monitor provides a TTL output signal for use by the PWM controller. The SRMON output follows the DRVL signal when the low-side driver is enabled and goes high when the low-side driver is shut down.
Shutdown
The bootstrap circuit requires a charge storage capacitor, CBST, and a Schottky diode, D1, as shown in Figure 2. Selecting these components can be done after the high-side FET has been chosen. The bootstrap capacitor must have a voltage rating that is able to handle the maximum battery voltage plus 5 V. A minimum 50 V rating is recommended. The capacitance is determined using the following equation:
CBST = QGATE DVBST
The shutdown input is used for power management. If the circuits running off of the buck converter are not needed, the ADP3410 can be shut down to conserve power. When the SD pin is high, the ADP3410 is enabled for normal operation. Pulling the SD pin low forces the VCCGD, DRVH and DRVL outputs low turning the buck converter OFF and reducing the VCC supply current to less than 10 mA.
Undervoltage Lockout
(1)
The undervoltage lockout (UVLO) circuit holds both FET driver outputs low during VCC supply ramp up. The UVLO logic becomes active and in control of the driver outputs at a supply voltage of 1.5 V. The UVLO circuit will wait until the VCC supply has reached a voltage high enough to bias logic level FETs fully ON, around 4.4 V, before releasing control of the drivers to the PWM input.
VCC Good
where QGATE is the total gate charge of the high-side FET, and DVBST is the voltage droop allowed on the high-side FET drive. For example, the IRF7811 has a total gate charge of about 20 nC. For an allowed droop of 200 mV, the required bootstrap capacitance is 100 nF. Look for a good quality ceramic capacitor. A Schottky diode is recommended for the bootstrap diode due to its low forward drop, which maximizes the drive available for the high-side FET. The bootstrap diode must have a minimum 40 V rating to withstand the maximum battery voltage plus 5 V. The average forward current can be estimated by:
I F ( AVG ) QGATE f MAX
The power ready signal, VCCGD, indicates the status of the VCC supply. When the device is in UVLO, the VCCGD output is pulled low by an NMOS transistor. Upon exiting UVLO mode, the VCCGD pin is pulled up to VCC with a 5 W PMOS transistor capable of sourcing current to external load circuits. As can be seen from the block diagram, the UVLO comparator output and the SD signal are ANDed together to become the VCCGD output, so when the device is put into shutdown the VCCGD output will be low regardless of the VCC voltage.
Thermal Shutdown
(2)
where fMAX is the maximum switching frequency of the controller. The peak surge current rating should be checked in circuit since this is dependent on the source impedance of the 5 V supply, and the ESR of CBST.
Setting the OVP Threshold
The thermal shutdown circuit protects the ADP3410 against damage due to excessive power dissipation. Under extreme conditions, high ambient temperature and high-power dissipation, the die temperature can rise up to the over-temperature trip point of 165C. If the die temperature exceeds 165C, the thermal shutdown circuit will turn the output drivers OFF. The drivers will remain disabled until the junction temperature has decreased by 10C, at which point the drivers are enabled again.
APPLICATION INFORMATION Supply Capacitor Selection
The ADP3410 can shut down the high-side FET drive when the OVPSET input exceeds the threshold voltage. The voltage at which VOUT trips the overvoltage protection is set by selecting the values for Ra and Rb shown in Figure 2. The threshold for the OVP is calculated using:
E Ra VOVP = 1.2 V A1 + E Rb
(3)
where VOVP is the desired OVP threshold voltage at VOUT. In order to minimize the bias current error, Rb should be less than or equal to 24 kW. By selecting a value for Rb 24 kW and solving for Ra gives the following formula:
EV Ra = A OVP - 1 Rb E 1.2 V
For the supply input (VCC) of the ADP3410, a local bypass capacitor is recommended to reduce the noise and to supply some of the peak currents drawn. Use a 5 mF to 10 mF, low ESR capacitor. Multilayer ceramic chip (MLCC) capacitors provide the best combination of low ESR and small size and can be obtained from the following vendors: Murata GRM235Y5V106Z16 www.murata.com Taiyo-Yuden EMK325F106ZF www.t-yuden.com Tokin C23Y5V1C106ZP www.tokin.com A lower cost alternative may be to use a 5 mF to 10 mF tantalum capacitor with a small (1 mF) ceramic in parallel. Keep the ceramic capacitor as close as possible to the ADP3410.
(4)
Note that the minimum the OVP threshold can be is 1.2 V when Ra is zero.
Delay Capacitor Selection
The delay capacitor, CDLY, is used to add an additional delay when the low-side FET drive turns off and when the high-side drive starts to turn on. The delay capacitor adds 1 ns/pF of additional time to the 20 ns of fixed delay. If a delay capacitor is required, a good quality ceramic capacitor with an NPO or COG dielectric or a good quality mica capacitor should be used. Both types of capacitors are available in the 1 pF to 100 pF range and have excellent temperature and leakage characteristics.
REV. A
-9-
ADP3410
Printed Circuit Board Layout Considerations Typical Application Circuit
Use the following general guidelines when designing printed circuit boards: 1. Trace out the high-current paths and use short, wide traces to make these connections. 2. Split the ground connections. Use separate planes for the signal and power grounds, and tie them together at a single point near the ADP3410. 3. The VCC bypass capacitor should be located as close as possible to VCC and PGND pins.
The circuit in Figure 7 shows how the ADP3410 can be combined with the ADP3421 to form a total power conversion solution for a microprocessor. The combination provides the supply voltages for the core processor, the I/O interface, and the clock.
5V 3.3V
VIN
U1
R1 51.1k
ADP3421
1 VHYS CS- 28 CS+ 27 REG 26 RAMP 25 VCC 24 OUT 23 GND 22 DACOUT 21 CORE 20 SSC 19 SSL 18 UVLO 17 PWRGD 16
SD 15 C22 1nF
R11 220k
R16 3.3k
R15 332
R22 100k
U2
C25 22nF
R19 2k
R10 10k
R2 160k
2 CLSET 3 LTO 4 LTI 5 LTB 6 VID4 7 VID3
C31
1pF
ADP3410
1 OVPSET 2 SD 3 GND 4 IN BST 14 DRVH 13 SW 12 SRMON 11 PGND 10 DRVL VCC 9 8
C28 10 F
D2 10BQ040
C10 10 F
C15 10 F
C16 10 F
R21,10k
C2 100nF
C17 100nF
C1 100nF
C41 1pF C29 100pF
R17 75k R18 576
M1 IRF7811
C32 15nF
R20 10
L1 1H D1 10BQ040
RCS 5m
VCC CPU CORE
5 DRVLSD 6 DLY
C18 10pF
R5 10k
M2 IRF7811
R8 2.2
FROM CPU
M3 IRF7811
R9 2.2
8 VID2 9 VID1 10 VID0
C23 1nF C21 1.5nF
R6 7.5k
C4-C6, C11, C12, C26, C27 220 F 7
GND
7 VCCGD
Q2 2N3906 Q1 MJD210
C3 68 F
C14 100 F
11 CLKDRV 12 CLKFB 13 IODRV 14 IOFB
R12 470k
C20 10 F
VCC ON CORE SENSE V GATE VCC CPU IO VCC CPU CLK
VRON
Figure 7. Typical Application Circuit
-10-
REV. A
ADP3410
OUTLINE DIMENSIONS
Dimensions shown in millimeters (mm).
14-Lead Thin Shrink Small Outline Package (TSSOP) (RU-14)
5.10 5.00 4.90
14
8
4.50 4.40 4.30
1 7
6.40 BSC
PIN 1 1.50 1.00 0.80 COPLANARITY 0.65 BSC 1.20 MAX 0.15 0.05 0.30 0.19 SEATING PLANE 0.20 0.09 8 0 0.75 0.60 0.45
COMPLIANT TO JEDEC STANDARDS MO-153AB-1
Revision History
Location Data Sheet changed from REV. 0 to REV. A. Page
Change Figures to TPCs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Renumbered Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
REV. A
-11-
ADP3410
-12-
C00151-0-5/02(A)
REV. A
PRINTED IN U.S.A.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of ADP3410KRU-REEL7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X