Part Number Hot Search : 
2412SE FM240 C324G STA369BW ANTXV2N7 2SC6082 NTE5246A D667C
Product Description
Full Text Search
 

To Download 74F132PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F132 Quad 2-Input NAND Schmitt Trigger
April 1988 Revised July 1999
74F132 Quad 2-Input NAND Schmitt Trigger
General Description
The F132 contains four 2-input NAND gates which accept standard TTL input signals and provide standard TTL output levels. They are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. In addition, they have a greater noise margin than conventional NAND gates. Each circuit contains a 2-input Schmitt Trigger followed by level shifting circuitry and a standard FASTTM output structure. The Schmitt Trigger uses positive feedback to effectively speed-up slow input transitions, and provide different input threshold voltages for positive and negative-going transitions. This hysteresis between the positive-going and negative-going input threshold (typically 800 mV) is determined by resistor ratios and is essentially insensitive to temperature and supply voltage variations.
Ordering Code:
Order Number 74F132SC 74F132SJ 74F132PC Package Number M14A M14D N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Unit Loading/Fan Out
U.L. Pin Names Description An , Bn On Inputs Outputs Input IIH/IIL 20 A/-0.6 mA -1 mA/20 mA HIGH/LOW Output IOH/IOL 1.0/1.0 50/33.3
Function Table
Inputs A L L H H
H = HIGH Voltage Level L = LOW Voltage Level
Outputs B L H L H O H H H L
FAST(R) is a registered trademark of Fairchild Semiconductor Corporation
(c) 1999 Fairchild Semiconductor Corporation
DS009477
www.fairchildsemi.com
74F132
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) ESD Last Passing Voltage (Min) twice the rated IOL (mA) 4000V -0.5V to VCC -0.5V to +5.5V -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VT+ VT- VT VCD VOH VOL IIH IBVI ICEX VID IOD IIL IOS ICCH ICCL Parameter Positive-going Threshold Negative-going Threshold Hysteresis (VT+ - VT-) Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current Output Short-Circuit Current Power Supply Current Power Supply Current -60 4.75 3.75 -0.6 -150 17.0 18.0 10% VCC 5% VCC 10% VCC 2.5 2.7 0.5 5.0 7.0 50 V A A A V A mA mA mA mA Min Max Max Max 0.0 0.0 Max Max Max Max Min 1.5 0.7 0.4 -1.2 Typ Max 2.0 1.1 Units V V V V V VCC 5.0 5.0 5.0 Min Min IIN = -18 mA IOH = -1 mA IOH = -1 mA IOL = 20 mA VIN = 2.7V VIN = 7.0V VOUT = VCC IID = 1.9 A All Other Pins Grounded VIOD = 150 mV All Other Pins Grounded VIN = 0.5V VOUT = 0V VO = HIGH VO = LOW Conditions
AC Electrical Characteristics
TA = +25C Symbol Parameter Min tPLH tPHL Propagation Delay An, Bn to On 4.0 5.0 VCC = +5.0V CL = 50 pF Typ Max 10.5 12.5 TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 3.5 5.0 Max 12.0 13.0 ns Units
www.fairchildsemi.com
2
74F132
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow Package Number M14A
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
3
www.fairchildsemi.com
74F132 Quad 2-Input NAND Schmitt Trigger
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 4 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F132PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X