Part Number Hot Search : 
JANTX2N FST31 JCS4N60V 2SC4295M ON1272 RL101F L50QS250 AB1A4M
Product Description
Full Text Search
 

To Download 74AHC3G14DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74AHC3G14; 74AHCT3G14 Inverting Schmitt trigger
Product specification Supersedes data of 2003 Nov 27 2004 Oct 18
Philips Semiconductors
Product specification
Inverting Schmitt trigger
FEATURES * Symmetrical output impedance * High noise immunity * ESD protection: - HBM EIA/JESD22-A114-B exceeds 2000 V - MM EIA/JESD22-A115-A exceeds 200 V - CDM EIA/JESD22-C101 exceeds 500 V. * Low power dissipation * Balanced propagation delays * Multiple package options * Specified from -40 C to +85 C and -40 C to +125 C. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf 3.0 ns.
74AHC3G14; 74AHCT3G14
APPLICATIONS * Wave and pulse shapers * Astable multivibrators * Monostable multivibrators. DESCRIPTION The 74AHC3G/AHCT3G14 is a high-speed Si-gate CMOS device. The 74AHC3G/AHCT3G14 provides three inverting buffers with Schmitt-trigger action. These devices are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals.
TYPICAL SYMBOL tPHL/tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. 2. The condition is VI = GND to VCC. FUNCTION TABLE See note 1. INPUT nA L H Note 1. H = HIGH voltage level; L = LOW voltage level. 2004 Oct 18 2 OUTPUT nY H L PARAMETER propagation delay A to Y input capacitance power dissipation capacitance CL = 15 pF; f = 1 MHz; notes 1 and 2 CONDITIONS AHC3G14 CL = 15 pF; VCC = 5 V 3.2 1.5 10 AHCT3G14 4.1 1.5 12 ns pF pF UNIT
Philips Semiconductors
Product specification
Inverting Schmitt trigger
ORDERING INFORMATION
74AHC3G14; 74AHCT3G14
PACKAGE TYPE NUMBER 74AHC3G14DP 74AHCT3G14DP 74AHC3G14DC 74AHCT3G14DC 74AHC3G14GM 74AHCT3G14GM PINNING PIN 1 2 3 4 5 6 7 8 1A 3Y 2A GND 2Y 3A 1Y VCC SYMBOL data input data output data input ground (0 V) data output data input data output supply voltage DESCRIPTION TEMPERATURE RANGE -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C PINS 8 8 8 8 8 8 PACKAGE TSSOP8 TSSOP8 VSSOP8 VSSOP8 XSON8 XSON8 MATERIAL plastic plastic plastic plastic plastic plastic CODE SOT505-2 SOT505-2 SOT765-1 SOT765-1 SOT833-1 SOT833-1 MARKING A14 C14 A14 C14 A14 C14
3G14
1A 1 8 VCC
1A 3Y 2A GND
1 2 3 4
001aab833
8 7
VCC 1Y 3A 2Y
3G14
6 5
3Y
2
7
1Y
2A
3
6
3A
GND
4
5
2Y
001aab834
Transparent top view
Fig.1 Pin configuration TSSOP8 and VSSOP8.
Fig.2 Pin configuration XSON8.
2004 Oct 18
3
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
handbook, halfpage handbook, halfpage
1
7
1
1A
1Y
7
2
3Y
3A
6
6
2
3
2A
2Y
5 3 5
MNA740 MNA741
Fig.3 Logic symbol.
Fig.4 IEC logic symbol.
handbook, halfpage
A
Y
MNA025
Fig.5 Logic diagram (one driver).
2004 Oct 18
4
Philips Semiconductors
Product specification
Inverting Schmitt trigger
RECOMMENDED OPERATING CONDITIONS
74AHC3G14; 74AHCT3G14
74AHC3G SYMBOL VCC VI VO Tamb PARAMETER supply voltage input voltage output voltage operating ambient temperature see DC and AC characteristics per device CONDITIONS MIN. 2.0 0 0 -40
74AHCT3G UNIT TYP. MAX. 5.0 - - +25 5.5 5.5 VCC V V V
TYP. MAX. MIN. 5.0 - - +25 5.5 5.5 VCC 4.5 0 0
+125 -40
+125 C
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC VI IIK IOK IO ICC, IGND Tstg PD Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. PARAMETER supply voltage input voltage input diode current output diode current output source or sink current VCC or GND current storage temperature power dissipation Tamb = -40 C to +125 C VI < -0.5 V VO < -0.5 V or VO > VCC + 0.5 V; note 1 -0.5 V < VO < VCC + 0.5 V CONDITIONS MIN. -0.5 -0.5 - - - - -65 - MAX. +7.0 +7.0 -20 20 25 75 +150 250 UNIT V V mA mA mA mA C mW
2004 Oct 18
5
Philips Semiconductors
Product specification
Inverting Schmitt trigger
DC CHARACTERISTICS
74AHC3G14; 74AHCT3G14
Type 74AHC3G14 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL Tamb = 25 C VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A IO = -50 A IO = -50 A IO = -4.0 mA IO = -8.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 50 A IO = 50 A IO = 50 A IO = 4.0 mA IO = 8.0 mA ILI ICC CI input leakage current quiescent supply current input capacitance VI = VCC or GND VI = VCC or GND; IO = 0 A 2.0 3.0 4.5 3.0 4.5 5.5 5.5 - - - - - - - - - 0 0 0 - - - - 1.5 0.1 0.1 0.1 0.36 0.36 0.1 1.0 10 V V V V V A A pF 2.0 3.0 4.5 3.0 4.5 1.9 2.9 4.4 2.58 3.94 2.0 3.0 4.5 - - - - - - - V V V V V PARAMETER OTHER VCC (V) MIN. TYP. MAX. UNIT
Tamb = -40 C to +85 C VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A IO = -50 A IO = -50 A IO = -4.0 mA IO = -8.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 50 A IO = 50 A IO = 50 A IO = 4.0 mA IO = 8.0 mA ILI ICC CI input leakage current quiescent supply current input capacitance VI = VCC or GND VI = VCC or GND; IO = 0 A 2.0 3.0 4.5 3.0 4.5 5.5 5.5 - - - - - - - - - - - - - - - - - 0.1 0.1 0.1 0.44 0.44 1.0 10 10 V V V V V A A pF 2.0 3.0 4.5 3.0 4.5 1.9 2.9 4.4 2.48 3.8 - - - - - - - - - - V V V V V
2004 Oct 18
6
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 C to +125 C VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A IO = -50 A IO = -50 A IO = -4.0 mA IO = -8.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 50 A IO = 50 A IO = 50 A IO = 4.0 mA IO = 8.0 mA ILI ICC CI input leakage current quiescent supply current input capacitance VI = VCC or GND VI = VCC or GND; IO = 0 A 2.0 3.0 4.5 3.0 4.5 5.5 5.5 - - - - - - - - - - - - - - - - - 0.1 0.1 0.1 0.55 0.55 2.0 40 10 V V V V V A A pF 2.0 3.0 4.5 3.0 4.5 1.9 2.9 4.4 2.40 3.70 - - - - - - - - - - V V V V V VCC (V) MIN. TYP. MAX. UNIT
2004 Oct 18
7
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
Type 74AHCT3G14 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL Tamb = 25 C VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A IO = -8.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 50 A IO = 8.0 mA ILI ICC ICC CI input leakage current quiescent supply current VI = VIH or VIL VI = VCC or GND; IO = 0 A 4.5 4.5 5.5 5.5 5.5 - - - - - - - 0 - - - - 1.5 0.1 0.36 0.1 1.0 1.35 10 V V A A mA pF 4.5 4.5 4.4 3.94 4.5 - - - V V PARAMETER OTHER VCC (V) MIN. TYP. MAX. UNIT
additional quiescent supply VI = 3.4 V; other inputs at current per input pin VCC or GND; IO = 0 A input capacitance
Tamb = -40 C to +85 C VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A IO = -8.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 50 A IO = 8.0 mA ILI ICC ICC CI input leakage current quiescent supply current VI = VIH or VIL VI = VCC or GND; IO = 0 A 4.5 4.5 5.5 5.5 5.5 - - - - - - - - - - - - - 0.1 0.44 1.0 10 1.5 10 V V A A mA pF 4.5 4.5 4.4 3.8 - - - - V V
additional quiescent supply VI = 3.4 V; other inputs at current per input pin VCC or GND; IO = 0 A input capacitance
Tamb = -40 C to +125 C VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A IO = -8.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 50 A IO = 8.0 mA ILI ICC ICC CI input leakage current quiescent supply current VI = VIH or VIL VI = VCC or GND; IO = 0 A 4.5 4.5 5.5 5.5 5.5 - - - - - - - - - - - - - 0.1 0.55 2.0 40 1.5 10 V V A A mA pF 4.5 4.5 4.4 3.70 - - - - V V
additional quiescent supply VI = 3.4 V; other inputs at current per input pin VCC or GND; IO = 0 A input capacitance
2004 Oct 18
8
Philips Semiconductors
Product specification
Inverting Schmitt trigger
TRANSFER CHARACTERISTICS
74AHC3G14; 74AHCT3G14
Type 74AHC3G14 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL Tamb = 25 C VT+ positive-going threshold see Figs 6 and 7 3.0 4.5 5.5 VT- negative-going threshold see Figs 6 and 7 3.0 4.5 5.5 VH hysteresis (VT+ - VT-) see Figs 6 and 7 3.0 4.5 5.5 Tamb = -40 C to +85 C VT+ positive-going threshold see Figs 6 and 7 3.0 4.5 5.5 VT- negative-going threshold see Figs 6 and 7 3.0 4.5 5.5 VH hysteresis (VT+ - VT-) see Figs 6 and 7 3.0 4.5 5.5 Tamb = -40 C to +125 C VT+ positive-going threshold see Figs 6 and 7 3.0 4.5 5.5 VT- negative-going threshold see Figs 6 and 7 3.0 4.5 5.5 VH hysteresis (VT+ - VT-) see Figs 6 and 7 3.0 4.5 5.5 - - - 0.9 1.35 1.65 0.25 0.35 0.45 - - - - - - - - - 2.2 3.15 3.85 - - - 1.2 1.4 1.6 V V V V V V V V V - - - 0.9 1.35 1.65 0.3 0.4 0.5 - - - - - - - - - 2.2 3.15 3.85 - - - 1.2 1.4 1.6 V V V V V V V V V - - - 0.9 1.35 1.65 0.3 0.4 0.5 - - - - - - - - - 2.2 3.15 3.85 - - - 1.2 1.4 1.6 V V V V V V V V V PARAMETER WAVEFORMS VCC (V) MIN. TYP. MAX. UNIT
2004 Oct 18
9
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
Type 74AHCT3G14 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL Tamb = 25 C VT+ VT- VH positive-going threshold negative-going threshold hysteresis (VT+ - VT-) see Figs 6 and 7 see Figs 6 and 7 see Figs 6 and 7 4.5 5.5 4.5 5.5 4.5 5.5 Tamb = -40 C to +85 C VT+ VT- VH positive-going threshold negative-going threshold hysteresis (VT+ - VT-) see Figs 6 and 7 see Figs 6 and 7 see Figs 6 and 7 4.5 5.5 4.5 5.5 4.5 5.5 Tamb = -40 C to +125 C VT+ VT- VH positive-going threshold negative-going threshold hysteresis (VT+ - VT-) see Figs 6 and 7 see Figs 6 and 7 see Figs 6 and 7 4.5 5.5 4.5 5.5 4.5 5.5 - - 0.5 0.6 0.35 0.35 - - - - - - 2.0 2.0 - - 1.4 1.6 V V V V V V - - 0.5 0.6 0.4 0.4 - - - - - - 2.0 2.0 - - 1.4 1.6 V V V V V V - - 0.5 0.6 0.4 0.4 - - - - - - 2.0 2.0 - - 1.4 1.6 V V V V V V PARAMETER WAVEFORMS VCC (V) MIN. TYP. MAX. UNIT
2004 Oct 18
10
Philips Semiconductors
Product specification
Inverting Schmitt trigger
TRANSFER CHARACTERISTIC WAVEFORMS
74AHC3G14; 74AHCT3G14
handbook, halfpage
VO
handbook, halfpage
VI
VT+ VT-
VH
VO VH VT- VT+ VI
MNA026 MNA027
Fig.6 Transfer characteristic.
Fig.7 Definitions of VT+, VT- and VH.
handbook, halfpage
1.5
MNA401
I CC (mA) 1
0.5
0 0 1 2 VI (V) 3
VCC = 3.0 V.
Fig.8 Typical AHC3G14 transfer characteristics.
2004 Oct 18
11
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
MNA402
handbook, halfpage
5 I CC (mA)
handbook, halfpage
8
MNA403
4
I CC (mA) 6
3 4 2
1
2
0 0 1 2 3 4 V (V) 5 I
0 0 2 4 VI (V) 6
VCC = 4.5 V.
VCC = 5.5 V.
Fig.9 Typical AHC3G14 transfer characteristics.
Fig.10 Typical AHC3G14 transfer characteristics.
MNA404
handbook, halfpage
5 I CC (mA)
handbook, halfpage
8
MNA405
I CC (mA) 6
4
3 4 2 2 1
0 0 1 2 3 4 V (V) 5 I
0 0 2 4 VI (V) 6
VCC = 4.5 V.
VCC = 5.5 V.
Fig.11 Typical AHCT3G14 transfer characteristics.
Fig.12 Typical AHCT3G14 transfer characteristics.
2004 Oct 18
12
Philips Semiconductors
Product specification
Inverting Schmitt trigger
AC CHARACTERISTICS Type 74AHC3G14 GND = 0 V; tr = tf 3.0 ns.
74AHC3G14; 74AHCT3G14
TEST CONDITIONS SYMBOL Tamb = 25 C tPHL/tPLH propagation delay nA to nY see Figs 13 and 14 3.3 3.0 to 3.6 5.0 4.5 to 5.5 Tamb = -40 C to +85 C tPHL/tPLH propagation delay nA to nY see Figs 13 and 14 3.0 to 3.6 4.5 to 5.5 Tamb = -40 C to +125 C tPHL/tPLH propagation delay nA to nY see Figs 13 and 14 3.0 to 3.6 4.5 to 5.5 15 50 15 50 1.0 1.0 1.0 1.0 - - - - 16.5 20.5 11.0 13.5 ns ns ns ns 15 50 15 50 1.0 1.0 1.0 1.0 - - - - 15.0 18.5 10.0 12.0 ns ns ns ns 15 50 15 50 15 50 15 50 - - - - - - - - 4.2 6.0 - - 3.2 4.6 - - - - 12.8 16.3 - - 8.6 10.6 ns ns ns ns ns ns ns ns PARAMETER WAVEFORMS VCC (V) CL (pF) MIN. TYP. MAX. UNIT
2004 Oct 18
13
Philips Semiconductors
Product specification
Inverting Schmitt trigger
Type 74AHCT3G14 GND = 0 V; tr = tf 3.0 ns.
74AHC3G14; 74AHCT3G14
TEST CONDITIONS SYMBOL Tamb = 25 C tPHL/tPLH propagation delay nA to nY see Figs 13 and 14 5 4.5 to 5.5 Tamb = -40 C to +85 C tPHL/tPLH propagation delay nA to nY see Figs 13 and 14 4.5 to 5.5 15 50 Tamb = -40 C to +125 C tPHL/tPLH propagation delay nA to nY see Figs 13 and 14 4.5 to 5.5 15 50 1.0 1.0 - - 9.0 11.0 ns ns 1.0 1.0 - - 8.0 10.0 ns ns 15 50 15 50 - - - - 4.1 5.9 - - - - 7.0 8.5 ns ns ns ns PARAMETER WAVEFORMS VCC (V) CL (pF) MIN. TYP. MAX. UNIT
2004 Oct 18
14
Philips Semiconductors
Product specification
Inverting Schmitt trigger
AC WAVEFORMS
74AHC3G14; 74AHCT3G14
handbook, halfpage
VI VM GND t PHL VOH t PLH
nA input
nY output VOL
VM
MNA344
FAMILY AHC3G
VI INPUT REQUIREMENTS GND to VCC
VM INPUT 1.5 V
VM OUTPUT 50 % VCC
50 % VCC 50 % VCC
AHCT3G GND to 3.0 V
Fig.13 The input (nA) to output (nY) propagation delays.
handbook, halfpage
VCC VI D.U.T. RT CL
MNA101
PULSE GENERATOR
VO
Definitions for test circuit: CL = Load capacitance including jig and probe capacitance. (See Chapter "AC characteristics" for values). RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.14 Load circuitry for switching times.
2004 Oct 18
15
Philips Semiconductors
Product specification
Inverting Schmitt trigger
APPLICATION INFORMATION The slow input rise and fall times cause additional power dissipation. This can be calculated using the following formula: Pad = fi x (tr x ICC(AV) + tf x ICC(AV)) x VCC Where: Pad = additional power dissipation (W); fi = input frequency (MHz); tr = input rise time (ns); 10 % to 90 %; tf = input fall time (ns); 90 % to 10 %; ICC(AV) = average additional supply current (A). Average ICC differs with positive or negative input transitions, as shown in Figs 15 and 16. For AHC3G/AHCT3G14 used in relaxation oscillator circuit, see Fig.17. Remark to the application information All values given are typical unless otherwise specified.
0 0 50 100
74AHC3G14; 74AHCT3G14
handbook, halfpage
200
MNA036
ICC(AV) (A) 150 positive-going edge
negative-going edge 2.0 4.0 VCC (V) 6.0
Linear change of VI between 0.1VCC to 0.9VCC.
Fig.15 Average ICC for AHC3G Schmitt-trigger devices.
handbook, halfpage
200
MNA058
ICC(AV) (A) 150 positive-going edge
handbook, halfpage
R
C 100
MNA035
50
negative-going edge
0 0 2 4 VCC (V) 6 For AHC3G:
1 1 f = -- -------------------------T 0.55 x RC 1 1 f = -- -------------------------T 0.60 x RC
For AHCT3G: Linear change of VI between 0.1VCC to 0.9VCC.
Fig.16 Average ICC for AHCT3G Schmitt-trigger devices.
Fig.17 Relaxation oscillator using the AHC3G/AHCT3G14.
2004 Oct 18
16
Philips Semiconductors
Product specification
Inverting Schmitt trigger
PACKAGE OUTLINES
74AHC3G14; 74AHCT3G14
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
D
E
A
X
c y HE vMA
Z
8
5
A pin 1 index
A2 A1
(A3)
Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.00 A2 0.95 0.75 A3 0.25 bp 0.38 0.22 c 0.18 0.08 D(1) 3.1 2.9 E(1) 3.1 2.9 e 0.65 HE 4.1 3.9 L 0.5 Lp 0.47 0.33 v 0.2 w 0.13 y 0.1 Z(1) 0.70 0.35 8 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT505-2 REFERENCES IEC JEDEC --JEITA EUROPEAN PROJECTION ISSUE DATE 02-01-16
2004 Oct 18
17
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
D
E
A X
c y HE vMA
Z
8
5
Q A pin 1 index A2 A1 (A3) Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1 A1 0.15 0.00 A2 0.85 0.60 A3 0.12 bp 0.27 0.17 c 0.23 0.08 D(1) 2.1 1.9 E(2) 2.4 2.2 e 0.5 HE 3.2 3.0 L 0.4 Lp 0.40 0.15 Q 0.21 0.19 v 0.2 w 0.13 y 0.1 Z(1) 0.4 0.1 8 0
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT765-1 REFERENCES IEC JEDEC MO-187 JEITA EUROPEAN PROJECTION
ISSUE DATE 02-06-07
2004 Oct 18
18
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 0.95 x 1.95 x 0.5 mm
SOT833-1
1
2
3
b 4 4x L
(2)
L1
e
8 e1
7 e1
6 e1
5
8x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 2.0 1.9 E 1.0 0.9 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT833-1 REFERENCES IEC --JEDEC MO-252 JEITA --EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
2004 Oct 18
19
Philips Semiconductors
Product specification
Inverting Schmitt trigger
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
74AHC3G14; 74AHCT3G14
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2004 Oct 18
20
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2004
SCA76
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R44/02/pp21
Date of release: 2004
Oct 18
Document order number:
9397 750 13741
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74AHC3G14DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X