Part Number Hot Search : 
SP254 BC33725 75B12 RGP20B FDW9926 CGY40 CO55C L3103
Product Description
Full Text Search
 

To Download 2SD2544 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2544
Silicon NPN triple diffusion planar type
For power amplification with high forward current transfer ratio
Unit: mm
s Features
q q
13.00.2 4.20.2
5.00.1 10.00.2 1.0
q
2.50.2
High foward current transfer ratio hFE Satisfactory linearity of foward current transfer ratio hFE Allowing supply with the radial taping (TC=25C)
Ratings 60 60 7 8 4 15 2 150 -55 to +150 Unit V V V A A W C C
90
1.20.1
18.00.5 Solder Dip
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
C1.0 2.250.2
0.350.1
0.650.1 1.050.1 0.550.1 0.550.1
C1.0
123
2.50.2
2.50.2
1:Base 2:Collector 3:Emitter MT4 Type Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf
*
Conditions VCB = 60V, IE = 0 VEB = 7V, IC = 0 IC = 10mA, IB = 0 VCE = 2V, IC = 0.8A VCE = 2V, IC = 2A IC = 2A, IB = 50mA IC = 2A, IB = 50mA VCE = 10V, IC = 0.5A, f = 10MHz IC = 2A, IB1 = 50mA, IB2 = -50mA, VCC = 50V
min
typ
max 10 10
Unit A A V
60 500 60 0.5 1.5 70 0.5 3.6 1.1 1000 2000
V V MHz s s s
FE1
Rank classification
Q P
Rank hFE1
500 to 1200 800 to 2000
1
Power Transistors
PC -- Ta
20 8 (1) TC=Ta (2) Without heat sink (PC=2.0W) 15 (1) IB=100mA 7 50mA TC=25C
2SD2544
IC -- VCE
10
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=20
Collector power dissipation PC (W)
3
Collector current IC (A)
6 20mA 5 10mA 4 6mA 3 4mA 2 2mA 1 0
1
TC=-25C 100C
10
0.3
25C
0.1
5
0.03
(2) 0 0 20 40 60 80 100 120 140 160
0
2
4
6
8
10
12
0.01 0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10 IC/IB=20 10
hFE -- IC
1000 VCE=5V
fT -- IC
VCE=10V f=10MHz TC=25C
Forward current transfer ratio hFE
3 TC=100C
TC=100C 25C -25C
Transition frequency fT (MHz)
10
3 1 0.3 0.1 0.03 0.01 0.003
300
1
100
0.3
30
0.1
25C -25C
10
0.03
3
0.01 0.01 0.03
0.1
0.3
1
3
10
0.001 0.01 0.03
0.1
0.3
1
3
1 0.01 0.03
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
1000
Area of safe operation (ASO)
100 IE=0 f=1MHz TC=25C 30 Non repetitive pulse TC=25C
Collector output capacitance Cob (pF)
300
Collector current IC (A)
10 ICP IC 3 DC 1 10ms 0.3 0.1 0.03 t=1ms
100
30
10
3
1 1 3 10 30 100
0.01 1 3 10 30 100 300 1000
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink
2SD2544
Thermal resistance Rth(t) (C/W)
1000
100 (1) (2) 10
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD2544

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X