Part Number Hot Search : 
PM7341 2042A ADP5042 SM5Z6V0 1N4254 C3030 MIC52 HN1A02F
Product Description
Full Text Search
 

To Download 2SD1258 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD1258
Silicon NPN triple diffusion planar type
For power amplification with high forward current transfer ratio
10.00.3 1.50.1
8.50.2 6.00.5 3.40.3
Unit: mm
1.00.1
s Features
q q q
1.5max.
1.1max.
High foward current transfer ratio hFE Satisfactory linearity of foward current transfer ratio hFE N type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment. (TC=25C)
Ratings 200 150 6 2.5 1 0.1 40 1.3 150 -55 to +150 Unit V V
10.5min.
2.0
0.80.1
0.5max.
2.540.3 5.080.5
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC IB PC Tj Tstg
1
2
3
1:Base 2:Collector 3:Emitter N Type Package Unit: mm
3.40.3 1.00.1
8.50.2 6.00.3
10.00.3
V A A A W C
1.5-0.4
2.0
3.0-0.2
4.40.5
0.80.1 2.540.3
R0.5 R0.5 1.1 max.
0 to 0.4
5.080.5
1
2
3
C
1:Base 2:Collector 3:Emitter N Type Package (DS)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency
(TC=25C)
Symbol ICBO IEBO VCEO hFE* VCE(sat) fT Conditions VCB = 200V, IE = 0 VEB = 6V, IC = 0 IC = 25mA, IB = 0 VCE = 4V, IC = 0.2A IC = 0.5A, IB = 0.02A VCE = 4V, IC = 0.1A, f = 10MHz 25 150 500 2000 1 V MHz min typ max 100 100 Unit A A V
*h
FE
Rank classification
Q P
Rank hFE
500 to 1200 800 to 2000
Note: Ordering can be made by the common rank (PQ rank hFE = 500 to 2000) in the rank classification.
4.40.5
14.70.5
+0.4
+0
1
Power Transistors
PC -- Ta
50 0.5 (1) TC=Ta (2) With a 50 x 50 x 2mm Al heat sink (3) Without heat sink (PC=1.3W) TC=25C IB=400A 350A 300A 0.3 250A 200A 0.2 150A 100A 0.1 (2) (3) 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 12 50A
2SD1258
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10
VCE(sat) -- IC
IC/IB=25
Collector power dissipation PC (W)
Collector current IC (A)
40
(1)
0.4
3
TC=100C
30
1
0.3
25C
20
-25C
0.1
10
0.03
0.01 0.01
0.03
0.1
0.3
1
3
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
10000
hFE -- IC
10000 VCE=4V 3000 1000 300 100 30 10 3 1 0.01 0.03 IC/IB=25
fT -- IC
VCE=4V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
10
Forward current transfer ratio hFE
3 25C 1
TC=100C
1000 300 100 30 10 3
TC=100C 25C -25C
-25C 0.3
0.1
0.03
0.01 0.01
0.03
0.1
0.3
1
3
1 0.01 0.03
0.1
0.3
1
3
10
Transition frequency fT (MHz)
3000
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Area of safe operation (ASO)
100 30 103 Non repetitive pulse TC=25C
Rth(t) -- t
(1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink (1) (2) 10
Thermal resistance Rth(t) (C/W)
Collector current IC (A)
102
10 3 ICP 1 0.3 300ms 0.1 0.03 0.01 1 3 10 30 100 300 1000 IC t=10ms 1ms
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector to emitter voltage VCE
(V)
Time t (s)
2


▲Up To Search▲   

 
Price & Availability of 2SD1258

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X