Part Number Hot Search : 
7070585 MAZD200 00RL7 78F003 FW343 A1000 GPF1007 A607ERU
Product Description
Full Text Search
 

To Download 2SC4434 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4434
Silicon NPN Triple Diffused Planar Transistor (High Voltage and High Speed Switchihg Transistor) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC4434 500 400 10 15(Pulse30) 5 120(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Switching Regulator, Lighting Inverter, and General Purpose
(Ta=25C)
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=500V VEB=10V IC=25mA VCE=4V, IC=8A IC=8A, IB=1.6A IC=8A, IB=1.6A VCE=12V, IE=-1.5A VCB=10V, f=1MHz
External Dimensions MT-100(TO3P)
5.00.2 15.60.4 9.6 2.0 1.8 4.80.2 2.00.1
2SC4434 100max 100max 400min 10 to 25 0.7max 1.3max 10typ 135typ
Unit
A A
V V MHz pF
20.0min 19.90.3
4.0
a b
o3.20.1
4.0max
V
2 3 1.05 +0.2 -0.1 0.65 +0.2 -0.1 1.4
sTypical Switching Characteristics (Common Emitter)
VCC (V) 200 RL () 25 IC (A) 8 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 1.6 IB2 (A) -3.2 ton (s) 0.5max tstg (s) 2.0max tf (s) 0.15max
5.450.1 B C E
5.450.1
Weight : Approx 6.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
10
1.2 A
VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) Base-Emitter Saturation Voltage V B E (s at)( V) (I C/ I B= 5)
I C - VBE Temperature Characteristics (Typical)
15 14 12 Collector Current I C( A) 10 (VCE=4V)
1A
8 Collector Current I C (A)
600 mA
6
400mA
1
e Temp) 25C (Cas mp) (Case Te 75C
V B E( sat)
) 7 5 C
8
p) Tem se Ca 75 C(
25 C (C ase
emp
(C
VCE(sat) 0 0.05
2
0
0
1
2
3
4
0.1
0.5
1
5
10
0
0
15
0.5 Base-Emittor Voltage V B E( V)
0C
2
15
0
25
(C
C
IB=100 mA
C
4
as
1
ase 50C (C
eT
as
Temp)
Tem
eT
em
4
p)
200m A
6
p)
1.0
Collector-Emitter Voltage V C E( V)
Collector Current I C (A)
(V C E= 4V) 50 75C DC Cur rent Gain h F E 25C
j - a( C/W)
h FE - IC Temperature Characteristics (Typical)
t o n *t s tg *t f ( s)
150C 5
t on *t stg * t f - I C Characteristics (Typical)
j-a - t Characteristics
2
t s tg 1 VCC 200V IC:I B1: -I B 2= 5:1:2 0.5
Transient Thermal Resistance
1
Switching Ti me
0.5
t on 0.1 0.05 0.5 1 tf 5 Collector Current I C( A) 10 15
10
5 0.05
0.1
0.5
1
5
10 15
0.1
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Safe Operating Area (Single Pulse)
40 40
10 0 s
Reverse Bias Safe Operating Area
120
P c - T a Derating
M aximum Power Dissipa ti on P C( W)
100
10 Collect or Cur ren t I C( A) Collector Cur rent I C( A) 5
10 5
W ith In fin ite he at si nk
1 0.5 Without Heatsink Natural Cooling
1 0.5 Without Heatsink Natural Cooling L=3mH IB2=-1A Duty:less than 1%
50
0.1 5 10 50 100 500 Collector-Emitter Voltage V C E( V)
0.1 5
10
50
100
500
3.5 0
Without Heatsink 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
104


▲Up To Search▲   

 
Price & Availability of 2SC4434

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X