Part Number Hot Search : 
K4N28 DWN75 EERL39 1A106 5820SMJ DSEI120 PA1220 MP2119
Product Description
Full Text Search
 

To Download 2N3349DCSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dimensions in mm (inches).
om .c 4U et he aS at .D w w w
2.29 0.20 (0.09 0.008) 1.65 0.13 (0.065 0.005)
2N3349DCSM
2.54 0.13 (0.10 0.005)
2
1
A
6
6.22 0.13 (0.245 0.005)
LCC2 (MO-041BB) Pinouts
Pin 1 - Collector 1 Pin 2 - Base 1 Pin 3 - Base 2
Parameter VCEO* IC(CONT) hFE ft
Test Conditions
@ 5/10u (VCE / IC)
om cW . U * Maximum Working Voltage t4 ee This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Sh ta a D . w w Semelab plc. w
PD 0.6
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
m o .c U t4 e e h S ta a .D w w w
0.64 0.06 (0.025 0.003)
3 4
1.40 0.15 (0.055 0.006)
Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
4.32 0.13 (0.170 0.005)
Dual Bipolar PNP Devices. VCEO = 45V IC = 0.03A
5
0.23 rad. (0.009)
A = 1.27 0.13 (0.05 0.005)
All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications.
Pin 4 - Collector 2 Pin 5 - Emitter 2 Pin 6 - Emitter 1
Min.
Typ.
Max. 45
Units V A Hz
0.03 300
40
60M
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated 2-Aug-02


▲Up To Search▲   

 
Price & Availability of 2N3349DCSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X