Part Number Hot Search : 
B25667 2SC5831 331ME 20240 C5042 4060743 MAZY110 RF2373
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Formosa MS
BAV16W/1N4148W
FEATURES
SOD-123 Plastic-Encapsulate Diodes
FAST SWITCHING DIODES
SOD-123
MARKING: T6,T4 Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter Non-Repetitive Peak reverse voltage Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage DC Blocking Voltage Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd Junction to RJA Tj TSTG 53 300 150 2.0 1.0 400 315 125 -65~+150 V mA mA A mW K/W 75 V Limits 100 Unit V
RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Peak forward surge current @=1.0s @=1.0s Power Dissipation Thermal Ambient Junction temperature Storage temperature Resistance
Electrical Ratings @TA=25
Parameter Symbol VF1 VF2 Forward voltage VF3 VF4 IR1 Reverse current Capacitance between terminals Reverse Recovery Time IR2 CT trr Min. Typ. Max. 0.715 0.855 1.0 1.25 1 25 2 4 Unit V V V V A nA pF ns Conditions IF=1mA IF=10mA IF=50mA IF=150mA VR=75V VR=20V VR=0V,f=1MHz IF=IR=10mA Irr=0.1XIR,RL=100
Typical Characteristics
BAV16W/1N4148W


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X