Part Number Hot Search : 
HSM106 DG9236 5KE100 GPC130C SXXXF 74HC10 55100 CEU4311
Product Description
Full Text Search
 

To Download 15KPA130CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15KPA Series
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P b Lead(Pb)-Free
Peak Pulse Power 15000 Watt Stand-off Voltage 17 To 280 VOLTS
Feature:
* Glass passivated junction * 15000W peak pulse power capability on 10/1000us waveform * Excellent clamping capability * Repetition rate(duty cycle) : 0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0ps from 0 Volts to BV, Bidirectonal less than 10 ns * High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length,51bs.(2.3kg) tension
R-6
Mechanical Data
* Case: Molded plastic over glass passivated junction * Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026 * Polarity: Color band denotes positive end (cathode) except Bipolar * Mounting Position: Any * Weight: 0.07 ounce, 2.5 grams
Devices For Bipolar Application:
* For Bidirectional use C or CA Suffix for types 15KPA17 thru types 15KPA280 (e.g. 15KPA17C , 15KPA280CA) Electrical characteristics apply in both directions
R-6 Outline Dimensions
25.4
-
8.6
9.1
1.2
1.3
8.6
9.1
WEITRON
http://www.weitron.com.tw
1/3
24-Jan-06
15KPA Series
Maximum Ratings (TA=25C Unless otherwise)
Characteristics
Peak Pulse Power Dissipation on 10/1000s waveform (Note 1) Peak Pulse Current of on 10/1000s waveform (Note 1) Peak Forward Surge Current 1/20 second / 25C (JEDEC Method) Steady State Power Dissipation at TL= 75C Lead lengths.375",(9.5mm) (Note2) Operating junction Temperature Range Storage Temperature Range
Symbol
PPPM IPPM IFSM PM(AV) TJ TSTG
Value
15000(Min) SEE TABLE 1
Unit
W A
400
A
8
W
+ 175 -55 to + 175
C C
WEITRON
http://www.weitron.com.tw
2/3
24-Jan-06
15KPA Series
15KPA
REVERSE BREAKDOWN BREAKDOWN TEST VOLTAGE VOLTAGE STAND- OFF CURRENT VBR(V) VBR(V) VOLTAGE IT (mA) VRWM(V) MIN. @IT MAX. @IT 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 180 200 220 240 260 280 18.99 20.11 22.34 24.57 26.81 29.04 31.28 33.51 36.9 40.2 44.7 48.0 50.3 53.6 57.0 60.3 64.8 67.0 71.5 78.2 83.8 87.1 94.9 100.5 111.7 122.9 134.0 145.2 167.6 178.7 189.9 201.1 223.4 245.7 268.1 290.4 312.8 20.79 22.01 24.46 26.91 29.35 31.80 34.24 36.69 40.4 44.0 48.9 52.6 55.0 58.7 62.4 66.0 70.9 73.4 78.3 85.6 91.7 95.4 104.0 110.1 122.3 134.5 146.8 159.0 183.5 195.7 207.9 220.1 244.6 269.1 293.5 318.0 342.4 50 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 PEAK PULSE CURRENT Ipp (A) 515.4 488.7 440.2 407.0 371.0 343.2 317.9 297.8 276.1 252.5 229.5 216.3 207.4 194.3 182.1 172.2 161.0 155.0 144.9 132.9 123.8 119.7 109.7 103.7 93.6 84.5 78.5 72.5 62.4 58.4 55.4 52.3 47.3 35.2 39.3 36.2 33.2 REVERSE LEAKAGE IR(A) @ VRWM 5000 5000 1500 500 150 50 25 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 MAXIMUN CLAMPING VOLTAGE @IPP VC (V) 29.3 30.9 34.3 37.1 40.7 44.0 47.5 50.7 54.7 59.8 65.8 69.8 72.8 77.7 82.9 87.7 93.8 97.4 104.2 113.6 122.0 126.1 137.6 145.6 161.3 178.6 192.3 208.3 241.9 258.6 272.7 288.5 319.1 428.6 384.6 416.7 454.5
PART NUMBER
UNI-POLAR BI-POLAR
15KPA17A 15KPA18A 15KPA20A 15KPA22A 15KPA24A 15KPA26A 15KPA28A 15KPA30A 15KPA33A 15KPA36A 15KPA40A 15KPA43A 15KPA45A 15KPA48A 15KPA51A 15KPA54A 15KPA58A 15KPA60A 15KPA64A 15KPA70A 15KPA75A 15KPA78A 15KPA85A 15KPA90A 15KPA100A 15KPA110A 15KPA120A 15KPA130A 15KPA150A 15KPA160A 15KPA170A 15KPA180A 15KPA200A 15KPA220A 15KPA240A 15KPA260A 15KPA280A
15KPA17CA 15KPA18CA 15KPA20CA 15KPA22CA 15KPA24CA 15KPA26CA 15KPA28CA 15KPA30CA 15KPA33CA 15KPA36CA 15KPA40CA 15KPA43CA 15KPA45CA 15KPA48CA 15KPA51CA 15KPA54CA 15KPA58CA 15KPA60CA 15KPA64CA 15KPA70CA 15KPA75CA 15KPA78CA 15KPA85CA 15KPA90CA 15KPA100CA 15KPA110CA 15KPA120CA 15KPA130CA 15KPA150CA 15KPA160CA 15KPA170CA 15KPA180CA 15KPA200CA 15KPA220CA 15KPA240CA 15KPA260CA 15KPA280CA
For bidirectional type having Vrwm of 30 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
WEITRON
http://www.weitron.com.tw
3/3
24-Jan-06


▲Up To Search▲   

 
Price & Availability of 15KPA130CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X