Part Number Hot Search : 
SR2040 SR1060 CHS0603 BCM33 154742 CQ39DS SS8PH9 1N498
Product Description
Full Text Search
 

To Download ZR39163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SupraTV (R) 160 Family
Integrated Digital TV Processors
DVD Digital Camera
Driving the Digital Lifestyle
Digital TV
Imaging
IP Core
Product Brief
Overview
Zoran Corporation 1390 Kifer Road Sunnyvale, CA 94086-5305
Te l 408.523.6500 Fax 408.523.6501 www.zoran.com
The SupraTV 160 family of highly integrated digital TV processors for Free-To-Air and Pay TV Set-Top Boxes (STBs) and integrated digital TVs supports single or dual tuner Digital Video Recording (DVR). Combining the key functions required to support digital television systems, the SupraTV processor enables products with enhanced flexibility and performance to be developed at the lowest possible
system cost. The use of programmable DSP-based technology allows for product differentiation, while a high performance MIPS processor provides access to industry standard middleware, including MHEG-5. With a comprehensive set of software drivers, proven tool kit and reference platforms, the SupraTV family keeps product development times to a minimum.
SupraTV 160 Family
* ZR39160 -- designed for use in entry free-to-air and payTV markets * ZR39161 -- designed for use in free-to-air and payTV markets containing digital video recording and advanced copy protection * ZR39162 -- designed for use in entry UK Free-To-Air terrestrial markets, including DTVS MHEG-5 software * ZR39163 -- designed for use in U.K. terrestrial markets containing digital video recording and advanced copy protection, and including DTVS MHEG-5 software
Differences Between ZR39160, ZR39161, ZR39162 and ZR39163
Chip
ZR39160 ZR39161 ZR39162 ZR39163
Target Markets
Entry Free-to-Air and PayTV Digital Video Recording and Advanced PayTV Entry U.K. Terrestrial
Features Includes MHEG-5 Software
Entry Premium* Entry No No Yes Yes
U.K. Terrestrial with Digital Video Recording and Advanced PayTV Premium*
SupraTV 16x Features Summary
* MIPS 32 CPU with MMU - 8K I-cache, 8K D-cache - 195 MHz Main CPU & programmable DSP operating speed - 230 Dhrystone MIPS total performance * 16 or 32 bit SDRAM controller (64Mbit - 256Mbit) * Transport stream demultiplexer - Programmable multi-stream transport demultiplexer with DVB descrambler - Three transport stream interfaces - DVB descrambling - Dual SmartCard interfaces with integrated protection & control - Integrated two-slot DVB-CIM controller * MPEG-2 video decoder, ISO/IEC13818-2 (MP@ML) - Support for bitrates up to 15Mbits/sec * Graphics and video processing subsystem - Advanced DMA engine to support 2D graphics - 4, 8 bit CLUT, 16bit RGB with OSD, antiflicker filtering - Flexible down/up-scaling of video - 5 graphic planes * Digital television interfaces - CCIR-601 digital video input for decoded NTSC/PAL/SECAM - CCIR-601 digital video output for external scalers - Two-channel audio input for decoded analog TV audio * USB - USB 2.0 Full Speed Host-Type controller and PHY - USB based updates and MP3/JPEG playback * Integrated PAL/NTSC/SECAM Video Encoder - VBI (Teletext, WSS, CC) and VPS reinsertion - Simultaneous Component, S-Video and RGB output - 6 video DACs * Audio support - Programmable audio DSP for MPEG layers 1 & 2, MP3 & WMA - Stereo audio DACs integrated - Two-channel audio output using I2S or analog - SPDIF output * Single crystal - Integrated digital timing oscillator replacing external VCXO * Set-Top Box interfaces - UARTs, I2C, IR, GPIOs - Glueless Guestbus interface to 8 or 16 bit flash memory - V.22 bis modem CODEC and DAA interface support * Digital Video Recording* - Support for single and dual tuner Digital Video Recording - Guestbus based ATAPI interface for hard drive * Advanced security* - Local triple DES encrypt/decrypt engine - 1KB OTP memory * 256-pin PQFP package
12/06 IN
ZR39160 Family
SupraTV (R) 160 Family
Integrated Digital TV Processors
Driving the Digital Lifestyle
Product Brief
SupraTV 160 Development Platform
A comprehensive development platform is available for the SupraTV 160 family, including evaluation boards for digital terrestrial, satellite and cable-based products. An Integrated Development Environment includes a proven windows based GNU tool kit, Zoran's SiliconSoftware(R) registration drivers, and applications that add functions such as flash memory burning, high performance code download, software protection, a sophisticated GUI development tool, (Embedded Wizard), and an automatic code generator. The SupraTV 160 family platform will significantly reduce the time taken to develop feature rich digital television and Set-Top Box products. The SupraTV 161 based evaluation board supports all needed peripherals and is available with a COFDM, QPSK or QAM front-end. Single and dual tuner Digital Video Recording capabilities can be achieved by adding a hard drive, Zoran's DVR software, additional memory, and a second front end (for dual tuner DVR).
SupraTV 161 IC and Set Top Box Block Diagrams
Infrared remote control
Multi-stream Demux & Descrambler (DVB) & local encryption/decryption
FRONT PANEL LEDs/Buttons
Serial or Parallel TS Input
MIPS32 CPU (170 MIPS) Programmable Transport Stream Processor
Audio DSP for MPEG & MP3 Audio In
16/32b SDRAM
IR
Serial or Parallel TS Input 601 in/output TS from HDD/DVD
DIGITAL FRONT END RF In RF In Phone Line DVB-X Tuner DVB-X Tuner DAA (Optional) DVB-X Demod DVB-X Demod
SDRAM CONTROLLER TS1 I2C TS2 TS2 I2C
IR
GPIO AUDIO OUT
BACK END Stereo SPDIF
I Cache 2 Audio DACs D Cache SPDIF
Transport and CA Processing Other I/O
System I/O UART/I2C/SPI/IR/ GPIO/SMC/PWM
CPU
SupraTV ZR39161
GUESTBUS
USB VIDEO OUT
Audio
V.22bis MODEM CODEC
Video and Graphics
General Purpose DMA Engines MPEG-2 Video Decoder VPU (Video Processing Unit) 20 DMA Engine PLL Six Video DACS
OR
UARTs
USB Devices (Flash Cards, Updates, Broadband Modems) CVBS, RGB, S-Video, CCIR601
Smart Card(s) (Optional) ROM/Flash
Video Encoder
HDD (Optional)
2 Slot CIM (Optional)
MODEM CODEC (V22) EJTAG
Digital VCXO
Major Buses
16/32b SDRAM CTRL Guest Bus USB 1.1
For cable set-top boxes use DVB-C tuner & QAM demodulator For satellite set-top boxes use DVB-S tuner & QPSK demodulator For terrestrial set-top boxes use DVB-T tuner & COFDM demodulator For digital televisions use combined DVB-T/analog terrestrial tuner, COFDM demodulator, and PAL/SECAM/NTSC video decoder
Zoran SiliconSoftware(R) API Package
Zoran provides software support for the SupraTV 160 family and a documented Application Programming Interface. Based on the company's extensive DVD and HDTV experience, the API provides a stable base on which users can build their own applications. The software stack, including the operating system (Nucleus+), is available on a royalty-free basis. Zoran's SiliconSoftware API will be supported on future SupraTV ICs. Software portability from one generation to the next minimizes project design time and effort while enabling the software to be reused. Other components of the standard software package include an Electronic Programming Guide (EPG) for Free-To-Air services, DVB subtitle and OSD Teletext decoding, and DVB common interface module software. In addition, the SupraTV 162 and 163 integrate MHEG-5 software for the U.K. terrestrial market.
For more information, contact Zoran's Sunnyvale office or the office nearest you:
Shanghai, China Zoran China Office Tel: 86-21-6427-6258 Fax: 86-21-6427-6260 Shenzhen, China Zoran China Office Tel: 86-755-8281-5777 Fax: 86-755-8322-0889 Hong Kong Zoran Asia Pacific Ltd. Tel: +852-2620-5838 Fax: +852-2620-5238 Israel Zoran Microelectronics Ltd. Tel : +972-4-8545-777 Fax: +972-4-8551-550 Japan Zoran Japan Office Tel : +81-3-5475-1051 Fax: +81-3-5475-1053 Korea Zoran Korea Office Tel: +82-2-761-7471 Fax: +82-2-761-7472 Taiwan Zoran Taiwan Office Te l : +886-2-2659-9797 Fax: +886-2-2659-9595
(c) Copyright 2006 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, SiliconSoftware and SupraTV are trademarks of Zoran Corporation. All other brand product names and company names are trademarks of their respective owners. The information in this document is believed to be reliable. However, Zoran Corporation makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it. Zoran Corporation does not guarantee that the use of any information contained herein will not infringe upon patent, trademark, copyright, or rights of third parties. Zoran Corporation reserves the right to make changes in the product and/or specifications, or both, presented in this publication at any time without notice.
12/06 - IN
ZR39160 Family


▲Up To Search▲   

 
Price & Availability of ZR39163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X