Part Number Hot Search : 
20CZ16 SMAJ18 9F400 X20CZ16 1N5355 STUD452S SSG9475 20CZ16
Product Description
Full Text Search
 

To Download T7026-PGQW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * *
Single 3-V Supply Voltage High-power-added Efficient Power Amplifier (Pout Typically 28 dBm) Ramp-controlled Output Power Low-noise Preamplifier (NF Typically 2.1 dB) Biasing for External PIN Diode T/R Switch Current-saving Standby Mode Few External Components Package: QFN20
ISM 2.4 GHz Front End IC T7026
1. Description
The T7026 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like DECT, IEEE 802.11 FHSS WLAN, home RF and ISM proprietary radios. Due to the ramp-control feature and a very low quiescent current, an external switch transistor for VS is not required.
Electrostatic sensitive device. Observe precautions for handling.
Figure 1-1.
Block Diagram
LNA_OUT RX_ON V2_PA V2_PA V1_PA RAMP GND PA_IN
GND
TX/RX standby control
TX
PU
GND
LNA
PA
SiGe FE
T7026
SWITCH_OUT_RX SWITCH_OUT_TX R_SWITCH GND V3_PA_OUT V3_PA_OUT V3_PA_OUT VS_LNA LNA_IN
Rev. 4563E-ISM-07/05
2. Pin Configuration
Figure 2-1. Pinning QFN20
V3_PA_OUT V3_PA_OUT V3_PA_OUT GND_LNA2 LNA_IN
10 9 8 7 6 5 4
V2_PA V2_PA GND V1_PA NC
11 12 13 14 15 16 17 18 19 20
T7026
3 2 1
GND_LNA1 SWITCH_OUT_TX SWITCH_OUT_RX R_SWITCH RX_ON
Figure 2-2.
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Slug
Pin Description
Symbol RX_ON R_SWITCH SWITCH_OUT_RX SWITCH_OUT_TX GND_LNA1 LNA_IN GND_LNA2 V3_PA_OUT V3_PA_OUT V3_PA_OUT V2_PA V2_PA GND V1_PA NC RAMP PA_IN VS_LNA LNA_OUT PU GND Function RX active high Resistor to GND sets the PIN diode current Switched current output for PIN diode (active in RX mode) Switched current output for PIN diode (active in TX mode) Ground Low-noise amplifier input Ground Inductor to power supply and matching network for power amplifier output Inductor to power supply and matching network for power amplifier output Inductor to power supply and matching network for power amplifier output Inductor to power supply for power amplifier Inductor to power supply for power amplifier Ground Supply voltage for power amplifier Not connected Power ramping control input Power amplifier input Supply voltage input for low-noise amplifier Low-noise amplifier output Power-up active high Ground
2
T7026
4563E-ISM-07/05
RAMP PA_IN VS_LNA LNA_OUT PU
T7026
3. Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. All voltages are referred to ground (pins GND and slug) Parameters Supply voltage Pins VS_LNA, V1_PA, V2_PA and V3_PA_OUT, no RF Junction temperature Storage temperature RF input power LNA RF input power PA Symbol VS Tj Tstg PinLNA PinPA Value 5 150 -40 to +125 5 10 Unit V C C dBm dBm
4. Thermal Resistance
Parameters Junction ambient QFN20, slug soldered on PCB Symbol RthJA Value 27 Unit K/W
5. Operating Range
All voltages are referred to ground (pins GND and slug). Power supply points are VS_LNA, V1_PA, V2_PA, V3_PA_OUT. The following table represents the sum of all supply currents depending on the TX/RX mode. Parameters Supply voltage Pins V1_PA, V2_PA and V3_PA_OUT Supply voltage Pin VS_LNA Supply current TX RX Standby current PU = 0 Ambient temperature Symbol VS VS IS IS IS Tamb -25 Min. 2.7 2.7 Typ. 3.6 3.0 470 8 10 +25 +70 Max. 4.6 5.5 Unit V V mA mA A C
3
4563E-ISM-07/05
6. Electrical Characteristics
Test conditions (unless otherwise specified): VS = 3.6 V, Tamb = 25C Parameters Power Amplifier Supply voltage Supply current Standby current Frequency range Gain-control range Power gain maximum Power gain minimum Ramping voltage maximum Ramping voltage minimum Ramping current maximum Power-added efficiency Saturated output power Input matching(2) Output matching(2) Harmonics at P 1dBCP Harmonics at P 1dBCP
(1)
Test Conditions Pins V1_PA, V2_PA and V3_PA_OUT TX RX (PA off), VRAMP 0.1 V Standby for VRAMP 0.1 V TX TX TX Pin PA_IN to V3_PA_OUT TX, power gain (max), pin RAMP TX, power gain (min), pin RAMP TX, VRAMP = 1.75 V, pin RAMP TX TX, input power = 0 dBm referred to pins V3_PA_OUT TX pin PA_IN TX pins V3_PA_OUT TX pins V3_PA_OUT TX pins V3_PA_OUT Standby, pin SWITCH_OUT RX TX at 100 TX at 1.2 k TX at 33 k TX at R switch open
Symbol
Min.
Typ.
Max.
Unit
VS IS_TX IS_RX IS_standby f Gp Gp Gp VRAMP max VRAMP min IRAMP max PAE Psat Load VSWR Load VSWR 2 fo 3 fo IS_O_standby IS_O_RX IS_O_100 IS_O_1k2 IS_O_33k IS_O_R
2.7
3.6 470
4.6
V mA
10 10 2.4 60 28 -40 1.6 1.65 1 0.1 33 27 37 28 < 1.5:1 < 1.5:1 -30 -30 1 1 1.7 7 17 19 7 29 42 33 34 -17 1.7 2.5
A A GHz dB dB dB V V mA % dBm
dBc dBc A A mA mA mA mA mA V mA mA A
T/R-switch Driver (Current Programming by External Resistor from R_SWITCH to GND)
Switch-out current output
I_Switch_Out_RX maximum Low-noise Amplifier Supply voltage Supply current Supply current (LNA and control logic) Standby current
(3)
All, pin VS_LNA RX TX (control logic active) pin VS_LNA Standby, pin VS_LNA
VS IS IS IS_standby
2.7
3.0 8
5 10 0.5
1
10
Frequency range RX f 2.4 2.5 GHz Notes: 1. Power amplifier shall be unconditionally stable, maximum duty cycle 100%, true cw operation, maximum load mismatch and duration: VSWR = 8:1 (all phases) 10 s, ZG = 50 , VS = 3.6 V. 2. With external matching network, load impedance 50 . 3. Low-noise amplifier shall be unconditionally stable. 4. With external matching components.
4
T7026
4563E-ISM-07/05
T7026
6. Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VS = 3.6 V, Tamb = 25C Parameters Power gain Noise figure Gain compression Third-order input interception point Input matching
(4) (4)
Test Conditions RX, pin LNA_IN to LNA_OUT RX RX, referred to pin LNA_OUT RX RX, pin LNA_IN RX, pin LNA_OUT = 1, pins RX_ON and PU =0 = 1, ViH = 2.4 V
Symbol Gp NF O1dB IIP3 VSWRin VSWRout ViH ViL IiH
Min. 15 -9 -16
Typ. 16 2.1 -7 -14 < 2:1 < 2:1
Max. 19 2.3 -6 -13
Unit dB dB dBm dBm
Output matching High input level Low input level
Logic Input Levels (RX_ON, PU) 2.4 0 40 VS, LNA 0.5 60 V V A
High input current
0.2 A Low input current =0 IiL Notes: 1. Power amplifier shall be unconditionally stable, maximum duty cycle 100%, true cw operation, maximum load mismatch and duration: VSWR = 8:1 (all phases) 10 s, ZG = 50 , VS = 3.6 V. 2. With external matching network, load impedance 50 . 3. Low-noise amplifier shall be unconditionally stable. 4. With external matching components.
7. Control Logic for LNA and T/R-switch Driver
Operation Mode Standby TX RX PU 0 1 1 RX_ON 0 0 1
5
4563E-ISM-07/05
8. Input/Output Circuits
Figure 8-1. Internal Circuitry; PA_IN, V1_PA
V1_PA
PA_IN
GND
Figure 8-2.
Internal Circuitry; RAMP, V1_PA
V1_PA
RAMP
Figure 8-3.
Internal Circuitry V2_PA
V2_PA
GND
6
T7026
4563E-ISM-07/05
T7026
Figure 8-4. Internal Circuitry V3_PA_OUT
V3_PA_OUT
GND
Figure 8-5.
Internal Circuitry SWITCH_OUT_RX, SWITCH_OUT_TX, R_SWITCH, V1_PA
V1_PA
SWITCH_OUT_RX/ SWITCH_OUT_TX
R_SWITCH GND
Figure 8-6.
Internal Circuitry LNA_IN, VS_LNA
VS_LNA
LNA_IN
GND
7
4563E-ISM-07/05
Figure 8-7.
Internal Circuitry PU, RX_ON, VS_LNA
VS_LNA
RX_ON/ PU
Figure 8-8.
Internal Circuitry LNA_OUT, VS_LNA
VS_LNA
LNA_OUT
GND
8
T7026
4563E-ISM-07/05
T7026
9. Ordering Information
Extended Type Number T7026-PGQ T7026-PGP T7026-PGQW T7026-PGPW Package QFN20 QFN20 QFN20, Pb-free, halogen-free QFN20, Pb-free, halogen-free Remarks Taped and reeled Taped and reeled Taped and reeled Taped and reeled MOQ 6,000 1,500 6,000 1,500
10. Package Information
9
4563E-ISM-07/05
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2005. All rights reserved. Atmel (R), logo and combinations thereof, Everywhere You Are (R) and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
4563E-ISM-07/05 xM


▲Up To Search▲   

 
Price & Availability of T7026-PGQW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X