|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Micrel, Inc. Precision Edge ULTRA PRECISION, 400mV SY58030U (R) DIFFERENTIAL LVPECL 4:1 MUX with 1:2 Precision Edge SY58030U FANOUT and INTERNAL TERMINATION (R) FEATURES Selects 1 of 4 differential inputs Provides two copies of the selected input Guaranteed AC performance over temperature and voltage: * DC-to- > 10.7Gbps data rate throughput * < 340ps IN-to-Out tpd * < 80ps tr / tf times Ultra low-jitter design: * < 10psPP total jitter (clock) * < 1psRMS random jitter * < 10psPP deterministic jitter * < 0.7psRMS crosstalk-induced jitter Unique patended input design minimizes crosstalk Accepts an input signal as low as 100mV Unique patended input termination and VT pin accepts DC-coupled and AC-coupled inputs (CML, LVPECL, LVDS) 400mV 100k LVPECL output swing Power supply 2.5V 5% or 3.3V 10% -40C to +85C temperature range Available in 32-pin (5mm 5mm) MLF(R) package Precision Edge(R) DESCRIPTION The SY58030U is a 2.5V/3.3V precision, high-speed, 4:1 differential multiplexer with 400mV LVPECL outputs, capable of handling clocks up to 7GHz and data streams up to 10.7Gbps. In addition, a 1:2 fanout buffer provides two copies of the selected input. The differential input includes Micrel's unique, 3-pin input termination architecture that allows customers to interface to any differential signal (AC- or DC-coupled) as small as 100mV without any level shifting or termination resistor networks in the signal path. The result is a clean, stub-free, low-jitter interface solution. The outputs are 400mV LVPECL (100K temperature compensated) with extremely fast rise/fall times guaranteed to be less than 80ps. The SY58030U operates from a 2.5V 5% supply or a 3.3V 10% supply and is guaranteed over the full industrial temperature range of -40C to +85C. For applications that require CML outputs, consider the SY58028U. For 800mV LVPECL outputs, consider the SY58029U. The SY58030U is part of Micrel's high-speed, Precision Edge(R) product line. All support documentation can be found on Micrel's web site at www.micrel.com. APPLICATIONS Redundant clock and/or data distribution All SONET/SDH clock/data distribution Loopback All Fibre Channel distribution All Gigabit Ethernet clock and/or data distribution FUNCTIONAL BLOCK DIAGRAM IN0 50 VT0 50 /IN0 VREF-AC0 0 4:1 MUX 1:2 Fanout TYPICAL PERFORMANCE 2.5Gbps Output (223--1 PRBS) IN1 50 VT1 50 /IN1 VREF-AC1 IN2 2 50 VT2 50 /IN2 VREF-AC2 IN3 50 VT3 50 3 1 MUX Q0 /Q0 Q1 /Q1 Output Swing (100mV/div.) TIME (100ps/div.) Precision Edge is a registered trademark of Micrel, Inc. MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc. M9999-020707 hbwhelp@micrel.com or (408) 955-1690 /IN3 VREF-AC3 SEL0 (CMOS/TTL) SEL1 (CMOS/TTL) Rev.: C Amendment: /0 1 Issue Date: February 2007 Micrel, Inc. Precision Edge(R) SY58030U PACKAGE/ORDERING INFORMATION /IN3 VREF-AC3 VT3 IN3 /IN2 VREF-AC2 VT2 IN2 Ordering Information(1) Part Number SY58030UMI 24 23 22 21 20 19 18 17 Package Type MLF-32 MLF-32 MLF-32 MLF-32 Operating Range Industrial Industrial Industrial Industrial Package Marking SY58030U SY58030U SY58030U with Pb-Free bar-line indicator SY58030U with Pb-Free bar-line indicator Lead Finish Sn-Pb Sn-Pb Pb-Free NiPdAu Pb-Free NiPdAu 32 31 30 29 28 27 26 25 IN0 VT0 VREF-AC0 /IN0 IN1 VT1 VREF-AC1 /IN1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 GND VCC Q1 /Q1 VCC NC SEL1 VCC SY58030UMITR(2) SY58030UMG(3) SY58030UMGTR(2, 3) 32-Pin MLF(R) (MLF-32) Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC electricals only. 2. Tape and Reel. 3. Pb-Free package recommended for new designs. PIN DESCRIPTION Pin Number 1, 4 5, 8 25, 28 29, 32 Pin Name IN0, IN1, IN2, IN3, /IN0 /IN1 /IN2 /IN3 Pin Function Differential Input: Each pair accepts AC- or DC-coupled signals as small as 100mV. Each pin of a pair internally terminates to a VT pin through 50y. Note that these inputs will default to an indeterminate state if left open. If an input is not used, connect one end of the differential pair to ground through a 1ky resistor, and leave the other end to VCC through a 825y resistor. Unused VT and VREF-AC pins may also be left floating. Please refer to the "Input Interface Applications" section for more details. Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin. The VT pins provide a center-tap to the termination network for maximum interface flexibility. See "Input Interface Applications" section for more details. This Single-Ended TTL/CMOS compatible input selects the inputs to the multiplexer. Note that this input is internally connected to a 25ky pull-up resistor and will default to a logic HIGH state if left open. Input logic threshold is VCC/2. See "Truth Table" for select control. No Connect. Positive Power Supply: Bypass with 0.1FTM0.01F low ESR capacitors. Differential Outputs: These 100k compatible (internally temperature compensated) LVPECL output pairs are copies of the selected input. Unused output pairs may be left floating. See "Output Interface" for termination guidelines. Ground. Ground pin and exposed pad must be connected to the same ground plane. Reference Voltage: This reference output is equivalent to VCC-1.4V. It is used for AC-coupled inputs. When interfacing to AC input signals, connect VREF-AC directly to the VT pin and bypass with a 0.01F low ESR capacitor to VCC. See "Input Interface Applications" section. Maximum current sink/source is 0.5mA. 2, 6, 26, 30 15, 18 14, 19 10, 13, 16 17, 20, 23 11, 12 21, 22 9, 24 3, 7, 27, 31 TRUTH TABLE SEL0 0 0 1 1 SEL1 0 1 0 1 IN0 Input Selected IN2 Input Selected IN1 Input Selected IN3 Input Selected M9999-020707 hbwhelp@micrel.com or (408) 955-1690 GND VCC /Q0 Q0 VCC NC SEL0 VCC VT0, VT1 VT2, VT3 SEL0, SEL1 NC VCC /Q0, Q0 /Q1, Q1 GND, Exposed Pad VREF-AC0 VREF-AC1 VREF-AC2 VREF-AC3 2 Micrel, Inc. Precision Edge(R) SY58030U Absolute Maximum Ratings(1) Power Supply Voltage (VCC ) ...................... -0.5V to +4.0V Input Voltage (VIN) .......................................... -0.5V to VCC LVPECL Output Current (IOUT) Continuous .............................................................. 50mA Surge ....................................................................100mA Termination Current(3) Source or sink current on VT pin......................... 100mA Input Current Source or sink current on IN, /IN pin .................... 50mA Lead Temperature (soldering, 20 sec.) ..................... 260C Storage Temperature Range (TS ) ........... -65C to +150C Operating Ratings(2) Power Supply Voltage (VCC) ............... +2.375V to +2.625V ............................................................. +3.0V to +3.6V Ambient Temperature Range (TA) .............. -40C to +85C Package Thermal Resistance(4) MLF(R) (JA) Still-Air ............................................................. 35C/W MLF(R) (JB) Junction-to-Board ...............................................2C/W DC ELECTRICAL CHARACTERISTICS(5) TA= -40C to 85C, unless otherwise stated. Symbol VCC ICC RDIFF_IN RIN VIH VIL VIN VDIFF_IN VT IN VREF-AC Notes: 1. Permanent device damage may occur if ratings in the "Absolute Maximum Ratings" section are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. Due to the limited drive capability, use for input of the same package only. 4. Thermal performance assumes exposed pad is soldered (or equivalent) to the device's most negative potential (GND) on the PCB. JB uses 4-layer JA in still air number unless otherwise stated. 5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. Parameter Power Supply Voltage Power Supply Current Differential Input Resistance (IN-to-/IN) Input Resistance (IN-to-VT, /IN-to-VT) Input HIGH Voltage (IN-to-/IN) Input LOW Voltage (IN-to-/IN) Input Voltage Swing (IN-to-/IN) Differential Input Voltage Swing (IN-to-/IN) Max Input Voltage (IN-to-VT) Reference Voltage Condition VCC = 2.5V VCC = 3.3V No load, max. VCC Min 2.375 3.0 Typ 2.5 3.3 120 Max 2.625 3.6 150 120 60 VCC VIH-0.1 1.7 Units V V mA y y V V V mV 80 40 VCC-1.2 0 See Figure 1a. See Figure 1b. 0.1 200 100 50 1.28 VCC-1.3 VCC-1.2 VCC-1.1 V V M9999-020707 hbwhelp@micrel.com or (408) 955-1690 3 Micrel, Inc. Precision Edge(R) SY58030U LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS(7) VCC = 2.5V 5% or 3.3V 10%; TA= -40C to +85C; RL = 50y to VCC--2V, unless otherwise stated. Symbol VOH VOL VOUT VDIFF_OUT Parameter Output HIGH Voltage Output LOW Voltage Output Voltage Swing Differential Output Voltage Swing See Figure 1a. See Figure 1b. Condition Min VCC-1.145 VCC-1.545 150 300 400 800 Typ Max VCC-0.895 VCC-1.295 Units V V mV mV LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(7) VCC = 2.5V 5% or 3.3V 10%; TA= -40C to +85C, unless otherwise stated. Symbol VIH VIL IIH IIL Note: 7. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. Parameter Input HIGH Voltage Input LOW Voltage Input High Current Input Low Current Condition SEL0, SEL1 SEL0, SEL1 Min 2.0 Typ Max Units V 0.8 40 -300 V A A M9999-020707 hbwhelp@micrel.com or (408) 955-1690 4 Micrel, Inc. Precision Edge(R) SY58030U AC ELECTRICAL CHARACTERISTICS(8) VCC = 2.5V 5% or 3.3V 10%; RL = 50y to VCC-2V; TA= -40C to +85C, VIN 100mV, unless otherwise stated. Symbol fMAX tpd tpd Tempco tSKEW tJITTER Data Parameter Maximum Operating Frequency VOUT 200mV Propagation Delay (Diff) (IN to Q) (SEL to Q) VIN 100mV Condition NRZ Data Clock 170 100 Min 10.7 7 260 115 Note 9 Note 10 Note 11 Note 12 Note 13 Note 14 Note 15 20% to 80%, Full output swing 20 55 2.5Gbps to 3.2Gbps 2.5Gbps to 3.2Gbps 7 20 50 1 10 1 10 0.7 80 340 500 Typ Max Units Gbps GHz ps ps fs/C ps ps psPP psPP psRMS psPP psRMS ps Differential Propagation Delay Temperature Coefficient Output-to-Output Skew Part-to-Part Skew Random Jitter Deterministic Jitter Clock Cycle-to-Cycle Jitter Total Jitter Crosstalk Induced Jitter (Adjacent Channel) tr, tf Notes: Output Rise/Fall Time 8. High frequency AC electricals are guaranteed by design and characterization. 9. Output-to-output skew is measured between outputs under identical input conditions. 10. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs. 11. Random jitter is measured with a K28.7 comma detect character pattern, measured at 2.5Gbps to 3.2Gbps. 12. Deterministic jitter is measured at 2.5Gpbs to 3.2Gbps with both K28.5 and 223-1 PRBS pattern. 13. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn-Tn-1, where T is the time between rising edges of the output signal. 14. Total jitter definition: with an ideal clock input of frequency - fMAX, no more than one output edge in 1012 output edges will deviate by more than the specified peak-to-peak jitter value. 15. Crosstalk is measured at the output while applying two similar clock frequencies that are asynchronous with respect to each other at the inputs. SINGLE-ENDED AND DIFFERENTIAL SWINGS VIN, VOUT 400mV (Typ.) VDIFF_IN, VDIFF_OUT 800mV (Typ.) Figure 1a. Single-Ended Voltage Swing Figure 1b. Differential Voltage Swing M9999-020707 hbwhelp@micrel.com or (408) 955-1690 5 Micrel, Inc. Precision Edge(R) SY58030U TIMING DIAGRAMS IN VIN /IN tpd Q VOUT /Q tpd Figure 2a. IN-to-Q Timing Diagram VCC/2 SEL tpd Q VCC/2 tpd VOUT /Q Figure 2b. SEL-to-Q Timing Diagram SEL0 Q: or: SEL1 Q: or: SEL1 = LOW; SEL1 = HIGH; SEL0 = LOW; SEL0 = HIGH; IN0, /IN1 = LOW; IN2, /IN3 = LOW; IN0, /IN2 = LOW; IN1, /IN3 = LOW; /IN0, IN1 = HIGH /IN2, IN3 = HIGH /IN0, IN2 = HIGH /IN1, IN3 = HIGH M9999-020707 hbwhelp@micrel.com or (408) 955-1690 6 Micrel, Inc. Precision Edge(R) SY58030U TYPICAL OPERATING CHARACTERISTICS VCC = 2.5V, GND = 0, VIN = 100mV, TA = 25C, unless otherwise stated. 200MHz Output 2GHz Output Output Swing (100mV/div.) Output Swing (100mV/div.) TIME (600ps/div.) TIME (70ps/div.) 3.2Gbps Output (223--1 PRBS) 7Gbps Output (2231 PRBS) Output Swing (100mV/div.) Output Swing (100mV/div.) TIME (100ps/div.) TIME (50ps/div.) 10.7Gbps Output (223--1 PRBS) Output Swing (100mV/div.) TIME (25ps/div.) M9999-020707 hbwhelp@micrel.com or (408) 955-1690 7 Micrel, Inc. Precision Edge(R) SY58030U TYPICAL OPERATING CHARACTERISTICS VCC = 2.5V, GND = 0, VIN = 100mV, TA = 25C, unless otherwise stated. 239 238 237 236 235 234 233 232 0 200 400 600 800 1000 OUTPUT-to-OUTPUT SKEW (ps) 240 PROPAGATION DELAY (ps) Propagation Delay vs. Input Voltage Swing Output-to-Output Skew vs. Temperature 3.5 3 2.5 2 1.5 1 0.5 0 -40 -20 0 20 40 60 80 100 INPUT VOLTAGE SWING (mV) TEMPERATURE (C) 246 Propagation Delay vs. Temperature OUTPUT AMPLITUDE (mV) Output Amplitude vs. Frequency 450 400 350 300 250 200 150 100 50 0 0 1 2 3 4 5 6 7 8 9 10 FREQUENCY (GHz) PROPAGATION DELAY (ps) 244 242 240 238 236 234 232 230 228 -60 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) M9999-020707 hbwhelp@micrel.com or (408) 955-1690 8 Micrel, Inc. Precision Edge(R) SY58030U INPUT STAGE VCC IN 50 VT 50 /IN GND Figure 3. Simplified Differential Input Stage INPUT INTERFACE APPLICATIONS VCC VCC VCC LVPECL IN /IN IN CML /IN SY58030U GND IN CML /IN SY58030U GND VREF-AC 0.01F VT GND VCC 0.01F Rpd NC SY58030U VREF-AC VT For a 3.3V system, Rpd = 50 For a 2.5V system, Rpd = 19 NC NC VREF-AC VT VCC Figure 4a. CML Interface (DC-Coupled) Option: May connect VT to VCC Figure 4b. CML Interface (AC-Coupled) Figure 4c. PECL Interface (DC-Coupled) VCC IN LVPECL VCC /IN Rpd GND VCC GND 0.01F Rpd SY58030U VREF-AC VT GND NC NC IN LVDS /IN SY58030U VREF-AC VT For a 3.3V system, Rpd = 100 For a 2.5V system, Rpd = 50 Figure 4d. LVPECL Interface (AC-Coupled) Figure 4e. LVDS Interface M9999-020707 hbwhelp@micrel.com or (408) 955-1690 9 Micrel, Inc. Precision Edge(R) SY58030U OUTPUT INTERFACE APPLICATIONS +3.3V +3.3V +3.3V ZO = 50 ZO = 50 50 R2 82 R2 82 50 50 Rb destination VCC C1 0.01F (optional) R1 130 R1 130 +3.3V +3.3V Z = 50 Z = 50 Figure 5a. Parallel Thevenin-Equivalent Termination Note: 1. For a 2.5V system, R1 = 250y, R2 = 62.5y. For a 3.3V system, R1 = 130y, R2 = 82y. Note: Figure 5b. Parallel Termination (3-Resistor) 1. For a 2.5V system, Rb = 19y. For a 3.3V system, Rb = 150y. RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION Part Number SY58028U SY58029U SY58030U Function Ultra Precision Differential CML 4:1 MUX with 1:2 Fanout and Internal I/O Termination Ultra Precision Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination Ultra Precision, 400mV Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination MLF(R) Application Note HBW Solutions New Products and Applications Data Sheet Link http://www.micrel.com/product-info/products/sy58028u.shtml http://www.micrel.com/product-info/products/sy58029u.shtml http://www.micrel.com/product-info/products/sy58030u.shtml www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf www.micrel.com/product-info/products/solutions.shtml M9999-020707 hbwhelp@micrel.com or (408) 955-1690 10 Micrel, Inc. Precision Edge(R) SY58030U 32-PIN MicroLeadFrame(R) (MLF-32) Package EP- Exposed Pad Die CompSide Island Heat Dissipation Heat Dissipation VEE Heavy Copper Plane VEE Heavy Copper Plane PCB Thermal Consideration for 32-Pin MLF(R) Package (Always solder, or equivalent, the exposed pad to the PCB) Package Notes: 1. Package meets Level 2 qualification. 2. All parts are dry-packaged before shipment. 3. Exposed pads must be soldered to a ground for proper thermal management. MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA TEL + 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2005 Micrel, Incorporated. M9999-020707 hbwhelp@micrel.com or (408) 955-1690 11 |
Price & Availability of SY58030UMITR |