Part Number Hot Search : 
EUP2471 1A239 DA12CN X9316WP 40020 NJM2206 SW4100 2SA1489
Product Description
Full Text Search
 

To Download SY10EP451LTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SY10/100EP451L
3.3V ECL 6-Bit Differential Register with Master Reset
General Description
The SY10/100EP451L is a 6-bit fully differential register with common clock and single-ended Master Reset (MR). It is ideal for very high frequency applications where a registered data path is necessary. All inputs have an internal 75k pull-down resistor. Differential inputs have an override clamp. Unused differential register inputs can be left open and will default LOW. When the differential inputs are forced to < VEE +1.2V, the clamp will override and force the output to a default state. The positive transition of CLK (pin 4) will latch the registers. Master Reset (MR) HIGH will asynchronously reset all registers forcing Q outputs to go LOW. Datasheets and support documentation can be found on Micrel's web site at: www.micrel.com.
Features
* * * * * * * * * 450ps typical propagation delay Maximum frequency > 3.0GHz typical Asynchronous Master Reset 20ps skew within device, 35ps skew device-to-device PECL mode operating range: - VCC = 3.0V to 3.6V with VEE = 0V NECL mode operating range: - VCC = 0V with VEE = -3.0V to -3.6V Open input default state Safety clamp on inputs Available in 32-pin TQFP
Applications
* High Speed Logic * Wireless Communication Systems * Data Communication Systems
Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
March 2007
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
Logic Diagram
March 2007
2
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
Ordering Information(1)
Part Number SY10EP451LTG SY10EP451LTGTR SY100EP451LTG SY100EP451LTGTR
Notes: 1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel.
(2) (2)
Package Type T32-1 T32-1 T32-1 T32-1
Operating Range Industrial Industrial Industrial Industrial
Package Marking SY10EP451LTG with Pb-Free bar-line indicator SY10EP451LTG with Pb-Free bar-line indicator SY100EP451LTG with Pb-Free bar-line indicator SY100EP451LTG with Pb-Free bar-line indicator
Lead Finish Pb-Free NiPdAu Pb-Free NiPdAu Pb-Free NiPdAu Pb-Free NiPdAu
Pin Configuration
32-Pin TQFP (T32-1)
March 2007
3
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
Pin Description
Pin Number 2, 3 32, 1 30, 31 26, 27 24, 25 22, 23 29 4, 5 Pin Name D0, /D0 D1, /D1 D2, /D2 D3, /D3 D4, /D4 D5, /D5 MR CLK, /CLK ECL Master Reset Input pin. If input pin is left open, it will default to LOW. ECL Differential Clock Input: This input pair is the clock signal input to the device. Each input pin is connected to a 75k pull-down resistor. Due to an internal clamping circuit, CLK will default LOW and /CLK will default HIGH if left open. ECL Differential Data Inputs: These input pairs are the different data signal inputs to the device. Each input pin is connected to a 75k pull-down resistor. Due to an internal clamping circuit, D will default LOW and /D will default HIGH if left open. Pin Function
7, 8 9, 10 11, 12 14, 15 17, 18 20, 21 6, 13, 16 19, 28
Q0, /Q0 Q1, /Q1 Q2, /Q2 Q3, /Q3 Q4, /Q4 Q5, /Q5 VCC VEE ECL Differential Data Outputs: Q defaults to LOW and /Q defaults to HIGH if D inputs are left open. See "LVPECL Output Interface Applications" section for recommendations on terminations. Positive Supply: Bypass with 0.1F||0.01F low ESR capacitors as close to the VCC pins as possible. Negative Power Supply: VEE must be tied to most negative supply.
March 2007
4
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
Absolute Maximum Ratings(1)
Supply Voltage PECL Mode (VCC) ............................................................... +4V NECL Mode (VEE) ............................................................... -4V Input Voltage (VIN) PECL Mode ..........................................................................VCC NECL Mode ......................................................................... VEE Output Current (IOUT) Continuous........................................................................ 50mA Surge............................................................................... 100mA Lead Temperature (soldering, 20sec.) ....................................260C Storage Temperature (Ts)...................................... -65C to +150C
Operating Ratings(2)
Supply Voltage (VCC) PECL Mode (VEE =0V)...................... +3.0V to +3.6V Supply Voltage (VEE) NECL Mode (VCC =0V)...................... -3.0V to -3.6V Ambient Temperature (TA)....................................... -40C to +85C (3) Junction Thermal Resistance TQFP Junction-to-Ambient (JA) 0lfpm......................................................................... 80C/W 500lfpm .................................................................... 66C/W Junction-to-Case (JC) .................................................. 20C/W
PECL 10EP DC Electrical Characteristics(4)(Preliminary)
VCC = 3.3V; VEE = 0V; TA = -40C to +85C, unless otherwise stated.
-40C Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL Parameter Power Supply Current Output HIGH Voltage Output LOW Voltage
(6)
(5)
25C Max 105 2415 1615 2415 1690 3.3 150 2230 1430 2155 1430 2.0 Min Typ 80 2355 1555 Max 105 2480 1680 2480 1755 3.3 150 0.5 0.5 2290 1470 2215 1490 2.0 Min
85C Typ 80 2415 1615 Max 105 2540 1740 2540 1815 3.3 150 Units mA mV mV mV mV V A A
Min 2165 1365 2090 1365 2.0
Typ 80 2290 1490
(6)
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (7) (Differential Configuration) Input HIGH Current Input LOW Current
0.5
NECL 10EP DC Electrical Characteristics(4)(Preliminary)
VCC = 0V; VEE = -3.0V to -3.6V; TA = -40C to +85C, unless otherwise stated.
-40C Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL
Notes: 1. 2. 3. 4. Exceeding the absolute maximum rating may damage the device. The device is not guaranteed to function outside its operating rating. JA and JC values are determined for a 4-layer board in still-air unless otherwise stated. The device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specifications limit values are applied individually under normal operating conditions and not valid simultaneously. Input and output parameters vary 1:1 with VCC. All loading with 50 to VCC-2.0V. VIHCMR (min) varies 1:1 with VEE, VIHCMR (max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
25C Max 105
-885 -1685 -885 -1610 0.0 150 -1070 -1870 -1145 -1870 VEE +2.0
85C Max 105
-820 -1620 -820 -1545 0.0 150 -1010 -1830 -1085 -1810 VEE +2.0
Parameter Power Supply Current Output HIGH Voltage Output LOW Voltage
(6)
Min
-1135 -1935 -1210 -1935
Typ 80
-1010 -1810
Min
Typ 80
-945 -1745
Min
Typ 80
-885 -1685
Max 105
-760 -1560 -760 -1485 0.0 150
Units mA mV mV mV mV V A A
(6)
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (7) (Differential Configuration) Input HIGH Current Input LOW Current
VEE +2.0
0.5
0.5
0.5
5. 6. 7.
March 2007
5
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
PECL 100EP DC Electrical Characteristics(8)
VCC = 3.3V; VEE = 0V; TA = -40C to +85C, unless otherwise stated.
-40C Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL Parameter Power Supply Current Output HIGH Voltage Output LOW Voltage
(10)
(9)
25C Max 120 2405 1605 2420 1675 3.3 150 2155 1355 2075 1355 2.0 Min Typ 85 2280 1480 Max 120 2405 1605 2420 1675 3.3 150 0.5 0.5 2155 1355 2075 1355 2.0 Min
85C Typ 85 2280 1480 Max 120 2405 1605 2420 1675 3.3 150 Units mA mV mV mV mV V A A
Min
Typ 85
2155 1355 2075 1355 2.0
2280 1480
(10)
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (11) (Differential Configuration) Input HIGH Current Input LOW Current
0.5
NECL 100EP DC Electrical Characteristics(8)
VCC = 0V; VEE = -3.0V to -3.6V; TA = -40C to +85C, unless otherwise stated.
-40C Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL
Notes: 8. The device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specifications limit values are applied individually under normal operating conditions and not valid simultaneously. 9. Input and output parameters vary 1:1 with VCC. 10. All loading with 50 to VCC-2.0V. 11. VIHCMR (min) varies 1:1 with VEE, VIHCMR (max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
25C Max 120
-895 -1695 -880 -1625 0.0 150 -1145 -1945 -1225 -1945 VEE +2.0
85C Max 120
-895 -1695 -880 -1625 0.0 150 -1145 -1945 -1225 -1945 VEE +2.0
Parameter Power Supply Current Output HIGH Voltage Output LOW Voltage
(10)
Min
-1145 -1945 -1225 -1945
Typ 85
-1020 -1820
Min
Typ 85
-1020 -1820
Min
Typ 85
-1020 -1820
Max 120
-895 -1695 -880 -1625 0.0 150
Units mA mV mV mV mV V A A
(10)
Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode (11) Range (Differential Configuration) Input HIGH Current Input LOW Current
VEE +2.0
0.5
0.5
0.5
March 2007
6
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
AC Electrical Characteristics(12)
VCC = 0V; VEE = -3.0V to -3.6V or VCC = 3.0V to 3.6V; VEE = 0V; TA = -40C to +85C, unless otherwise stated.
-40C Symbol VOUTpp tPD tRR tS tH tPW tSKEW tJITTER tr, tf
Notes: 12. The device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specifications limit values are applied individually under normal operating conditions and not valid simultaneously. 13. Measured using a 750mV source, 50% duty cycle clock source, all loading with 50 to VCC-2V. 14. VOL and VOH specifications not guaranteed for fMAX testing 15. Skew is measured between outputs under identical transitions and conditions on any one device. 16. Device-to-device skew for identical transitions at identical VCC levels.
(13)
25C Max Min 520 530 630 350 400 250 80 80 400 40 100 1 250 250 110 110 Typ 650 450 550 100 0 0 10 35 0.2 160 160 40 100 1 260 260 130 130 550 650 Max Min 450 390 440 260 80 80 400
85C Typ 580 490 590 100 0 0 10 35 0.2 180 180 40 100 1 280 280 590 690 ps ps ps ps ps ps ps Max Units mV ps
Parameter Output Voltage Amplitude at 3GHz Propagation Delay to Output Differential Reset Recovery Set-Up Time Hold Time Minimum Pulse Rate Within-Device Skew (16) Device-to-Device Skew Clock Random Jitter (RMS) at 3.0GHz Output Rise/Fall Times (20% to 80%) Q, /Q
(15) (14)
Min 540 330 380 240 80 80 400
Typ 670 430 530 100 0 0 10 35 0.2
CLK to Q, /Q MR to Q, /Q MR to CLK D to CLK CLK to D MR
100 100
150 150
Input Stage
Figure 1. Simplified Differential Input Buffer
March 2007
7
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
Typical Characteristics
VCC = 3.3V, GND = 0V, VIN = 800mV, TA = 25C, unless otherwise stated.
Functional Characteristics
VCC = 3.3V, GND = 0V, VIN = 800mV, TA = 25C, unless otherwise stated.
March 2007
8
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
LVPECL Output Interface Applications
LVPECL output has very low output impedance (open emitter), and small signal swing which results in low EMI. LVPECL is ideal for driving 50 and 100 controlled impedance transmission lines. There are several techniques in terminating the LVPECL output, as shown in Figures 2 through 4.
Figure 4. Terminating Unused I/O
Notes: 1. 2. Unused output (/Q) must be terminated to balance the output. Unused output pairs (Q and /Q) may be left floating.
Figure 2. Parallel Termination-Thevenin Equivalent
Figure 3. Three-Resistor "Y-Termination"
Notes: 1. 2. 3. 4. Power-saving alternative to Thevenin termination. Place termination resistors as close to destination inputs as possible. Rb resistor sets the DC bias voltage, equal to VCC-2V. C1 is an optional bypass capacitor intended to compensate for any tr, tf mismatches.
March 2007
9
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690
Micrel, Inc.
SY10/100EP451L
Package Information
32-Pin TQFP (T32-1)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2007 Micrel, Incorporated.
March 2007
10
M9999-030507-A hbwhelp@micrel.com or (408) 955-1690


▲Up To Search▲   

 
Price & Availability of SY10EP451LTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X