Part Number Hot Search : 
VB923 3216S MAX1436B MAX1436B MAX1436B BUK72 A3132 RC30S08
Product Description
Full Text Search
 

To Download SY10E166JZTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
9-BIT MAGNITUDE COMPARATOR
SY10E166 SY100E166
SY10E166 SY100E166
FEATURES
s 1100ps max. Propagation Delay A = B s Extended 100E VEE range of -4.2V to -5.5V s Fully compatible with industry standard 10KH, 100K ECL levels s Internal 75K input pulldown resistors s Fully compatible with Motorola MC10E/100E166 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E166 are 9-bit magnitude comparators designed for use in new, high-performance ECL systems. The E166 compares the binary value of two 9-bit words and indicates whether one word is greater than or equal to the other.
BLOCK DIAGRAM
PIN NAMES
Pin A0-A8 Function A Data Inputs B Data Inputs A Greater than B Output B Greater than A Output A Equal to B Output (active-LOW) VCC to Output
A0-A8
9
A>B
B0-B8 A>B
COMPARATOR
A=B
B>A A=B VCCO
B0-B8
9
B>A
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
Rev.: E
Amendment: /0
1
Issue Date: March 2006
Micrel, Inc.
SY10E166 SY100E166
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
VCCO
Part Number SY10E166JC
18 17
Package Type J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1
Operating Range Commercial Commercial Commercial Commercial Commercial Commercial Commercial Commercial
Package Marking SY10E166JC SY10E166JC SY100E166JC SY100E166JC SY10E166JZ with Pb-Free bar-line indicator SY10E166JZ with Pb-Free bar-line indicator SY100E166JZ with Pb-Free bar-line indicator SY100E166JZ with Pb-Free bar-line indicator
Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Matte-Sn Matte-Sn Matte-Sn Matte-Sn
A1 B0
B2
A2 B1
25 24 23 22 21 20 19
A0
A3 B3 NC VEE A4 B4 A5
26 27 28 1 2 3 4 5 6 7 8 9 10 11
A=B NC VCC B>A VCCO A>B NC
SY10E166JCTR(2) SY100E166JC SY100E166JCTR(2) SY10E166JZ(3) SY10E166JZTR(2, 3) SY100E166JZ(3) SY100E166JZTR(2, 3)
TOP VIEW PLCC J28-1
16 15 14 13 12
B5 A6
B6 A7
B7
28-Pin PLCC (J28-1)
Notes:
A8
B8
1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs.
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
SY10E166 SY100E166
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol IIH IEE Parameter Input HIGH Current Power Supply Current 10E 100E -- -- 113 113 136 136 -- -- 113 113 136 136 -- -- 113 130 136 156 TA = +25C TA = +85C Max. 150 Unit A mA Condition -- -- Min. Typ. Max. Min. Typ. -- -- 150 -- -- Max. Min. Typ. 150 -- --
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol tP Parameter Propagation Delay to Output D to A = B D to A < B, A > B Rise/Fall Time 20% to 80% TA = +25C TA = +85C Max. 1100 1400 800 ps -- Unit ps 500 500 300 750 850 450 1100 1400 800 500 500 300 750 850 450 1100 1400 800 500 500 300 750 850 450 Condition --
Min. Typ. Max. Min. Typ.
Max. Min. Typ.
tr tf
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
3
Micrel, Inc.
SY10E166 SY100E166
28-PIN PLCC (J28-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-032006 hbwhelp@micrel.com or (408) 955-1690
4


▲Up To Search▲   

 
Price & Availability of SY10E166JZTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X