Part Number Hot Search : 
TPJNENG SL4060BN SB630DC D38999 TC4526 GBJ2504 2SC867 HSB13D
Product Description
Full Text Search
 

To Download SY10E15406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Micrel, Inc.
5-BIT 2:1 MUX-LATCH
SY10E154 SY100E154 SY10E154
SY100E154
FEATURES
s s s s s s s 750ps max. LEN to output Extended 100E VEE range of -4.2V to -5.5V 700ps max. D to output Differential outputs Asynchronous Master Reset Dual latch-enables Fully compatible with industry standard 10KH, 100K ECL levels s Internal 75K input pulldown resistors s Fully compatible with Motorola MC10E/100E154 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E154 offer five 2:1 multiplexers followed by latches with differential outputs, designed for use in new, high-performance ECL systems. The two external Latch-Enable signals (LEN1, LEN2) are gated through a logical OR operation before use as control for the five latches. When both LEN1 and LEN2 are at a logic LOW, the latches are transparent, thus presenting the data from the multiplexers at the output pins. If either LEN1 or LEN2 (or both) are at a logic HIGH, the outputs are latched. The multiplexer operation is controlled by the SEL(Select) signal which selects one of the two bits of input data at each mux to be passed through. The MR (Master Reset) signal operates asynchronously to make all Q outputs go to a logic LOW.
BLOCK DIAGRAM
PIN NAMES
Pin Function Input Data a Input Data b Data Select Input Latch Enables Master Reset True Outputs Inverted Outputs VCC to Output
D0a MUX D0b D1a MUX D1b D2a MUX D2b D3a MUX D3b D4a MUX D4b SEL LEN1 LEN2 MR SEL SEL SEL SEL SEL
D
Q
Q0 Q0
D0a-D4a D0b-D4b SEL
EQ NR D Q
Q1 Q1
LEN1, LEN2 MR Q0-Q4 Q0-Q4
EQ NR D Q
Q2 Q2
VCCO
EQ NR D Q
Q3 Q3
EQ NR D Q
Q4 Q4
EQ NR
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
Rev.: E
Amendment: /0
1
Issue Date: March 2006
Micrell, Inc.
SY10E154 SY100E154
PACKAGE/ORDERING INFORMATION
VCCO
Ordering Information(1)
Q4 Q4
D4b D4a
D3b D3a
25 24 23 22 21 20 19
Part Number
18 17
Package Type J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1 J28-1
Operating Range Commercial Commercial Commercial Commercial Commercial Commercial Commercial Commercial
Package Marking SY10E154JC SY10E154JC SY100E154JC SY100E154JC SY10E154JZ with Pb-Free bar-line indicator SY10E154JZ with Pb-Free bar-line indicator SY100E154JZ with Pb-Free bar-line indicator SY100E154JZ with Pb-Free bar-line indicator
Lead Finish Sn-Pb Sn-Pb Sn-Pb Sn-Pb Matte-Sn Matte-Sn Matte-Sn Matte-Sn
SEL LEN1 LEN2 VEE MR D0a D0b
26 27 28 1 2 3 4 5 6 7 8 9 10 11
Q3 Q3 VCC Q2 Q2 Q1 Q1
SY10E154JC SY10E154JCTR(2) SY100E154JC SY100E154JCTR(2) SY10E154JZ(3) SY10E154JZTR(2, 3) SY100E154JZ(3) SY100E154JZTR(2, 3)
Notes:
PLCC TOP VIEW J28-1
16 15 14 13 12
D1a D1b
VCCO Q0
D2a D2b
28-Pin PLCC (J28-1)
Q0
1. Contact factory for die availability. Dice are guaranteed at TA = 25C, DC Electricals only. 2. Tape and Reel. 3. Pb-Free package is recommended for new designs.
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
2
Micrel, Inc.
SY10E154 SY100E154
TRUTH TABLES
SEL H L Data a b LEN1 L H X LEN2 L X H Latch Transparent Latched Latched
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol IIH IEE Parameter Input HIGH Current Power Supply Current 10E 100E -- -- 76 76 91 91 -- -- 76 76 91 91 -- -- 76 87 91 105 TA = +25C TA = +85C Max. 150 Unit A mA Condition -- -- Min. Typ. Max. Min. Typ. -- -- 150 -- -- Max. Min. Typ. 150 -- --
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol tPD Parameter Propagation Delay to Output D SEL LEN MR Set-up Time D SEL Hold Time D SEL Reset Recovery Time Minimum Pulse Width, MR Within-Device Skew Rise/Fall Time 20% to 80% TA = +25C TA = +85C Max. 700 925 750 800 ps 300 500 300 200 800 400 -- 300 100 250 -100 -250 600 -- 50 475 -- -- -- -- -- -- -- 800 300 500 300 200 800 400 -- 300 100 250 -100 -250 600 -- 50 475 -- -- -- -- -- -- -- 800 300 500 300 200 800 400 -- 300 100 250 -100 -250 600 -- 50 475 -- -- ps -- -- -- -- -- 800 ps ps ps ps -- -- 1 -- -- -- Unit ps 325 475 350 450 500 650 500 600 700 925 750 800 325 475 350 450 500 650 500 600 700 925 750 800 325 475 350 450 500 650 500 600 Condition --
Min. Typ. Max. Min. Typ.
Max. Min. Typ.
tS
tH
tRR tPW tskew tr tf
Note: 1. Within-device skew is defined as identical transitions on similar paths through a device.
M9999-032006 hbwhelp@micrel.com or (408) 955-1690
3
Micrell, Inc.
SY10E154 SY100E154
28-PIN PLCC (J28-1)
Rev. 03
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131
TEL
USA
+ 1 (408) 944-0800
FAX
+ 1 (408) 474-1000
WEB
http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2006 Micrel, Incorporated. M9999-032006 hbwhelp@micrel.com or (408) 955-1690
4


▲Up To Search▲   

 
Price & Availability of SY10E15406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X