Part Number Hot Search : 
90N10 V585ME42 LS1241 2SA2180 70SC20BA 0100S CPC5603C 20006
Product Description
Full Text Search
 

To Download SY100S863JCTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
FEATURES
s Low skew s Differential PECL inputs s Differential cut-off PECL outputs capable of driving 25 load for driving data bus s Tri-state TTL output s TTL select and enable input s Internal 75K PECL input pull-down resistors s PECL I/O fully compatible with industry standard s Available in 28-pin PLCC package
SY100S863
DESCRIPTION
The SY100S863 is a PECL 8:1 multiplexer designed for use in new, high-performance PECL systems. It has differential PECL outputs and a standard TTL output. The TTL select inputs (SEL0, SEL1, SEL2) determine which one of the eight differential PECL data inputs (D0-D7) is propagated to the outputs. The enable pin, EN, is provided for expansion. When EN is at a TTL logic one level, both PECL and TTL outputs are enabled. When the enable pin is set to TTL logic zero level, both PECL outputs of the differential pair are in cut-off and the TTL output is in a three-state condition.
BLOCK DIAGRAM
D0 D0 D1 D1 D2 D2 D3 D3 D4 D4 D5 D5 D6 D6 D7 D7 (4) (5) (6) (7) (8) (9) (10) (11) (27) (26) (25) (24) (23) (22) (21) (20) EN (15)
PIN CONFIGURATION
D7 VCCO
D5
D5 D6
25 24 23 22 21 20 19
D4
D6 D7
26 27 28 1 2 3 4 5 6 7 8 9 10 11
18 17 16
Q Q VCC EN VCCT QTTL VGT
8 DIFFERENTIAL PECL INPUTS
(17) Q (18) Q 8:1 MUX (13) QTTL
D4 SEL0 VEE SEL1 SEL2 D0
TOP VIEW PLCC J28-1
15 14 13 12
D0 D1
D1 D2
D2 D3
SEL0 (28)
SEL1 (2)
SEL2 (3)
PIN NAMES
Pin D0, /D0 - D7, /D7 Q, /Q QTTL EN SEL0,1,2 Function Differential PECL Input Pairs Differential PECL Outputs TTL Output Enable Input Select Inputs
TTL INPUTS
D3
Rev.: E
Amendment: /0
1
Issue Date: May 2000
Micrel
SY100S863
TRUTH TABLE
EN H H H H H H H H L SEL2 L L L L H H H H X SEL1 L L H H L L H H X SEL0 L H L H L H L H X Q D0 D1 D2 D3 D4 D5 D6 D7 Z QTTL D0 D1 D2 D3 D4 D5 D6 D7 Z
PECL DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = VCCT = 5.0V 5%; VEE = VGT = GND
Symbol VOH VOL VOZ VIH VIL IIH IIL ICC Parameter Output HIGH Voltage Output LOW Voltage Cutoff Voltage(1) Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current VCC Supply Current
(1)
Min. 3.975 3.17 -- 3.835 3.17 -- 0.50 --
Typ. 4.045 3.295 3 -- -- -- -- 73
Max. 4.13 3.38 3.10 4.13 3.525 350 -- 88
Unit V V V V V A A mA
Condition Loading with 25 to 3V (VCC-2V) Loading with 25 to 3V (VCC-2V) Loading with 25 to 3V (VCC-2V)
(1)
VIN = VIH (Max.) VIN = VIL (Min.)
NOTE: 1. Levels shown are for VCCO = 5.0V and will vary 1:1 with powers.
TTL DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = VCCT = 5.0V 5%; VEE = VGT = GND
Symbol VOH VOL VIH VIL IIH IIL VIK IOS IOZHT IOZLT Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Input Clamp Voltage Output Short Circuit Current Tri-state Current Output HIGH Tri-state Current Output LOW Min. 2.4 -- 2.0 0 -- -0.7 -1.2 -200 -- -700 Typ. 2.9 0.3 -- -- -- -- -- -- -- -- Max. -- 0.5 VCC 0.8 1.0 -- -- -60 70 -- Unit V V V V mA mA V mA A A VIN = 2.7V VIN = 0.5V IIN = -18mA VOUT = 0V, VCCT = 5.5V VOUT = 2.7V VOUT = 0.5V Condition IOH = -3mA IOL = 24mA
2
Micrel
SY100S863
PECL AC ELECTRICAL CHARACTERISTICS
VCC = VCCO = +5.0V 5%; VEE = VGT = GND
TA = 0C Symbol tPLH tPHL Parameter Propagation D to Q SEL0 to Q SEL1 to Q SEL2 to Q Delay(1),(2) 500 300 300 300 300 -- 300 -- -- -- -- -- 1300 400 900 2000 1750 1500 1750 300 600 500 300 300 300 300 -- 300 -- -- -- -- -- 1300 400 900 2000 1750 1500 1750 300 600 500 300 300 300 300 -- 300 -- -- -- -- -- 1300 400 600 ps 900 2000 1750 1500 1750 ps Min. Typ. Max. TA = +25C Min. Typ. Max. TA = +85C Min. Typ. Max. Unit ps Condition
tPZH tPHZ tr tf
EN to Q(3) (Cutoff to HIGH) EN to Q(3)300 (HIGH to Cutoff) Output Rise/Fall Times(2) 20% to 80%
NOTES: 1. Part-to-part skew is defined as Max. - Min. value at the given temperature. 2. RL = 50 3. Figures 1 and 2
TTL AC ELECTRICAL CHARACTERISTICS
VCC = VCCO = 5V 5%; VEE = VGT = GND
TA = 0C Symbol tPLH tPHL Parameter Propagation Delay(1)(2) D to QTTL SEL0 to QTTL SEL1 to QTTL SEL2 to QTTL EN to TTL Output(2) (Enable Time) EN to TTL Output(2) (Disable Time) Output Rise/Fall Time(3) 0.8V to 2.4V 0.8Vto 2.0V Min. 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.3 Typ. -- -- -- -- -- -- -- -- -- Max. 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.6 TA = +25C Min. 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.3 Typ. -- -- -- -- -- -- -- -- -- Max. 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.6 TA = +85C Min. 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.3 Typ. -- -- -- -- -- -- -- -- -- Max. 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.6 ns ns ns Unit ns Condition
tPZH tPZL tPHZ tPLZ tr tf
NOTES: 1. Part-to-part skew is defined as Max. - Min. value at the given temperature. 2. Figures 3 and 4 3. CL = 25pF
3
Micrel
SY100S863
PECL-TO-PECL TEST CIRCUITRY
VCC, VCCT & VCCO 2V -3V PULSE GENERATOR 0.1 0.1 VEE, VGT D Q 50
DUT Q QTTL EN CH C STTL RT 50 450
FTTL
0V -3V
USE OSCILLOSCOPE INTERNAL 50 LOAD FOR TERMINATION.
CH A OSCILLOSCOPE
CH B
Figure 1. PECL-to-PECL AC Test Circuit
PECL-TO-PECL SWITCHING WAVEFORMS
PECL DATA
ENABLE VOH = 4.1V PECL OUTPUT tPD VOL = 3.3V tPHZ VOZ = 3V tPZH
Figure 2. PECL-to-PECL Transition -- Propagation Delay and Transition Times
4
Micrel
SY100S863
PECL-TO-TTL TEST CIRCUITRY
VCC, VCCT & VCCO 5V 0.1
VEE, VGT PULSE GENERATOR D Q
7V
LZ/ZL Three-State Pull-up
DUT Q QTTL EN CH C STTL RT 50 450
500 450 50pF FTTL
-3V 0V
USE OSCILLOSCOPE INTERNAL 50 LOAD FOR TERMINATION.
CH A OSCILLOSCOPE
CH B
Figure 3. PECL-to-TTL AC Test Circuit
5
Micrel
SY100S863
PECL-TO-TTL SWITCHING WAVEFORMS
3V 1.5V PECL DATA 0V 1.5V
1.5V TTL OUTPUT tPLH tPHL
1.5V
Figure 4a. PECL-to-TTL Transition, Data to TTL Output Delay
3V EN 1.5V 0V tPZH 1.5V TTL OUTPUT TTL OUTPUT 1.5V tPZL
Figure 4b. EN to TTL Output Enable and Disable Times
1.5V
tPHZ 0.3V
VOH
0V 3.5V tPLZ 0.3V VOL
PRODUCT ORDERING CODE
Ordering Code SY100S863JC SY100S863JCTR Package Type J28-1 J28-1 Operating Range Commercial Commercial
6
Micrel
SY100S863
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
7


▲Up To Search▲   

 
Price & Availability of SY100S863JCTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X