|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL ClockWorksTM SY10H646L SY100H646L FEATURES s 3.3V power supply s PECL/TTL-to-TTL version of popular ECLinPS E111AE/LE s Guaranteed low skew specification s Three-state enable s Differential internal design s VBB output for single-ended operation s Extra TTL and ECL power/ground pins s Choice of ECL compatibility: 10K or 100K s Matched high and low output impedance s Available in 28-pin PLCC package DESCRIPTION The SY10/100H646L are single supply, low skew translating 1:8 clock drivers. Devices in the MicrelSynergy H600 translator series utilize the 28-lead PLCC for optimal power pinning, signal flow-through and electrical performance. The single supply H646L is similar to the HA643 which is a dual supply 1:8 version of the same function. These devices feature a 24mA TTL output stage, with AC performance specified into a 20pF load capacitance. The 10H version is compatible with 10K ECL logic levels. The 100H version is compatible with 100K levels. PIN CONFIGURATION OGND Q5 OGND Q7 18 17 16 EN 25 24 23 22 21 20 19 Q3 26 27 28 1 2 3 4 5 6 7 8 9 10 11 Q4 BLOCK DIAGRAM OVT Q6 Q0 OGND Q2 OVT Q1 TOP VIEW PLCC 15 14 13 12 Q1 OGND Q0 EN IVT IGND VCCE VCCE VBB ECLK Q3 TCLK ECLK PIN NAMES Pin Function TTL Output Ground (0V) TTL Output VCC (+3.0V) Internal TTL GND (0V) Internal TTL VCC (+3.0V) ECL VEE (0V) ECL Ground (+3.0V) Differential Signal Input (PECL) VBB Reference Output Signal Outputs (TTL) Three-State Enable Input (TTL) Signal Input (TTL) Rev.: E Amendment: /0 ECLK Q4 OGND OVT IGND Q5 IVT VEE VCCE Q6 ECLK, ECLK VBB Q0-Q7 VBB Q7 EN TCLK 1 VEE ECLK Issue Date: May, 1999 TCLK IVT IGND VEE VEE Q2 Micrel ClockWorksTM SY10H646L SY100H646L ABSOLUTE MAXIMUM RATINGS(1) Symbol VE (ECL) VT (TTL) VI (ECL) VI (TTL) VOUT (TTL) IOUT (ECL) Rating Power Supply Voltage Input Voltage Disabled 3-State Output Output Current - Continuous - Surge Storage Temperature Operating Temperature Value -0.5 to +7.0 -0.5 to +7.0 0.0 to VEE -0.5 to VCC 0.0 to VCCT Unit V V V mA 50 100 -65 to +150 0 to +85 C C TRUTH TABLE TCLK GND GND H L X ECLK L H GND GND X ECLK H L GND GND X EN H H H H L Q L H H L Z Tstore TA NOTE: X = Don't Care L = Low Voltage Level H = High Voltage Level Z = Three-State NOTE: 1. Do not exceed. DC ELECTRICAL CHARACTERISTICS OVT = IVT = VCCE = 3.0V to 3.6V TA = 0C Symbol ICCL ICCH Parameter Power Supply Current Min. -- -- Max. 120 120 TA = +25C Min. -- -- Max. 120 120 TA = +85C Min. -- -- Max. 120 120 Unit mA Condition Total all OVT, IVT, and VCCE pins TTL DC ELECTRICAL CHARACTERISTICS OVT = IVT = VCCE = 3.0V to 3.6V TA = 0C Symbol VIH VIL IIH IIL VOH VOL VIK IOS Parameter Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Output HIGH Voltage Output LOW Voltage Input Clamp Voltage Output Short Circuit Current Min. 2.0 -- -- -- -- 2.0 -- -- -100 Max. -- 0.8 20 100 -0.4 -- 0.5 -1.2 -- TA = +25C Min. 2.0 -- -- -- -- 2.0 -- -- -100 Max. -- 0.8 20 100 -0.4 -- 0.5 -1.2 -- TA = +85C Min. 2.0 -- -- -- -- 2.0 -- -- -100 Max. -- 0.8 20 100 -0.4 -- 0.5 -1.2 -- Unit V V A mA V V V mA VIN = 2.7 V VIN = VCC VIN = 0.5 V IOH = -3.0 mA IOL = 24 mA IIN = -18mA VOH = 0V Condition 2 Micrel ClockWorksTM SY10H646L SY100H646L 10H ECL DC ELECTRICAL CHARACTERISTICS OVT = IVT = VCCE = 3.0V to 3.6V TA = 0C Symbol IIH IIL VIH VIL VBB Parameter Input HIGH Current Input LOW Current Input HIGH Input LOW Voltage(1) Voltage(1) Voltage(1) Min. -- 0.5 2.130 1.350 1.920 Max. 225 -- 2.460 1.820 2.030 TA = +25C Min. -- 0.5 2.170 1.350 1.950 Max. 175 -- 2.490 1.820 2.050 TA = +85C Min. -- 0.5 2.240 1.350 1.990 Max. 175 -- 2.580 1.855 2.110 Unit A A V V V Condition -- -- VE = 3.3V VE = 3.3V VE = 3.3V Output Reference NOTE: 1. VIH, VIL and VBB are referenced to VCC and will vary 1:1 with the power supply. The levels shown are for VCC = +3.3V. 100H ECL DC ELECTRICAL CHARACTERISTICS OVT = IVT = VCCE = 3.0V to 3.6V TA = 0C Symbol IIH IIL VIH VIL VBB Parameter Input HIGH Current Input LOW Current Input HIGH Input LOW Voltage(1) Voltage(1) Min. -- 0.5 2.135 1.490 1.920 Max. 225 -- 2.420 1.825 2.040 TA = +25C Min. -- 0.5 2.135 1.490 1.920 Max. 175 -- 2.420 1.825 2.040 TA = +85C Min. -- 0.5 2.135 1.490 1.920 Max. 175 -- 2.420 1.825 2.040 Unit A A V V V Condition -- -- VE = 3.3V VE = 3.3V VE = 3.3V Output Reference Voltage(1) NOTE: 1. VIH, VIL and VBB are referenced to VCC and will vary 1:1 with the power supply. The levels shown are for VCC = +3.3V. 3 Micrel ClockWorksTM SY10H646L SY100H646L AC ELECTRICAL CHARACTERISTICS IVT = OVT = VCCE = 3.0V to 3.6V TA = 0C Symbol tPLH tPHL tskpp tskew++ tskew- - tr tf tPW Parameter Propagation Delay ECLK to Q TCLK to Q Part-to-Part Skew(1,4) Within-Device Within-Device Rise Fall Time Skew(2,4) Skew(3,4) 0.8V to 2.0V 0.8V to 2.0V Min. 2.3 2.3 -- -- -- 0.3 0.3 5.5 5.5 6.0 6.0 -- 160 Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- Max. 3.3 3.3 0.5 0.3 0.3 1.5 1.5 -- -- -- -- 75 -- TA = +25C Min. 2.25 2.25 -- -- -- 0.3 0.3 5.5 5.5 6.0 6.0 -- 160 Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- Max. 3.25 3.25 0.5 0.3 0.3 1.5 1.5 -- -- -- -- 75 -- 2.2 2.2 -- -- -- 0.3 0.3 5.5 5.5 6.0 6.0 -- 160 TA = +85C Min. Typ. -- -- -- -- -- -- -- -- -- -- -- -- -- Max. 3.2 3.2 0.5 0.3 0.3 1.5 1.5 -- -- -- -- 75 -- ps MHz CL = 20pF CL = 20pF ns ns ns ns ns ns CL = 20pF CL = 20pF CL = 20pF CL = 20pF CL = 20pF CL = 20pF Unit ns Condition CL = 20pF Output Pulse Width 66MHz @ 2.0V 66MHz @ 0.8V 60MHz @ 2.0V 60MHz @ 0.8V Clock Stability(7) Maximum Input Frequency(5,6) tStability fMAX NOTES: 1. Device-to-Device Skew considering HIGH-to-HIGH or LOW-to-LOW transitions at common VCC level. 2. Within-Device Skew considering HIGH-to-HIGH transitions at common VCC level. 3. Within-Device Skew considering LOW-to-LOW transitions at common VCC level. 4. All skew parameters are guaranteed but not tested. 5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing. 6. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater. 7. Clock stability is the period variation between two successive rising edges. LOGIC DIAGRAM PRODUCT ORDERING CODE Ordering Code SY10H646LJC SY10H646LJCTR SY100H646LJC SY100H646LJCTR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Commercial Commercial 4 Micrel ClockWorksTM SY10H646L SY100H646L ADDITIONAL INFORMATION IVT01 OVT01 INTERNAL TTL POWER Q0A OGND0 INTERNAL TTL GROUND IGND01 Figure 1. Output Structure POWER VS FREQUENCY PER BIT 300 = CL VSWING VCC PDYNAMIC 250 PTOTAL = PSTATIC + PDYNAMIC POWER (mW) 200 150 100 No Load 20pF 50pF 100pF 200pF 300pF 50 0 0 0 20 40 60 80 100 0 FREQUENCY (MHz) Figure 2. Power Versus Frequency (Typical) 5 Micrel ClockWorksTM SY10H646L SY100H646L 28 LEAD PLCC (J28-1) Rev. 03 MICREL-SYNERGY TEL 3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA FAX + 1 (408) 980-9191 + 1 (408) 914-7878 WEB http://www.micrel.com This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated 6 |
Price & Availability of SY100H646LJCTR |