|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2-INPUT DIFFERENTIAL AND/NAND FEATURES s 275ps propagation delay s High bandwidth output transitions s Internal 75K input pull-down resistors s Available in 8-pin SOIC package SY10EL05 SY100EL05 DESCRIPTION The SY10/100EL05 are 2-input differential AND/NAND gates. These devices are functionally equivalent to the E404 devices, with higher performance capabilities. With propagation delays and output transition times significantly faster than the E404, the EL05 is ideally suited for those applications which require the ultimate in AC performance. Because a negative 2-input NAND is equivalent to a 2-input OR function with inverted inputs, the differential inputs and outputs of the device allows the EL05 to also be used as a 2-input differential OR/NOR gate. The differential inputs employ clamp circuitry so that, under open conditions (pulled down to VEE), the input to the AND gate will be HIGH. In this way, if one set of inputs is open, the gate will remain active to the other input. PIN CONFIGURATION/BLOCK DIAGRAM PIN NAMES Pin D0, D1 Function Data Inputs Data Outputs D0 D0 D1 D1 1 2 3 4 8 7 6 5 VCC Q Q VEE Q SOIC TOP VIEW Rev.: E Amendment: /0 1 Issue Date: August, 1998 Micrel SY10EL05 SY100EL05 DC ELECTRICAL CHARACTERISTICS VEE = VEE (Min.) to VEE (Max.); VCC = GND TA = -40C Symbol IEE Parameter Power Supply Current 10EL 100EL Min. -- -- Typ. 18 18 -5.2 -4.5 -- Max. 22 22 -5.5 -5.5 150 TA = 0C Min. 14 14 -4.75 -4.20 -- Typ. 18 18 -5.2 -4.5 -- Max. 22 22 -5.5 -5.5 150 TA = +25C Min. 14 14 -4.75 -4.20 -- Typ. 18 18 -5.2 -4.5 -- Max. 22 22 -5.5 -5.5 150 TA = +85C Min. 14 16 -4.75 -4.20 -- Typ. 18 21 -5.2 -4.5 -- Max. 22 25 V -5.5 -5.5 150 A Unit mA VEE Power Supply Voltage 10EL -4.75 100EL -4.20 Input HIGH Current -- IIH AC ELECTRICAL CHARACTERISTICS VEE = VEE (Min.) to VEE (Max.); VCC = GND TA = -40C Symbol tPLH tPHL VPP VCMR tr tf Parameter Propagation Delay to Output D Minimum Input Swing(1) Common Mode Range(2) Min. 135 150 (2) Typ. 260 -- -- 225 Max. 440 -- -0.4 350 185 150 (2) 100 TA = 0C Min. Typ. 275 -- -- 225 Max. 390 -- -0.4 350 TA = +25C Min. 185 150 (2) 100 Typ. 275 -- -- 225 Max. 390 -- -0.4 350 TA = +85C Min. 215 150 (2) 100 Typ. 305 -- -- 225 Max. 420 -- -0.4 350 Unit ps mV V ps Output Rise/Fall Times Q 100 (20% to 80%) NOTES: 1. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of 40. 2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range is dependent on VEE and is equal to VEE + 3.0V. PRODUCT ORDERING CODE Ordering Code SY10EL05ZC SY10EL05ZCTR SY100EL05ZC SY100EL05ZCTR Package Type Z8-1 Z8-1 Z8-1 Z8-1 Operating Range Commercial Commercial Commercial Commercial 2 Micrel SY10EL05 SY100EL05 8 LEAD SOIC .150" WIDE (Z8-1) Rev. 03 3 Micrel SY10EL05 SY100EL05 MICREL-SYNERGY TEL 3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA FAX + 1 (408) 980-9191 + 1 (408) 914-7878 WEB http://www.micrel.com This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated 4 |
Price & Availability of SY100EL05ZC |