Part Number Hot Search : 
TIP8B550 8D52G9 WK090850 M48T59Y BAS70 M48T59Y A1SK1P 09015
Product Description
Full Text Search
 

To Download SY100E151JCTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6-BIT D REGISTER
SY10E151 SY100E151 FINAL
FEATURES
s 1100MHz toggle frequency s Extended 100E VEE range of -4.2V to -5.46V s s s s Differential outputs Asynchronous Master Reset Dual clocks Fully compatible with industry standard 10KH, 100K ECL levels s Internal 75K input pulldown resistors s Fully compatible with Motorola MC10E/100E151 s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E151 offer 6 edge-triggered, high-speed, master-slave D-type flip-flops with differential outputs, designed for use in new, high-performance ECL systems. The two external clock signals (CLK1, CLK2) are gated through a logical OR operation before use as clocking control for the flip-flops. Data is clocked into the flip-flops on the rising edge of either CLK1 or CLK2 (or both). When both CLK1 and CLK2 are at a logic LOW, data enters the master and is transferred to the slave when either CLK1 or CLK2 (or both) go HIGH. The MR (Master Reset) signal operates asynchronously to make all Q outputs go to a logic LOW.
BLOCK DIAGRAM
D0 Q0 R D1 D R D2 D R D3 D R D4 D R D5 D R CLK1 CLK2 M R Q0
PIN CONFIGURATION
MR CLK2 CLK1 NC VCCO Q5 Q5
18 17
D
25 24 23 22 21 20 19
Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 Q5 Q5
D5 D4 D3 VEE D2 D1 D0
26 27 28 1 2 3 4 5 6 7 8 9 10 11
Q4 Q4 VCC Q3 Q3 Q2 Q2
PLCC TOP VIEW J28-1
16 15 14 13 12
NC VCCO
Q0 Q1 Q1
PIN NAMES
Pin D0-D5 CLK1, CLK2 MR Q0-Q5 Q0-Q5 VCCO Function Data Inputs Clock Inputs Master Reset True Outputs Inverting Outputs VCC to Output
VCCO
Rev.: E
Q0
Amendment: /0
1
Issue Date: November 2002
Micrel
SY10E151 SY100E151
TRUTH TABLES(1)
Asynchronous Operation Inputs Dn X CLK1 X CLK2 X MR H Output Qn(t + 1) L Dn L H L H X X X Synchronous Operation Inputs CLK1 u u L L H u L CLK2 L L u u u H L MR L L L L L L L Output Qn(t + 1) L H L H Qn(t) Qn(t) Qn(t)
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care t = Time before positive CLK transition t+1 = Time after positive CLK transition u = LOW-to-HIGH transition
DC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol IIH IEE Parameter Input HIGH Current Power Supply Current 10E 100E
NOTE: 1. Specification for packaged product only.
TA = +25C 150 78 78 -- -- -- -- 65 65 150 78 78
TA = +85C Max. 150 78 90 Unit A mA Condition -- -- -- -- -- -- 65 75
Min. Typ. Max. Min. Typ. -- -- -- -- 65 65
Max. Min. Typ.
2
Micrel
SY10E151 SY100E151
AC ELECTRICAL CHARACTERISTICS(2)
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0C Symbol fMAX tPLH tPHL tS tH tRR tPW tskew tr tf Parameter Max. Toggle Frequency Propagation Delay to Output CLK MR Set-up Time, D Hold Time, D Reset Recovery Time Minimum Pulse Width CLK, MR Within-Device Skew Rise/Fall Time 20% to 80% 1100 1400 475 475 0 350 750 400 -- 300 650 650 -175 175 550 -- 65 450 -- 800 850 -- -- -- -- -- 700 TA = +25C 1100 1400 475 475 0 350 750 400 -- 300 650 650 -175 175 550 -- 65 450 -- 800 850 -- -- -- -- -- 700 TA = +85C Max. -- 800 850 -- -- -- -- -- 700 ps ps ps ps ps ps -- -- -- -- 1 -- Unit MHz ps 475 475 0 350 750 400 -- 300 650 650 -175 175 550 -- 65 450 Condition -- -- 1100 1400 Min. Typ. Max. Min. Typ. Max. Min. Typ.
NOTE: 1. Within-device skew is defined as identical transitions on similar paths through a device. 2. Specification for packaged product only.
PRODUCT ORDERING CODE
Ordering Code SY10E151JI SY10E151JITR* SY100E151JI SY100E151JITR*
*Tape and Reel
Package Type J28-1 J28-1 J28-1 J28-1
Operating Range Industrial Industrial Industrial Industrial
3
Micrel
SY10E151 SY100E151
28 LEAD PLCC (J28-1)
Rev. 03
MICREL, INC.
TEL
1849 FORTUNE DRIVE SAN JOSE, CA 95131
FAX
USA
+ 1 (408) 944-0800
+ 1 (408) 944-0970
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel, Inc. (c) 2002 Micrel, Incorporated.
4


▲Up To Search▲   

 
Price & Availability of SY100E151JCTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X