Part Number Hot Search : 
1N4732C LA743 GM160 LIS331HH BPC25 T1200 LBN08303 1V0DS00
Product Description
Full Text Search
 

To Download SST406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel JFET Monolithic Dual
CORPORATION
SST404 / SST405 / SST406
FEATURES DESCRIPTION The SST404 Series is a very Low Noise Monolithic N-Channel JFET Pair in a surface mount SO-8 plastic package. Designed utilizing Calogic's proprietary JFET processing techniques these devices are ideal for front end amplification of low level signals. The low noise, low leakage and good frequency response are excellent features for sensitive medical, instrumentation and infrared designs. ORDERING INFORMATION Part SST404-6 Package Plastic SO-8 Temperature Range -55oC to +125oC
* Very Low Noise . . . . . . . . . . . . . en < 10 nV/ Hz @ 10Hz ...... I * Low Input Bias . .Voltage.. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. BG < 2pA V > 50V * High Breakdown * Precision Instrumentation * Input Amplifiers * Impedance Converters
APPLICATIONS
NOTE: For Sorted Chips in Carriers, See U401 Series
PIN CONFIGURATIONS
SO-8
TOP VIEW (1) S1 (2) D1 (3) G1 (4) N/C N/C (8) G2 (7) D2 (6) S2 (5)
CJ2
PRODUCT MARKING SST404 SST405 SST406 R04 R05 R06
SST404 / SST405 / SST406
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = 25oC unless otherwise noted) Parameter/Test Condition Gate-Drain Voltage Gate-Source Voltage Forward Gate Current Power Dissipation (per side) (total) Power Derating (per side) (total) Operating Junction Temperature Storage Temperature Lead Temperature (1/16" from case for 10 seconds) Symbol VGD VGS IG PD Limit -50 -50 10 300 500 2.4 4 -55 to 150 -55 to 200 300 Unit V V mA mW mW mW/ oC mW/ oC o C o C o C
TJ Tstg TL
ELECTRICAL CHARACTERISTICS (TA = 25oC unless otherwise noted)
SYMBOL STATIC V(BR)GSS V(BR)G1 - G2 VGS(OFF ) IDSS IGSS Gate-Source Breakdown Voltage Gate-Gate Breakdown Voltage Gate-Source Cut off Voltage Saturation Drain Current 2 Gate Reverse Current -58 -58 -1.5 3.5 -2 -1 Gate Operating Current Drain-Source On-Resistance Gate-Source Voltage Gate-Source Forward Voltage -2 -0.8 rDS(ON) VGS VGS(F) DYNAMIC gfs gos gfs gos Ciss Crss en MATCHING | VGS1 - VGS2 | Differential Gate-Source Voltage | VGS1 - VGS2 | Gate-Source Voltage Differential Change with Temperature T CMRR Common Mode Rejection Ratio 102 95 15 25 25 90 20 40 40 40 80 80 mV V/ oC dB VDG = 10V, ID = 200A TA = -55 to 25 oC VDG = 10V, TA = 25 to 125oC ID = 200A VDG = 10 to 20V, ID = 200A Common-Source Forward Transconductance Common-Source Output Conductance Common-Source Forward Transconductance Common-Source Output Conductance Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Equivalent Input Noise Voltage 1.5 10 1.5 1.3 1.5 10 2 1 2 2 7 20 8 3 20 2 1 2 2 7 20 8 3 20 2 1 2 2 7 20 8 3 20 nV/ Hz pF mS S VDG = 15V, ID = 200A f = 1kHz VDS = 10V, VGS = 0V f = 1kHz VDG = 15V, ID = 200A f = 1MHz VDG = 15V, I D = 200A f = 10Hz 250 -1 0.7 -2.3 -2.3 -2.3 -15 -10 -15 -10 -15 -10 -50 50 -50 50 -50 50 V IG = -1A, VDS = 0V IG = 1A, VDS = 0V, VGS = 0V VDS = 15V, ID = 1nA mA pA nA pA nA V VDS = 15V, VGS = 0V VGS = -30V, VDS = 0V TA = 125 oC VDG = 15V, ID = 200A TA = 125 oC VGS = 0V, I D = 0.1mA VDG = 15V, ID = 200A IG = 1mA, VDS = 0V CHARACTERISTCS TYP1 SST404 SST405 SST406 UNIT TEST CONDITIONS
MIN MAX MIN MAX MIN MAX
-0.5 -2.5 -0.5 -2.5 -0.5 -2.5 0.5 10 -25 0.5 10 -25 0.5 10 -25
IG
NOTES: 1. For design aid only, not subject to production testing. 2. Pulse test; PW = 300s, duty cycle 3%.


▲Up To Search▲   

 
Price & Availability of SST406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X