Part Number Hot Search : 
DB105 MAA4868K 1212S 278BZC 1012S 14490 T93C46 AC180
Product Description
Full Text Search
 

To Download SP8542JN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SP8542/SP8544
Two and Four Channel 12-Bit Multiplexed Sampling ADCs
s s s s s s s s Two or Four Channel Input Mux 12 Bit Resolution Single +5Volt Supply Internal 1.25 Volt Reference Unipolar 0 to +2.5 Volt Input Range Fast, 3.75 s Conversion Time per Channel Fast Power Shutdown/Turn-On Mode 3-Wire Synchronous Serial High Speed Interface s 2A Shutdown Mode (10W) s Low Power CMOS 42mW typical
DESCRIPTION The SP8542 (2 channel) and SP8544 (4 channel) are 12-Bit serial in/out data acquisition systems with a bi-directional serial interface. The devices contain a high speed 12-Bit analog to digital converter, internal reference, and a 2 or 4 channel input mux which drives the internal sample/ hold circuitry. The SP8542 is available in 16-pin PDIP and SOIC packages, and the SP8544 is available in 18-pin PDIP and SOIC packages, specified over Commercial and Industrial temperature ranges.
CONTROL LOGIC MUX
Register
CS SCLK DIN CH0 CH1 *CH2 *CH3
COUNTER
STATUS
SAR
MUX
CDAC OFFSET ADJUST SHUTDOWN RTRIM BUFFER REF. LATCHED COMPARATOR
DOUT
GAIN ADJUST REF OUT
SP8542 - 2 CHANNEL MUX *SP8544 - 4 CHANNEL MUX
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS
(TA=+25C unless otherwise noted) .............................................. VDD to DGND ............................................................. -0.3V to +7V VDA to AGND .............................................................. -0.3V to +7V Vin to AGND .................................................... -0.3V to VDA +0.3V Digital Input to VSS ........................................... -0.3V to VDD+0.3V Digital Output to VSS ........................................ -0.3V to VDD+0.3V Operating Temp. Range Commercial (J,K Version) ............................... 0C to 70C Industrial (A,B Version) ............................. -40C to +85C Storage Temperature ............................................... -65C to 150C Lead Temperature(Solder 10sec) ...................................... +300C Power Dissipation to +70C ............................................... 500mW Derate Power Dissipation Above 70C ......................... 10mW/ C
SPECIFICATIONS
Unless otherwise noted the following specifications apply for VDD = 5V with limits applicable for TA = 25C.
PARAMETER DC Accuracy Resolution Integral Linearity J, A K ,B Differential Linearity Error J, A K ,B Gain Error J, A K,B Offset Error J, A K,B
MIN.
TYP. 12 +0.6 +0.4 +0.5 +0.5 +0.2 +0.1 +4 +3
MAX.
UNIT Bits
CONDITIONS
+1.0 +0.75 +1.0 +1.0 +1.0 +0.5 +7 +5
LSB LSB LSB LSB %FSR %FSR LSB LSB No Missing Codes No Missing Codes
Externally Trimmable to Zero Externally Trimmable to Zero
Externally Trimmable to Zero Externally Trimmable to Zero
Analog Input Input Impedance On Channel Off Channel (2) Input Bias Current Channel to Channel Crosstalk Off to On Channel Conversion Speed Sample Time (1) Conversion Time (1) Complete Cycle (1) Convert Rate (1) Clock Speed Date Rate (1) Convert Rate (1)
0 to 2.5 8 1.0 1.0 -90 -80
Volts pF G nA dB In series with 1.4K note 2
@ 10KHz Full Scale sine wave
400 3.75 4.25 117.6 4 235 58.8
ns s s KHz MHz KHz KHz
2 Channels Total Conversion Rate 4 Channels
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
2
SPECIFICATIONS (continued)
Unless otherwise noted the following specifications apply for VDD = 5V with limits applicable for TA = 25C.
PARAMETER Reference Output Ref. Out Temp. Coef. J, A K,B Ref.Out Error Output Current Digital Inputs Input Low Voltage , VIL Input High Voltage , VIH Input Current IIN Input Capacitance Digital Outputs Data Format (3) Data Coding (4) VOH VOL AC Accuracy Spurious Free Dynamic Range (SFDR) Total Harmonic Distortion (THD) Signal to Noise & Distortion (SINAD) Signal to Noise (SNR) Sampling Dynamics Acquisition Time to 0.01% -3dB Small Signal BW Aperture Delay Aperture Jitter
MIN.
TYP. 1.25 30 20 +4 1
MAX.
UNIT Volt ppm/C ppm/C
CONDITIONS
+25
mV mA
0.8 2.0 +1 3
Volt Volt A pF
VDD= 5V 5% VDD= 5V 5%
4.0 0.4
Volt Volt
VDD=5V5%, IOH=-0.4mA VDD=5V5%, IOL=+1.6mA
78
dB
fin=47KHz
-74 70 71
dB dB dB
fin=47KHz fin=47KHz fin=47KHz
250 13 35 10
ns MHz ns ps RMS
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
3
SPECIFICATIONS (continued)
Unless otherwise noted the following specifications apply for VDD = 5V with limits applicable for TA = 25C.
PARAMETER Power Supplies VDD Supply Current Operating Mode Shutdown Mode Power Dissipation Operating Mode Shutdown Mode Power Turn On Temperature Range Commercial Industrial Storage
MIN.
TYP.
MAX.
UNIT
CONDITIONS
+4.75
+5 8.4 .01 42 0.05
+5.25 14 2 70 10 20
V mA A mW W S SD=0 SD=1 SD=0 SD=1 Via Shutdown Control to 1 LSB settling error.
0 -40 -65
to to to
+70 +85 +150
C C C
(1) Free Running Mode (2) Note that the transition from off to on causes charging currents that increase the average input current (3) Data Format is 12-Bit Serial (4) Data Coding is binary (see Timing Diagram)
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
4
SP8542 PIN ASSIGNMENTS Pin 1-N.C.-No Connection Pin 2-CH0-Analog Mux Input 0 Pin 3-CH1-Analog Mux Input 1 Pin 4-AGND-Analog Ground Pin 5-VSS Digital Ground Pin 6-SCLK-Serial Clock Input Pin 7-DOUT Digital Data Output Pin 8-DIN Mux Channel Selection Input Pin 9-Status Pin 10-CS-Chip Select Bar Input, High Deselects chip, Low Selects chip Pin 11-SD-Shutdown Input, logic low = power up, logic high = powerdown Pin 12-VDD Digital +5V supply Pin 13-VDA Analog +5V supply Pin 14-OffADJ External Offset Adjust Pin 15-Refout-Voltage Reference Output Pin 16-GAINADJ-External Gain Adjustment
SP8544 PIN ASSIGNMENTS Pin 1-N.C.-No Connection Pin 2-CH0-Analog Mux Input 0 Pin 3-CH1-Analog Mux Input 1 Pin 4-CH2-Analog Mux Input 2 Pin 5-CH3-Analog Mux Input 3 Pin 6-AGND-Analog Ground Pin 7-VSS Digital Ground Pin 8-SCLK-Serial Clock Input Pin 9-DOUT Digital Data Output Pin 10-DIN Mux Channel Selection Input Pin 11-Status Pin 12-CS-Chip Select Bar Input, High Deselects chip, Low Selects chip Pin 13-SD-Shutdown Input, logic low = power up, logic high = powerdown Pin 14-VDD Digital +5V supply Pin 15-VDA Analog +5V supply Pin 16-OffADJ External Offset Adjust Pin 17-Refout-Voltage Reference Output Pin 18-GAINADJ-External Gain Adjustment
N.C. CH0 CH1 AGND VSS SCLK DOUT DIN
1 2 3 4 5 6 7 8
16 15 14 13
GAIN ADJUST REF OUT OFFSET ADJ. VDA
N.C. CH0 CH1 CH2 CH3
1 2 3 4 5 6 7 8 9
18 17 16 15
GAIN ADJUST REF OUT OFFSET ADJ. VDA VDD SD CS STATUS DIN
SP8542
SP8544
14 13 12 11 10
12 11 10 9
VDD
AGND
SD CS STATUS
VSS SCLK DOUT
SP 8542 Channel Selection Truth Table MA0 0 1 Channel Selection CH0 CH1
SP 8544 Channel Selection Truth Table MA1 0 0 1 1 MA0 0 1 0 1 Channel Selection CH0 CH1 CH2 CH3
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
5
10kOhms 0.01F*
1 CH0 CH1 2 3 4 5 6 7 8
N.C. CH0 CH1 AGND VSS SCLK DOUT DIN
GAIN ADJUST 16 REF OUT 15 OFFSET ADJ. 14 VDA 13 5kOhms
SP8542
VDD 12 SD 11 CS 10
+5V 0.1F 0.1F 6.8F
+
2kOhms
STATUS
9
CLOCK IN DATA OUT DATA IN STATUS OUT CHIP SELECT SHUT DOWN * Optional filter capacitor is helpful in a noisy pc board application.
Figure 1. Operating Circuit
FEATURES The SP8542 and SP8544 are two and four channel 12-Bit serial In/Out data acquisition system. The device contains a high speed 12-bit analog to digital converter, internal reference, and a two or four channel input Mux which drives the internal sample and hold circuit. The SP8542 and SP8544 are fabricated in Sipex' Bipolar Enhanced CMOS Process that permits state-of-the-art design using bipolar devices in the analog/linear section and extremely low power CMOS in digital/logic section. CIRCUIT OPERATION Figure 1 and 2 shows a simple circuit required to operate the SP8542 and SP8544. Please refer to the free running mode timing diagram or the slave mode timing diagram. The conversion is controlled by the user supplied signals Chip Select Bar (CS) which selects and deselects the device, and a system clock (SCLK). A high level applied to CS asynchronously clears the internal logic, puts the sample & hold (CDAC) into sample mode and places the DOUT (Data Output) pin in a high impedance state.
Conversion is initiated by falling edge on CS in slave mode at which point the selected input voltage is held and a conversion is started. A delay tCS of 90ns is required between the falling edge of CS and the first rising of SCLK. The device responds to the shut down signal asynchronously so that a conversion in progress will be interrupted and the resulting data will be erroneous. A 20 Sec delay is required between the falling edge of shutdown and initiation of a conversion. Input Data Format The SP8542 requires, in addition to the Chip Select Bar (CS) and System Clock (SCLK) signals, one multiplexer configuration bit (MA0). The SP8544 requires, in addition to the Chip Select Bar (CS) and System Clock (SCLK) signals, two multiplexer configuration bits (MA1 and MA0). These bits are shifted into the DIN pin, MSB first, during the first two clocks of the 16 clock conversion cycle and configure the input multiplexer to select the desired input channel.
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
6
10kOhms 0.01F*
1 CH0 CH1 CH2 CH3 2 3 4 5 6 7 8 9
N.C. CH0 CH1 CH2 CH3
GAIN ADJUST 18 REF OUT 17 OFFSET ADJ. 16 VDA 15 5kOhms
SP8544
AGND VSS SCLK DOUT
VDD 14 SD 13 CS 12
+5V 0.1F 0.1F 6.8F
+
2kOhms
STATUS 11 DIN 10
CLOCK IN DATA OUT DATA IN STATUS OUT CHIP SELECT SHUT DOWN * Optional filter capacitor is helpful in a noisy pc board application.
Figure 2. Operating Circuit
These bits, if shifted in during the nth conversion, will determine the input configuation for the (n+1) conversion (see timing diagram). The input range is 0 to 2.5V. The serial output is Hi-Z unless conversion data is being shifted out. It is therefore possible to tie the DIN pin to the DOUT pin for a 3-wire interface or leave them seperate for a 4-wire interface. The output is compatible with SPI, QSPI and MICROWIRE serial communication protocols. 0utput Data Format 12 Bits of data are sent in 16 clock cycles for each conversion. Dout is in high impedance state during the first four clock cycles of the conversion and sends the 12 bits of data MSB first, in the succeeding 12 clock cycles. Output data changes on the falling edge of SCLK and is stable on the rising edge of SCLK. Free Running operation is obtained by holding CS low. In this mode an oscillator is connected directly to SCLK pin. The SCLK signal along with the STATUS output Signal are used to synchronize the host system with the converter's
data. In this mode there is a single dead SCLK cycle between the 16th clock of one conversion and the first clock of the following conversion for both the SP8542 and SP8544. At a clock frequency of 4 MHz the SP8542 provides a throughput rate of 117.6KHz for both channels and the SP8544 provides a throughput rate of 58.8KHz for all four channels. Both devices provide a throughput rate of 235KHz for one channel in Free Running Mode. In slave mode operation, CS is brought high between each conversion so that all conversions are initiated by falling edge on CS. Layout Considerations Because of the high resolution and linearity of the SP8542 and SP8544 system design considerations such as ground path impedance and contact resistance become very important. To avoid introducing distortion when driving the analog inputs of these devices, the source resistance must be very low, or constant with signal level. Note that in the operating circuit
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
7
there is no connection made between VDA and the system power supply. This is because the analog supply pin (VDA) is connected internally to the digital supply pin (VDD) through a ten ohm resistor. This connection when combined with a parallel combination of 6.8F tantalum and 0.1F ceramic capacitor between VDA and analog ground, will provide some immunity to noise which resides on the system supply. To maintain maximum system accuracy, the supply connected to the VDD pin should be well isolated from digital supplies and wide load variations. To limit effects of digital switching elsewherein a system, it often makes sense to run a seperate +5Vsupply conductor from the supply requlator to any analog components requiring +5V including the SP8542 and SP8544. Noise on the power supply lines can degrade the converters performance, especially corrupting are noise and spikes from a switching power supply. The ground pins (AGND and VSS) on the SP8542 and SP8544 are separated internally and should be connected to each other under the converter. The use of separate Analog & Digital ground planes is usually the best technique for preserving dynamic performance and reducing noise coupling into sensitive converter circuits. Where any compromise must be made the common return of the analog input signal should be referenced to the AGND pin of the converter. This prevents any voltage drops that might occur in the power supply common returns from appearing in series with the input signal. Coupling between analog and digital lines should be minimized by careful layout. For instance, if analog and digital lines must cross they should do so at right angles. Parallel analog and digital lines should be separated from each other by a trace connected to common. If external gain and offset potentiometers are used, the potentiometers and related resistors should be located as close to the SP8542 and SP8544 as possible.
Minimizing "Glitches" Coupling of external transients into an analog to digital converter can cause errors which are difficult to debug. In addition to the above discussions on layout considerations, bypassing and grounding, there are several other useful steps that can be taken to get the best analog performance from a system using the SP8542 or SP8544 converter. These potential system problem sources are particularly important to consider when developing a new system, and looking for causes of errors in breadboards. First, care should be taken to avoid transients during critical times in the sampling and conversion process. Since the SP8542 and SP0544 have internal sample/hold function the signal that puts the device into hold state (CS) going low is critical, as it would be on any sample/hold amplfier. The CS falling edge should have 5 to 10 ns transition time, low jitter, and have a minimal ringing, especially during the first 35 ns after it falls.
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
8
TIMING CHARACTERISTICS
(Typical @ 25C with VDD = +5V, unless otherwise noted)
PARAMETER Thoughput Time (tTP=tA+tC) Acquisition Time (tA) (2 SCLK Periods) Conversion Time (tC) (15 SCLK Periods) SCLKLow Pulse Width (tSKL) SCLK High Pulse Width (tSKH) SCLK Period (tSKT) Setup Time DIN to SCLK Rising (tDISU) Hold Time from SCLK Rising to DIN (tDIH). Buss Relinquish Time (tBR) Setup Time -SCLK Falling to CSN Falling (tCSSU) CSN Low Before SCLK Rises (tCS) SCLK Falling to Data Valid (tSD) CSN Falling to STATUS Rising (tDCS) SCLK 17Falling to Status Rising Free Run (tDSS) SCLK16 Falling to Status Falling ( tDSE) Delay SD Low to initiate Conversion (tPU) Aperture Delay Slave-Mode (tAPC) Aperture Delay Free-Running Mode (tAPS)
MIN. 4.25 400 3.75 110 110 250 0 5
TYP.
MAX.
UNIT s
COND.
500
ns s
125 125
ns ns ns ns ns
45 10 90 50 69 70 45 5 30 35
ns ns ns ns ns ns ns s ns ns
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
9
SP8542/8544DS/01 SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's (c) Copyright 2000 Sipex Corporation
Timing Diagrams
Slave Mode SP8542
1 SCLK CSN STATUS DATA DIN MA0
2
3
4
5
6
15
16
1
2
3
4
5
6
15
16
DATA WORD N D11 D10 D1 D0 MA0
DATA WORD (N+1) D11 D10 D1 D0
PROGRAM BIT FOR WORD (N + 1)
PROGRAM BIT FOR WORD (N + 2)
tCSSU SCLK tAPC CS STATUS DATA tPU
tCS tDISU tSKH 1
tDIH tSKL tSKT 3 tBR 4 tSD 5 tDSE 15 16
2
10
tDCS
HI-Z MA0 tC
D11
D10
D1
D0
HI-Z
MODE SD
AQUIRE
CONVERT
tA AQUIRE
SP8542/8544DS/01 SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's (c) Copyright 2000 Sipex Corporation
Timing Diagrams
Free Running Mode SP8542
15
SCLK CS = 0 STATUS
16
17
1
2
3
4
5
6
15
16
17
1
2
3
4
5
6
15
16
17
1
2
HI-Z DATA D1 DIN D0 MA0 PROGRAM BIT FOR WORD (N + 1)
DATA WORD N D11 D10 D1 D0 MA0
HI-Z
DATA WORD (N+1) D11 D10 D1 D0 MA1 MA0
PROGRAM BIT FOR WORD (N + 2)
tDSS tAPS tDISU SCLK
CS = 0
17
tDIH 1
tSKL tSKH 2
tSKT 3 4
tSD 5 6 15 16
tDSE tBR 17 1
11
STATUS DATA DIN MODE AQUIRE MA0 tC CONVERT tA AQUIRE D11 D10 D1 D0 MA1 CONVERT
Timing Diagrams
SP8542/8544DS/01 SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's (c) Copyright 2000 Sipex Corporation
Slave Mode SP8544
1 SCLK CSN STATUS DATA DIN
2
3
4
5
6
15
16
1
2
3
4
5
6
15
16
DATA WORD N D11 D10 MA1 MA0 PROGRAM BIT FOR WORD (N + 1) D1 D0 MA1 MA0
DATA WORD (N+1) D11 D10 D1 D0
PROGRAM BIT FOR WORD (N + 2)
tCSSU SCLK tAPC CS STATUS DATA tPU
tCS tDISU tSKH 1
tDIH tSKL tSKT 3 tBR 4 tSD 5 tDSE 15 16
2
12
tDCS
HI-Z MA1 MA0 tC
D11
D10
D1
D0
HI-Z
MODE SD
AQUIRE
CONVERT
tA AQUIRE
SP8542/8544DS/01 SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's (c) Copyright 2000 Sipex Corporation
Timing Diagrams
Free Running Mode SP8544
15
SCLK CS = 0 STATUS
16
17
1
2
3
4
5
6
15
16
17
1
2
3
4
5
6
15
16
17
1
2
HI-Z DATA D1 DIN D0 MA1 MA0 PROGRAM BIT FOR WORD (N + 1)
DATA WORD N D11 D10 D1 D0
HI-Z
DATA WORD (N+1) D11 D10 D1 D0 MA1 MA0
MA1 MA0 PROGRAM BIT FOR WORD (N + 2)
tDSS tAPS tDISU SCLK
CS = 0
17
tDIH 1
tSKL tSKH 2
tSKT 3 4
tSD 5 6 15 16
tDSE tBR 17 1
13
STATUS DATA DIN MODE AQUIRE MA1 MA0 tC CONVERT tA AQUIRE D11 D10 D1 D0 MA1 CONVERT
PACKAGE: PLASTIC DUAL-IN-LINE (NARROW)
E1 E
D1 = 0.005" min. (0.127 min.) D
A1 = 0.015" min. (0.381min.) A = 0.210" max. (5.334 max). A2 C O eA = 0.300 BSC (7.620 BSC) L
e = 0.100 BSC (2.540 BSC)
B1 B
ALTERNATE END PINS (BOTH ENDS)
DIMENSIONS (Inches) Minimum/Maximum (mm) A2 B B1 C D E E1 L O
8-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
14-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
16-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
18-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
20-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
22-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
0.355/0.400 0.735/0.775 0.780/0.800 0.880/0.920 0.980/1.060 1.145/1.155 (9.017/10.160) (18.669/19.685) (19.812/20.320) (22.352/23.368) (24.892/26.924) (29.083/29.337) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15)
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
14
PACKAGE: PLASTIC SMALL OUTLINE (SOIC)
E
H
D A O e B A1 L
DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H L O
14-PIN 0.090/0.104 (2.29/2.649)) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.348/0.363 (8.83/9.22) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
16-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.398/0.413 (10.10/10.49) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
18-PIN 0.090/0.104 (2.29/2.649)) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.447/0.463 (11.35/11.74) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
20-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.496/0.512 (12.60/13.00) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC)) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
24-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.599/0.614 (15.20/15.59) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
28-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.697/0.713 (17.70/18.09) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
15
ORDERING INFORMATION
Model ..................................................... INL Linearity (LSB) ............................. Temperature Range ..................................... Package Types SP8542JN ........................................................... 1.0 ................................................ 0C to +70C ................................. 16-pin, 0.3" Plastic DIP SP8542JS ........................................................... 1.0 ................................................ 0C to +70C .......................................... 16-pin, 0.3" SOIC SP8542KN ......................................................... 0.75 ............................................... 0C to +70C ................................. 16-pin, 0.3" Plastic DIP SP8542KS ......................................................... 0.75 ............................................... 0C to +70C .......................................... 16-pin, 0.3" SOIC SP8542AN .......................................................... 1.0 ............................................... -40C to +85C ............................... 16-pin, 0.3" Plastic DIP SP8542AS .......................................................... 1.0 ............................................... -40C to +85C ........................................ 16-pin, 0.3" SOIC SP8542BN ......................................................... 0.75 .............................................. -40C to +85C ............................... 16-pin, 0.3" Plastic DIP SP8542BS ......................................................... 0.75 .............................................. -40C to +85C ........................................ 16-pin, 0.3" SOIC
Model ..................................................... INL Linearity (LSB) ............................. Temperature Range ..................................... Package Types SP8544JN ........................................................... 1.0 ................................................ 0C to +70C ................................. 18-pin, 0.3" Plastic DIP SP8544JS ........................................................... 1.0 ................................................ 0C to +70C .......................................... 18-pin, 0.3" SOIC SP8544KN ......................................................... 0.75 ............................................... 0C to +70C ................................. 18-pin, 0.3" Plastic DIP SP8544KS ......................................................... 0.75 ............................................... 0C to +70C .......................................... 18-pin, 0.3" SOIC SP8544AN .......................................................... 1.0 ............................................... -40C to +85C ............................... 18-pin, 0.3" Plastic DIP SP8544AS .......................................................... 1.0 ............................................... -40C to +85C ........................................ 18-pin, 0.3" SOIC SP8544BN ......................................................... 0.75 .............................................. -40C to +85C ............................... 18-pin, 0.3" Plastic DIP SP8544BS ......................................................... 0.75 .............................................. -40C to +85C ........................................ 18-pin, 0.3" SOIC Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation Headquarters and Sales Office 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com Sales Office 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 934-7500 FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
(c) Copyright 2000 Sipex Corporation
16


▲Up To Search▲   

 
Price & Availability of SP8542JN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X