Part Number Hot Search : 
TA8210H AD100 AS006 00SCM 78R12PI DMD1010 5225B 10D471
Product Description
Full Text Search
 

To Download S4801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S3155
SONET/SDH/ATM OC-48 Transceiver With CDR
The low jitter LVPECL interface is compliant with the bit-error rate requirements of the Telecodia and ITU-T standards. The S3155 is packaged in a 196 PBGA, offering designers a small package outline.
Product Brief
PB1135_v1.01_05/09/03
-
At a Glance
-
Features
* * * 650 mW typical power Integrated clock data recovery On-chip high-frequency PLL for clock generation and clock recovery Supports OC-48 (2.488 Gbps) with FEC Reference frequency of 155.52 to 166.63 MHz RX and TX reference selectable Interface to LVCMOS/LVTTL logic Internal input termination option built-in 16-bit differential LVPECL/ LVDS data path or singleended LVPECL option 196 PBGA package Diagnostic and line loopback mode Support serial loop timing mode Lock detect Signal detect input with polarity select Low Jitter LVPECL/LVDS interface Internal FIFO to decouple transmit clocks
Overview
The S3155 transceiver implements SONET/SDH serialization/deserialization, and transmission functions. This chip can be used to implement the front end of SONET equipment, which consists primarily of the serial transmit interface and the serial receive interface. The chip handles all the functions of these two elements, including parallel-to-serial and serial-to-parallel conversion, clock generation, and system timing. The S3155 is divided into a transmitter section and a receiver section. The sequence of operations is as follows: Transmitter Operations: 1. 16-bit parallel input 2. Parallel-to-serial conversion 3. Serial output Receiver Operations: 1. Clock and data recovery from serial input 2. Serial-to-parallel conversion 3. 16-bit parallel output
* * * * * *
Description
The S3155 SONET/SDH transceiver chip is a fully integrated serialization/ deserialization SONET OC-48 (2.488 2.67 Gbps) interface device. The S3155 receives an OC-48 scrambled NonReturn to Zero (NRZ) signal and recovers the clock from the data. The chip performs all necessary serial-toparallel and parallel-to-serial functions in conformance with SONET/SDH transmission standards. The device is suitable for SONET-based WDM applications. The figure below shows a typical network application. On-chip clock synthesis is performed by the high-frequency Phase-Locked Loop (PLL) on the S3155 transceiver chip allowing the use of a slower external transmit clock reference. The chip can be used with a 155.52 or 166.63 MHz reference clock in support of existing system clocking schemes.
* * * * * * *
16 AMCC Missouri S4802
16
OTX
S3155 16
ORX
S3155 AMCC Missouri S4802
ORX
16
OTX
Figure 1. System Block Diagram
Empowering Intelligent Optical Networks
1
S3155
SONET/SDH/ATM OC-48 Transceiver With CDR
AMCC Suggested Interface Device
AMCC S4801 Amazon AMCC S4802 Missouri AMCC S4804 Rhine AMCC S4805 Danube AMCC S19201 Indus STS-48c POS/ATM SONET Mapper SONET/SDH STS-48/STM-16 Framer/ Pointer Processor STS-48 SONET/SDH Framer and POS/ATM Mapper SONET/SDH STS-48/STM-16 Framer/ Pointer Processor STS-192 SONET/SDH Interleaver/ Disinterleaver
Product Brief
PB1135_v1.01_05/09/03
* * *
Dual 1.2 V and 3.3 V/2.5 V supply Complies with Telcordia and ITU-T specifications Built-in self test
Applications
* * Wavelength Division Multiplexing (WDM) equipment SONET/SDH-based transmission systems SONET/SDH modules SONET/SDH test equipment ATM over SONET/SDH Add Drop Multiplexers (ADM) Broad-band cross-connects Fiber optic terminators Fiber optic test equipment
Prefix S - Integrated Circuit
Device 3155
Package PB - 196 PBGA
X
Prefix
XXXX
Device
XX
Package
* * * * * * *
Figure 2. S3155 Ordering Information
AMCC reserves the right to make changes to its products, or to discontinue any product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied upon is current. AMCC is a registered trademark of Applied Micro Circuits Corporation. Copyright (c) 2002 Applied Micro Circuits Corporation. All Rights Reserved.
Distribute only on a need-to-know basis, and subject to applicable NDA. Not to be disclosed to or used by any other person without prior authorization.
Confidential and Proprietary
6290 Sequence Drive * San Diego, CA 92121 * Tel: 858 450-9333 * Fax: 858 450-9885 * http://www.amcc.com
2
Empowering Intelligent Optical Networks


▲Up To Search▲   

 
Price & Availability of S4801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X