Part Number Hot Search : 
2SJ232 MK325B R1C10 CY7C344 CMHD7006 UAA3500 CEK01N6G IRFU48Z
Product Description
Full Text Search
 

To Download RG160160C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 om .c .......OUTLINE 4U et he aS at .D w w w
RG160160-C
DIMENSION & BLOCK DIAGRAM
Overall Size View Area Dot Size Dot Pitch
PIN ASSIGNMENT
Pin No. Symbol Function CL2(SCP) Data shift pulse 1 CL1(LP) Data latch pulse 2 FLM Scan start-up signal 3 M Frame reverse signal(Alternate signal) 4 D0 Data display 5 D1 Data display 6 D2 Data display 7 D3 Data display 8 Power supply voltage for LCD(+V) VEE 9 Power supply voltage for logic VDD 10 Ground VSS 11 BLE EL enable/disable 12 VELG Power supply for EL(-) 13 VEL Power supply for EL(+) 14
m o .c U t4 e e h S ta a .D w w w
MECHNICAL SPECIFICATION
69.0 x 69.5 mm 63.4 x 63.3 mm 0.335 x 0.335 mm 0.35 x 0.35 mm Module W/O B/L EL B/L LED B/L
H2 / H1 2.9 / 5.0 3.2 / 7.0 -/Max. Units 7.0 V 30.0 V Vdd+0.3 V
ABSOLUTE MAXIMUM RATING
Symbol VDD-VSS VDD-VEE VIN Condition 25C 25C 25C
Item Supply for logic voltage LCD driving supply voltage Input Voltage Item
Power supply voltage
LCD operation voltage
LCM current consumption (No B/L) Backlight current consumption
REMARK LCD option: STN, FSTN Backlight Option: EL backlight feature, other specs not available on catalog is under request.
om ELECTRICAL CHARACTERISTICS .c 4U et he aS at .D w w w
Symbol Condition VDD-VSS 25C TOP -20C 0C VOP 25C 50C 70C IDD VDD=5V IEE VDD=5V EL VOP=5V Min. 2.7 NW
-
Min. -0.3 -0.3 -0.3
Typical NW
-
19.4 18.4 17.6 -
-
20.6 19.6 19.0 18.1 17.5 0.3 4.0 40.0
Max. Units 5.5 V NWV V - 20.2 V - 19.6 V - 18.6 V V mA mA -mA


▲Up To Search▲   

 
Price & Availability of RG160160C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X