Part Number Hot Search : 
MSK52 A201DL 2GPBF MAX873 R1EX24 NJ8821 KDV240 VPC3243D
Product Description
Full Text Search
 

To Download PE4232-EK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
PE4232
Product Description
The PE4232 is a is a high-isolation Switch designed for CATV applications, covering a broad frequency range from near DC up to 1300 MHz. This single-supply SPST switch offers a single-pin CMOS control interface with industry leading CTB performance. It also provides low insertion loss, high isolation and extremely low bias requirements while operating on a single 3-volt supply. In a typical CATV application, the PE4232 provides for a cost effective and manufacturable solution vs. mechanical relays. The PE4232 is manufactured on Peregrine's UltraCMOSTM process, a patented variation of silicon-on-insulator (SOI) technology on a sapphire substrate, offering the performance of GaAs with the economy and integration of conventional CMOS. Figure 1. Functional Diagram
RF1 RF2
SPST CATV UltraCMOSTM Switch Features * Non-reflective 75 switch
* Integrated 0.25 watt terminations * CTB performance of 100 dBc * High isolation: 90 dB at 5 MHz,
53 dB at 1000 MHz
* Low insertion loss: 0.5 dB at 5 MHz,
0.75 dB at 1000 MHz
* High input IP2: 80 dBm * CMOS/TTL single-pin control * Single +3-volt supply operation * Extremely low bias: 33 A @ 3 V
Figure 2. Package Type
6-lead DFN
75
CMOS Control Driver
75
CTRL
Table 1. Electrical Specifications @ +25 C (ZS = ZL = 75 )
Parameter
Operating Frequency1 Operating Power Insertion Loss Isolation Return Loss Input 1 dB Compression CTB / CSO Input IP22 Input IP3
2 3 2,4
Condition
Minimum
DC
Typical
Maximum
1300 30/24
Units
MHz dBm dB dB dB dBm dBc dBm dBm
On / Off DC - 50 MHz 1000 MHz DC - 50 MHz 1000 MHz 5 - 1000 MHz 1000 MHz 77 & 110 channels; PO = 44 dBmV 1000 MHz 1000 MHz 80 50 75 50 14 30 0.5 0.75 90 53 20 33 -100
0.65 1.0
Video Feedthrough Switching Time
15 2
mVpp s
Notes: 1. Device linearity will begin to degrade below 1 MHz. 2. Measured in a 50 system. 3. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth. 4. Note Absolute Maximum ratings in Table 3. Document No. 70-0054-03 www.psemi.com (c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 1 of 8
PE4232
Product Specification
Figure 3. Pin Configuration
VDD GND RF1 1 2 3
Exposed Solder Pad
(bottom side)
Table 4. DC Electrical Specifications
Parameter Min
2.7
Typ
3.0 33
Max
3.3 40 5 0.3xVDD
Unit
V A V V
6 5 4
RF2 GND
VDD Power Supply IDD Power Supply Current (VDD = 3V, VCNTL = 3V) Control Voltage High
0.7xVDD 0
CTRL
Control Voltage Low
Table 5. Control Logic Truth Table Table 2. Pin Descriptions
Pin No.
1 2 3 4 5 6
Control Voltage (CTRL) Description
High
1
Signal Path (RF1 to RF2)
ON OFF
Pin Name
VDD GND RF1 CTRL GND RF2
Nominal 3 V supply connection. Ground connection. 2 RF port. 1 CMOS or TTL logic level: High = RF1 to RF2 signal path Low = RF1 isolated from RF2 Ground connection. 2 RF port. 1
Low
Notes: 1. CTRL accepts both CMOS and TTL voltage levels.
Electrostatic Discharge (ESD) Precautions When handling this UltraCMOSTM device, observe the same precautions that you would use with other ESD-sensitive devices. Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to avoid exceeding the rating specified in Table 3. Latch-Up Avoidance Unlike conventional CMOS devices, UltraCMOSTM devices are immune to latch-up. Device Description The PE4232 high isolation SPST CATV Switch is designed to support CATV applications such as premise disconnect of a CATV signal path. This function is typically performed by bulky and expensive mechanical switches. The high isolation characteristics, high compression point, and integrated 75-ohm terminations make the PE4232 an ideal, cost effective and manufacturable product of choice. The control logic input pin (CTRL) is typically driven by a 3-volt CMOS logic level signal, and has a threshold of 50% of VDD. For flexibility to support systems that have 5-volt control logic drivers, the control logic input has been designed to handle a 5-volt logic HIGH signal. (A minimal current will be sourced out of the VDD pin when the control logic input voltage level exceeds VDD.)
Document No. 70-0054-03 UltraCMOSTM RFIC Solutions
Notes: 1. Both RF pins must be held at 0 VDC or require external DC blocking capacitors 2. The exposed pad must be soldered to the ground plane for proper switch performance.
Table 3. Absolute Maximum Ratings
Symbol
VDD VI TST TOP PIN VESD
Parameter/Condition
Power supply voltage Voltage on CTRL input Storage temperature Operating temperature Input power (50 ), CTRL=1/CTRL=0 ESD voltage (Human Body Model)
Min
-0.3 -0.3 -65 -40
Max
4.0 5.5 150 85 33/24 200
Unit
V V C C dBm V
Absolute Maximum Ratings are those values listed in the above table. Exceeding these values may cause permanent device damage. Functional operation should be restricted to the limits in the DC Electrical Specifications table. Exposure to absolute maximum ratings for extended periods may affect device reliability.
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 2 of 8
PE4232
Product Specification
Typical Performance Data @ 25C (Unless Otherwise Noted) (75-ohm impedance except as indicated) Figure 4. T = -40 C to 85 C
0
Figure 5. Input 1 dB Compression Point & IIP3 (50-ohm system impedance)
60 60
-0.2 -40 C Insertion Loss (dB) -0.4
50 IIP3 IP3 (dBm)
50
1dB Compression Point (dBm)
-0.6
40
40
-0.8
85 C
25 C
30
-1
30 1dB Compression
-1.2 0 200 400 600 800 1000 1200
20 0 200 400 600 800 1000 1200
20
Frequency (MHz)
Frequency (MHz)
Figure 6. Isolation
0
-20
Isolation (dB)
-40
-60
-80
-100 0 200 400 600 800 1000 1200
Frequency (MHz)
Document No. 70-0054-03 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 3 of 8
PE4232
Product Specification
Typical Performance Data @ 25 C (75-ohm impedance) Figure 7. RF1 Return Loss (Switch = ON) Figure 8. RF1 Return Loss (Switch = OFF)
0
0
-5
-5
-10 Return Loss (dB) Return Loss (dB) 0 200 400 600 800 1000 1200
-10
-15
-15
-20
-20
-25
-25
-30
-30 0 200 400 600 800 1000 1200
Frequency (MHz)
Frequency (MHz)
Figure 9. RF2 Return Loss (Switch = ON)
Figure 10. RF2 Return Loss (Switch = OFF)
0
0
-5
-5
-10 -10 Return Loss (dB) Return Loss (dB) -15
-15
-20
-20
-25 -25
-30
-30 0 200 400 600 800 1000 1200
-35 0 200 400 600 800 1000 1200
Frequency (MHz)
Frequency (MHz)
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 4 of 8
Document No. 70-0054-03 UltraCMOSTM RFIC Solutions
PE4232
Product Specification
Evaluation Kit
The SPST Switch Evaluation Kit board was designed to ease customer evaluation of the PE4232 SPST switch. The RF1 port is connected through a 75 transmission line to the top left BNC connector, J1. The RF2 port is connected through a 75 transmission line to the BNC connector on the top right side of the board, J2. A through transmission line connects BNC connectors J3 and J4. This transmission line can be used to estimate the loss of the PCB over the environmental conditions being evaluated. The board is constructed of a two metal layer FR4 material with a total thickness of 0.031". The bottom layer provides ground for the RF transmission lines. The transmission lines were designed using a coplanar waveguide model with trace width of 0.021", trace gaps of 0.030", dielectric thickness of 0.028", metal thickness of 0.0021" and R of 4.3. Note that the predominate mode for these transmission lines is coplanar waveguide with a ground plane. J5 provides a means for controlling DC and digital inputs to the device. Starting from the lower left pin, the second pin to the right (J5-3) is connected to the device VDD input. The fourth pin to the right (J5-7) is connected to the device CTRL input. It is the responsibility of the customer to determine proper supply decoupling for their design application. Removing these components from the evaluation board has not been shown to degrade RF performance.
Figure 11. Evaluation Board Layouts
Peregrine Specification 101/0079
Figure 12. Evaluation Board Schematic
Peregrine Specification 102/0081
Document No. 70-0054-03 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 5 of 8
PE4232
Product Specification
Figure 13. Package Drawing
6-lead DFN
3.00 C L
-A-B4
6 0.125
5
C L PIN MAR 1 K 0.10 C 1 4 0.10 C 2 3
3.00
4
0.125
10+2 -10 0.100 C
TOP VIEW
DETAIL C 0.025 0.025
0.90 0.10 0.080 C 3 0.0250.025 SIDE VIEW SEE DETAIL B
0.70 0.05 0.20 0.05 SEATING PLANE -CDETAIL B
C L 0.95 EXPOSED PAD 1 2 3
0.35
+0.08 -0.02 0.10 0.05 C
0.17 MIN. CAB 0.29 +0.21 -0.08 EXPOSED SLUG/ HEAT SINK 0.24 +0.20 -0.08 0.125 0.17 0.30
SEE DETAIL A R 0.15 TYP
R0.127 TYP 1.21 0.10 0.605 0.05 THIS FEATURE APPLIES TO BOTH ENDS OF THE PKG. DETAIL A EXPOSED METALIZED FEATURE EDGE OF PLASTIC BODY
EXPOSED (2X)
6
5
4
3 1.050.05 2.010.10
.20 MIN.
BOTTOM VIEW 1. DIMENSIONS AND TOLERANCES ARE PER ANSi Y14.5 2. DIMENSIONS ARE IN MILLIMETERS, ANGLES ARE IN DEGREES. 3 4 COPLANARITY APPLIES TO EXPOSED HEAT SLUG AS WELL AS THE TERMINALS. PROFILE TOLERANCE APPLIES TO PLASTIC BODY ONLY.
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 6 of 8
Document No. 70-0054-03 UltraCMOSTM RFIC Solutions
PE4232
Product Specification
Figure 14. Tape and Reel Specifications
6-lead DFN
Table 6. Dimensions
Dimension
Ao Bo Ko P W T R7 Quantity R13 Quantity
DFN 3x3 mm
3.23 0.1 3.17 0.1 1.37 0.1 4 0.1 8 +0.3, -0.1 0.254 0.02 3000 N.A.
Note: R7 = 7 inch Lock Reel, R13 = 13 inch Lock Reel
Table 7. Ordering Information
Order Code
4232-01 4232-02 4232-00 4232-51 4232-52
Part Marking
4232 4232 PE4232-EK 4232 4232
Description
PE4232-06DFN 3x3mm-12800F PE4232-06DFN 3x3mm-3000C PE4232-06DFN 3x3mm-EK PE4232G-06DFN 3x3mm-12800F PE4232G-06DFN 3x3mm-3000C
Package
6-lead 3x3 mm DFN 6-lead 3x3 mm DFN Evaluation Kit Green 6-lead 3x3 mm DFN Green 6-lead 3x3 mm DFN
Shipping Method
12800 units / Canister 3000 units / T&R 1 / Box 12800 units / Canister 3000 units / T&R
Document No. 70-0054-03 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 7 of 8
PE4232
Product Specification
Sales Offices
The Americas Peregrine Semiconductor Corp.
9450 Carroll Park Drive San Diego, CA 92121 Tel 858-731-9400 Fax 858-731-9499
North Asia Pacific Peregrine Semiconductor K.K.
5A-5, 5F Imperial Tower 1-1-1 Uchisaiwaicho, Chiyoda-ku Tokyo 100-0011 Japan Tel: +81-3-3502-5211 Fax: +81-3-3502-5213
Europe Peregrine Semiconductor Europe
Commercial Products: Batiment Maine 13-15 rue des Quatre Vents F- 92380 Garches, France Tel: +33-1-47-41-91-73 Fax : +33-1-47-41-91-73 Space and Defense Products: 180 Rue Jean de Guiramand 13852 Aix-En-Provence cedex 3, France Tel: +33(0) 4 4239 3361 Fax: +33(0) 4 4239 7227
South Asia Pacific Peregrine Semiconductor
28G, Times Square, No. 500 Zhangyang Road, Shanghai, 200122, P.R. China Tel: +86-21-5836-8276 Fax: +86-21-5836-7652
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data sheet contains design target specifications for product development. Specifications and features may change in any manner without notice. The information in this data sheet is believed to be reliable. However, Peregrine assumes no liability for the use of this information. Use shall be entirely at the user's own risk. No patent rights or licenses to any circuits described in this data sheet are implied or granted to any third party. Peregrine's products are not designed or intended for use in devices or systems intended for surgical implant, or in other applications intended to support or sustain life, or in any application in which the failure of the Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no liability for damages, including consequential or incidental damages, arising out of the use of its products in such applications. The Peregrine name, logo, and UTSi are registered trademarks and UltraCMOS is a trademark of Peregrine Semiconductor Corp.
Preliminary Specification
The data sheet contains preliminary data. Additional data may be added at a later date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine decides to change the specifications, Peregrine will notify customers of the intended changes by issuing a DCN (Document Change Notice).
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 8 of 8
Document No. 70-0054-03 UltraCMOSTM RFIC Solutions


▲Up To Search▲   

 
Price & Availability of PE4232-EK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X