Part Number Hot Search : 
OL5492A STB12 2N6070A HIN231 10007 2412D 1THAV SM6T30CA
Product Description
Full Text Search
 

To Download NTE70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE70 Silicon NPN Transistor High Voltage Power Amp, Switch
Description: The NTE70 is a silicon NPN transistor in a TO63 type case utilizing C2R processing which describes a manufacturing technology that provides surface stabilization for high voltage operation and enhances long term reliability. Absolute Maximum Ratings: Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Continuous Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Emitter Cutoff Current Collector Cutoff Current V(BR)CEO IC = 50mA IEBO ICEX VEB = 6V VCE = Rated VCB, VEB = 1.5V VCE = Rated VCB, VEB = 1.5V, TC = +150C ON Characteristics (Note 1) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage hFE VCE(sat) VBE(sat) VCE = 4V, IC = 20A IC = 50A, IB = 10A IC = 20A, IB = 2A IC = 50A, IB = 10A 50 - - - - - - - - 3.0 1.8 3.5 V V V 150 - - - - - - - - 100 10 1.0 V A A mA Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test: Pulse Width = 300s, Duty Cycle 2%.
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter Dynamic Characteristics Small-Signal Current Gain Collector-Base Capacitance Rise Time Storage Time Fall Time hfe Cob tr ts tf VCC = 80V, IC = 20A, IB1 = 2A, IB2 = 2A VCE = 10V, IC = 1A, f = 1MHz VCB = 10V, IE = 0, f = 0.1MHz 3.0 - - - - - - - - - - 600 0.35 0.80 0.25 pF s s s Symbol Test Conditions Min Typ Max Unit
Base
.500 (12.7)
.865 (21.95)
Emitter .760 (19.3) Dia .083 (2.1) Dia
Collector/Stud .083 (2.1) Dia
.984 (25.0)
.503 (12.6)
.129 (3.3) 5/16-24 UNF
.105 (2.65) Max
.477 (12.1)


▲Up To Search▲   

 
Price & Availability of NTE70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X