Part Number Hot Search : 
AN1N958D K100M ATTINY48 43000 1MC04004 89400 89400 87C196M
Product Description
Full Text Search
 

To Download NSTB1005DXV504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSTB1005DXV5T1, NSTB1005DXV5T5
Preferred Devices
Dual Common Base-Collector Bias Resistor Transistors
NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. These digital transistors are designed to replace a single device and its external resistor bias network. The BRT eliminates these individual components by integrating them into a single device. The NSTB1005DXV5T1 contains two complementary BRT devices are housed in the SOT-553 package which is ideal for low power surface mount applications where board space is at a premium. * Simplifies Circuit Design * Reduces Board Space * Reduces Component Count * Available in 8 mm, 7 inch Tape and Reel * Lead Free
MAXIMUM RATINGS (TA = 25C unless otherwise noted, common for Q1
and Q2, - minus sign for Q1 (PNP) omitted) Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit UC D Vdc Vdc mAdc 1 UC = Specific Device Code D = Date Code
http://onsemi.com
3 R1 2 R2 1
Q2 R2 Q1 R1 4 5
5 1 SOT-553 CASE 463B
MARKING DIAGRAM
5
THERMAL CHARACTERISTICS
Characteristic (One Junction Heated) Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance - Junction-to-Ambient Characteristic (Both Junctions Heated) Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance - Junction-to-Ambient Junction and Storage Temperature 1. FR-4 @ Minimum Pad Symbol PD 357 (Note 1) 2.9 (Note 1) RqJA 350 (Note 1) mW mW/C C/W NSTB1005DXV5T5 SOT-553 Symbol PD 500 (Note 1) 4.0 (Note 1) RqJA TJ, Tstg 250 (Note 1) -55 to +150 mW mW/C C/W C
Preferred devices are recommended choices for future use and best overall value.
Max
Unit
ORDERING INFORMATION
Device Package Shipping 4 mm pitch 4000/Tape & Reel 2 mm pitch 8000/Tape & Reel
NSTB1005DXV5T1 SOT-553
Max
Unit
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
March, 2004 - Rev. 0
Publication Order Number: NSTB1005DXV5/D
NSTB1005DXV5T1, NSTB1005DXV5T5
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Q1 TRANSISTOR: PNP - OFF CHARACTERISTICS Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0) Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0) ON CHARACTERISTICS DC Current Gain Collector-Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA) Output Voltage (on) (VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW) Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW) Input Resistor Resistor Ratio Q2 TRANSISTOR: NPN - OFF CHARACTERISTICS Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0) Emitter-Base Cutoff Current ON CHARACTERISTICS Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0) Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0) DC Current Gain (VCE = 10 V, IC = 5.0 mA) V(BR)CBO V(BR)CEO hFE VCE(SAT) VOL VOH R1 R1/R2 250 PD , POWER DISSIPATION (MILLIWATTS) 200 50 50 80 - - 4.9 33 0.8 - - 140 - - - 47 1.0 - - - 0.25 0.2 - 61 1.2 Vdc Vdc Vdc kW Vdc Vdc (VEB = 6.0, IC = 5.0 mA) ICBO ICEO IEBO - - - - - - 100 500 0.1 nAdc nAdc mAdc hFE VCE(sat) VOL VOH R1 R1/R2 80 - - 4.9 32.9 0.8 140 - - - 47 1.0 - 0.25 0.2 - 61.1 1.2 Vdc Vdc Vdc kW ICBO ICEO IEBO V(BR)CBO V(BR)CEO - - - 50 50 - - - - - 100 500 0.1 - - nAdc nAdc mAdc Vdc Vdc Symbol Min Typ Max Unit
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA) Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW) Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW) Input Resistor Resistor Ratio
150 100 50 0 -50 RqJA = 833C/W
0 50 100 TA, AMBIENT TEMPERATURE (C)
150
Figure 1. Derating Curve
http://onsemi.com
2
NSTB1005DXV5T1, NSTB1005DXV5T5
TYPICAL ELECTRICAL CHARACTERISTICS - PNP TRANSISTOR
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 1000 hFE , DC CURRENT GAIN (NORMALIZED)
VCE = 10 V
TA = -25C 0.1 75C 25C
TA = 75C 100 25C -25C
0.01
0
20 IC, COLLECTOR CURRENT (mA)
40
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 2. VCE(sat) versus IC
Figure 3. DC Current Gain
4 f = 1 MHz lE = 0 V TA = 25C
100
75C
25C TA = -25C
Cob , CAPACITANCE (pF)
3
IC, COLLECTOR CURRENT (mA)
10 1
2
0.1
1
0.01 0.001 0 1 2
VO = 5 V 6 7 3 4 5 Vin, INPUT VOLTAGE (VOLTS) 8 9 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
Figure 4. Output Capacitance
Figure 5. Output Current versus Input Voltage
100
VO = 0.2 V
V in , INPUT VOLTAGE (VOLTS)
10
TA = -25C 25C 75C
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 6. Input Voltage versus Output Current
http://onsemi.com
3
NSTB1005DXV5T1, NSTB1005DXV5T5
TYPICAL ELECTRICAL CHARACTERISTICS -- NPN TRANSISTOR
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS)
10 IC/IB = 10
1000
VCE = 10 V TA = 75C 25C -25C
1 TA = -25C 0.1 25C 75C
hFE, DC CURRENT GAIN
100
0.01
0
20 40 IC, COLLECTOR CURRENT (mA)
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
1 0.8 Cob , CAPACITANCE (pF) 0.6 0.4 0.2 0
IC, COLLECTOR CURRENT (mA)
f = 1 MHz IE = 0 mA TA = 25C
100 75C 10 1 0.1 0.01
25C TA = -25C
VO = 5 V 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 10 25C 75C
1
0.1
0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 11. Input Voltage versus Output Current
http://onsemi.com
4
NSTB1005DXV5T1, NSTB1005DXV5T5
PACKAGE DIMENSIONS
SOT-553 XV5 SUFFIX 5-LEAD PACKAGE CASE 463B-01 ISSUE A
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. MILLIMETERS MIN MAX 1.50 1.70 1.10 1.30 0.50 0.60 0.17 0.27 0.50 BSC 0.08 0.18 0.10 0.30 1.50 1.70 INCHES MIN MAX 0.059 0.067 0.043 0.051 0.020 0.024 0.007 0.011 0.020 BSC 0.003 0.007 0.004 0.012 0.059 0.067
A -X-
C K
4
5
1
2
3
B -Y-
S
D G
5 PL M
J XY
0.08 (0.003)
DIM A B C D G J K S
SOLDERING FOOTPRINT*
0.3 0.0118 0.45 0.0177 1.0 0.0394
1.35 0.0531
0.5 0.5 0.0197 0.0197
SCALE 20:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
NSTB1005DXV5T1, NSTB1005DXV5T5
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
NSTB1005DXV5/D


▲Up To Search▲   

 
Price & Availability of NSTB1005DXV504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X