Part Number Hot Search : 
PE7123 90120 AD8000 41471 3843A BFG94 TA8210 STD03205
Product Description
Full Text Search
 

To Download MSK183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
4707 Dey Road Liverpool, N.Y. 13088
DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
182/183/ 184/185
(315) 701-6751
FEATURES:
MSK185 Replaces APEX PA26 MSK184 Replaces APEX PA21 Available to DSCC SMD 5962-92152 Space Efficient Dual Amplifiers High Voltage Operation: Single Supply: +8V to +60V Dual Supply: 4V to30V High Output Current: 3 Amp Continuous per amplifier High Speed: 10V/S Low Quiescent Current: 20 mA per amplifier Typ. Adjustable Current Limits Thermal Shutdown Enable/Status Pin For Output Disable Control
MIL-PRF-38534 CERTIFIED
MSK182
MSK183
MSK184
MSK185
(IN DEVELOPMENT)
DESCRIPTION:
The MSK 182, 183, 184 and 185 are dual high power monolithic operational amplifiers ideal for use with a wide variety of loads. With operation from either single or dual supplies, they offer excellent design flexibility. Power dissipation is kept to a minimum with a quiescent current rating of only 20mA per amplifier, while 3 Amps of continuous available output current makes them a very good low cost choice for motor drive circuits and audio amplification. The design is internally protected against current overloads and overtemperature conditions. On the MSK 182 and MSK 183, current limit can also be user-selected through the use of a resistor/potentiometer or voltage out/current out DAC. The MSK 182 is packaged in a hermetically sealed 14 pin power DIP with bolt down tabs for applications that require heat sinking. The MSK 183 is packaged in a low cost ceramic SIP and the MSK 184 is packaged in a TO-3. The MSK 185 is packaged in a hermetically sealed 12 pin SIP flatpack with mounting studs.
TYPICAL APPLICATIONS
Servo Driver Actuator Driver Audio Amplifier Power Supplies Bridge Amps Stereo Amps
1 Rev. I 3/04
EQUIVALENT SCHEMATIC
MSK182 MSK183
MSK184
MSK185
PIN-OUT INFORMATION
1 2 3 4 5 6 7 OUTPUT 1 +VCC 1 -VCC 1 +VIN 2 -VIN 2 ILIM 2 E/S 2 14 13 12 11 10 9 8 E/S 1 ILIM 1 -VIN 1 +VIN 1 -VCC 2 +VCC 2 OUTPUT 2 1 2 3 4 5 6 7 +VIN 1 -VIN 1 ILIM 1 E/S 1 OUTPUT 1 +VCC 1 -VCC 1/2 13 12 11 10 9 8 E/S 2 ILIM 2 -VIN 2 +VIN 2 +VCC 2 OUTPUT 2 1 2 3 4 5 6 7 8 OUTPUT(1) +VCC(1/2) -VIN(1) +VIN(1) +VIN(2) -VIN(2) -VCC(1/2) OUTPUT(2) 1 2 3 4 5 6 +VIN 1 12 +VIN 2 -VIN 1 11 -VIN 2 NC 10 NC NC 9 NC OUTPUT 1 8 OUTPUT 2 -VCC 1/2 7 +VCC 1/2
MSK 182 PINOUT
MSK 183 PINOUT 2
MSK 184 PINOUT
MSK 185 PINOUT Rev. I 3/04
ABSOLUTE MAXIMUM RATINGS

Parameter STATIC Supply Voltage Range 3 Quiescent Current (Per Amp) Quiescent Current (Per Amp) 7 INPUT Input Offset Voltage Input Offset Voltage Drift Input Bias Current 3 Input Offset Current 3 Input Impedance Input Capacitance
Test Conditions 1
2
Group A Subgroup
MSK182G/E 184G/E/185G/E Max. Min. Typ.
MSK182/MSK183/ MSK184/MSK185 Typ. Min. Max.
VIN=0V Shutdown Mode VIN=0V 1 2,3 -
4 -
17 17 6
30 20 20 -
4 -
17 6
30 23 -
VIN=0V VIN=0V VIN=0V VIN=OV f=DC f=DC
1 1 1 1 -
1 80 -
2 30
10 -
75 -
2 30 100 5 10 6 95 90
7
15 750 75 -
100 500 5 10 6 95 90
7
50 -
Common Mode Rejection Ratio 3 (-VCC)-0.1 VIN (+VCC)-3V Input Voltage Noise Density OUTPUT Output Voltage Swing Output Current IOUT=0.6A IOUT=3.0A DC=Continuous VE/S High- Output Enabled E/S Open or High VE/S Low- Output Disabled E/S Forced Low Shutdown Input 3 7 IE/S High- Output Enabled E/S Open or High IE/S Low- Output Disabled E/S Forced Low Output Disable Time 7 Output Enable Time 7 TRANSFER CHARACTERISTICS Slew Rate Open Loop Voltage Gain 3 Settling Time 0.1% 3 AV=1 VOUT= 50Vp-p RL=8 VOUT=25V RL=1K AV=10 50V Step 3 f=1KHZ
4 4 4 4 4 -
27 25.5 3 -27.5 -
28 26 -65 -70 1 3
-29 -
27 25 3 -27.5 -
28 26 -65 -70 1 3
-29 -
4 -
90 -
10 98 15
-
88 -
8 98 18
-
NOTES:
Unless otherwise specified VCC= 30VDC and E/S pin is open for MSK 182 and MSK 183. All electrical specifications apply to each amplifier. Devices shall be capable of meeting the parameter, but need not to be tested. Typical parameters are for reference only. Industrial grade and 'E' suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified. Military grade devices ('G' suffix) shall be 100% tested to subgroups 1,2,3 and 4. Subgroup 1,4 TA=TC=+25C Subgroup 2 TA=TC=+125C Subgroup 3 TA=TC=-40C 7 Does not apply to MSK 184 or MSK185. 8 Refer to SMD 5962-92152 for electrical parameters for devices purchased as such. 9 The operating temperature range is -55C to +125C if the device is powered. The minimum cold start temperature is -40C. 1 2 3 4 5 6
3
Rev. I 3/04

ELECTRICAL SPECIFICATIONS







VCC IOUT VIND VIN TJ
Total Supply Voltage 60V Output Current (within S.O.A.) 5A Input Voltage (Differential) 29.5V Input Voltage (Common Mode) +27V/-29V Junction Temperature Internal Protection (See Application Note)
TST TLD
-65C to +150C Storage Temperature Range 300C Lead Temperature Range (10 seconds) TC Case Operating Temperature (MSK182G/E/184G/E/185G/E) See Note 9 -40C to +125C -25C to +85C (MSK182/183/184/185) RTH Thermal Resistance (Per Amplifier) 1.8C/W MSK182 - Junction to Case @ 125C 3.0C/W MSK183 - Junction to Case @ 125C 3.5C/W MSK184 - Junction to Case @ 125C 4.0C/W MSK185 - Junction to Case @ 125C
Units
V mA mA mA
mV V/C
nA nA
pF dB nV/HZ
V V A V V A A S S
V/S dB S
APPLICATION NOTES POWER SUPPLIES:
For the MSK 182/183/184/185 maximum total supply voltage is specified as 60V. However, dual and unbalanced power supply operation is permissible as long as total supply voltage does not exceed 60V.
THERMAL PROTECTION:
The amplifiers are equipped with thermal protection circuitry that protects each amplifier from damage caused by excessive junction temperature. The output is disabled when the junction temperature reaches approximately 160C. After the junction temperature cools to approximately 140C, the output is again enabled. The thermal protection may cycle on and off depending on the output load and signal conditions; this may have an undesirable effect on the load. It should be noted that even though this internal protection circuitry does protect against overload conditions, it does not take the place of proper heat sinking. For reliable operation, junction temperature should be limited to 150C, maximum.
POWER SUPPLY BYPASSING:
Power supply terminals must be effectively decoupled with a high and low frequency bypass circuit to avoid power supply induced oscillation. An effective decoupling scheme consists of a 0.1F ceramic capacitor in parallel with a 10F tantalum capacitor for each power supply pin to ground. In addition, it is recommended that a 0.01F capacitor be placed between Vcc as close to the amplifiers as possible.
ENABLE/STATUS PIN:
For the MSK 182 and MSK 183 this pin actually has a dual function. First, when the pin is forced low, the output stage is disabled. Second, it can be monitored to determine if the device is in thermal shutdown. These functions can be used on the same device with either single or dual supplies. For normal operation, the E/S pin must be left open or pulled at least 2.4 volts above the negative rail. In noisy applications, a small value capacitor between the E/S pin and -Vcc may be required. To disable the output, the user must pull the E/S pin low, no greater than 0.8V above -Vcc. To once again enable the device, the E/S pin must be brought at least 2.4 volts above -Vcc or be disconnected. It should be noted that when the E/S pin is high, the internal thermal shutdown is still active. If the E/S pin is used to monitor thermal shutdown, during normal operation the voltage on the E/S pin is typically 3.5V above -Vcc. Once shutdown has occurred this voltage will drop to approximately 350mV above -Vcc. This function is not available on the MSK 184 or the MSK 185.
CURRENT LIMIT:
The MSK 182 and MSK 183 offer accurate, user-selectable current limit. Unlike typical designs that use a power resistor in series with the output to sense load, the MSK 182 and MSK 183 sense the load indirectly and therefore do not require a resistor to handle the full output current. Current limit is selected by controlling the input to the ILIM pin. The easiest method is to use a resistor or potentiometer connected between -Vcc and the ILIM pin. Use the following equation to select proper resistor value: Rcc= 71,250 -13.75K ILIM A low level control signal (0-330A) can also be used to control the current level digitally. If the pin is left open, the current is programmed to OA, while connecting ILIM directly to -Vcc sets the output current to it's maximum, typically 5A. Such is the case with the MSK 184 or the MSK 185.
SAFE OPERATING AREA:
The safe operating area curve is a graphical representation of the power handling capability of the amplifier under various conditions. Power dissipation of the device is equal to the product of the voltage across the output transistor times the output current. As can be seen in the curve on page 6, safe operating current decreases with an increase in temperature as well as an increase in the voltage across the output transistor. Therefore, for maximum amplifier performance it is important to keep case temperature as low as possible and to keep Vcc as close to the output rail as achievable.
COMPENSATION:
For normal operation output compensation is not typically required. However, if the MSK 182 or MSK 183 is intended to be driven into current limit the user may find that an R/C network is required. A snubber network from the output to ground for each amplifier will provide stability. If driving large capacitive or inductive loads, a snubber network will also enhance stability. Typically 3 to 10 in series with 0.01F is acceptable.
APEX PA26 REPLACEMENT:
The MSK 185 is a hermetically sealed, hi-reliability, pin similar replacement for the APEX PA26. The supply voltage input and output pin configurations are identical. However, the VBOOST and ISENSE functions are not available with the MSK 185. The VBOOST and ISENSE pins of the PA26 have no internal connection on the MSK 185. Therefore, any external circuitry connected to pins 3,4,9 & 10 will not degrade the performance of the MSK 185. The MSK 185 also provides 4-40 isolated mounting studs in place of the mounting holes of the PA26. These mounting studs, which are brazed to the package bottom, offer excellent heat sink mounting performance while decreasing the potential amplifier/package damage sometimes experienced with mounting holes. TYPICAL CONNECTION DIAGRAM 4 Rev. I 3/04
APPLICATION NOTES cont.
Figure 2 Output Disable with a Single Supply
Figure 1 Adjustable Current Limit
Figure 4 Motor Drive Circuit
Figure 3 Thermal Shutdown Status With a Single Supply
Figure 6 Parallel Output For Increased Output Current Figure 5 Voltage Source
5 Rev. I 3/04
TYPICAL PERFORMANCE CURVES
6
Rev. I 3/04
MECHANICAL SPECIFICATIONS
MSK182
ESD TRIANGLE INDICATES PIN 1. ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED.
MSK183
ESD TRIANGLE INDICATES PIN 1. ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED.
7
Rev. I 3/04
MECHANICAL SPECIFICATIONS CONTINUED
MSK184 MSK185
ESD TRIANGLE INDICATES PIN 1. ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED.
ORDERING INFORMATION
MSK 182 G
SCREENING
BLANK = INDUSTRIAL; E = EXTENDED RELIABILITY
G = MIL-PRF-38534/DSCC SMD 5962-92152 (REDUCED TEMP RANGE)
GENERAL PART NUMBER (MSK182,183,184 or 185) NOTE: THE MSK 183 IS NOT AVAILABLE WITH E OR G SUFFIX.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. Please visit our website for the most recent revision of this datasheet.
8
Rev. I 3/04


▲Up To Search▲   

 
Price & Availability of MSK183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X