Part Number Hot Search : 
PS4011 C3788 SD101 DSS5320T S30S90CR 2SC3649 S30S90CR Z32RD751
Product Description
Full Text Search
 

To Download MSK0032B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO 9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP. FEATURES:
HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
0032
(315) 701-6751
4707 Dey Road Liverpool, N.Y. 13088 Fast Slew Rate - 650 V/S Typ. FET Input Wide Bandwidth Electrically Isolated Case Industry Wide Pin Compatible 0032 Upgrade DSCC SMD 5962-80013
MIL-PRF-38534 CERTIFIED
DESCRIPTION:
The MSK 0032 is a high speed, FET input, differential amplifier designed to replace the popular LH0032 and TP0032. Since the MSK 0032 requires less compensation than the LH0032, it exhibits wider bandwidth and greater stability. The MSK 0032 can be used as a direct replacement in current designs using the LH0032 or TP0032 with no changes to compensation schemes. High frequency signal transfer circuits such as video amplifiers, high speed integrators and comparators are just a few of the applications that the MSK 0032 is well suited for.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
Video Amplifiers Comparator Circuits High Speed Integrators 1 2 3 4 5 6
PIN-OUT INFORMATION
No Connection Output Compensation Compensation/Balance Compensation/Balance Inverting Input Non-Inverting Input
1
7 8 9 10 11 12
No Connection No Connection No Connection Negative Power Supply Output Positive Power Supply
Rev.B 7/00
ABSOLUTE MAXIMUM RATINGS

ELECTRICAL SPECIFICATIONS
Parameter STATIC Supply Voltage Range 2 7 Quiescent Current INPUT Input Offset Voltage Input Offset Voltage Drift Input Offset Adjust Input Bias Current Input Offset Current Input Impedance 2 Power Supply Rejection Ratio 2 Common Mode Rejection Ratio Input Noise Voltage 2 Equivalent Input Noise 2 OUTPUT Output Voltage Swing Output Current Settling Time to 1%
1 2
Test Conditions
VIN=0V
Bal.Pins=N/C VIN=0V AV=-10V/V Bal.Pins=N/C VIN=0V RPOT=10K To +VCC VCM=0V Either Input VCM=0V F=DC VCC=15V F=DC VCM=10V F=10Hz To 1MHz F=1KHz RL=1K RL=1K RL=1K 10V step RL=1K 10V step AV=+1 VOUT=10V RL=1K VOUT=10V F=100Hz AV = +1 RL = 1K VIN = 1V RL = 1K
Settling Time to 0.1% 1 Unity Gain Bandwidth 2 TRANSFER CHARACTERISTICS Slew Rate Limit Open Loop Voltage Gain Small Signal Rise Time Small Signal Delay Time
NOTES:
1 2 3 4 5 6
AV=-1, measured in false summing junction circuit. Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only. Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified. Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4. Subgroup 5 and 6 testing available upon request. Subgroup 1,4 TA=TC=+25C Subgroup 2,5 TA=TC=+125C Subgroup 3,6 TA=TC=-55C 7 Electrical specifications are derated for power supply voltages other than 15VDC.


RTH
Vcc=15V Unless Otherwise Specified
Group A Subgroup 1 2,3 1 2,3 1,2,3 1 2,3 1 2,3 4 4 4 4 4 4 4 4 50 50 10 10 350 70 MSK 0032B Min. 10 Typ. 15 15 18 0.5 10 10 0.2 10 0.1 10 12 70 80 1.5 40 12 20 0.1 300 25 650 10 12 Max. 18 20 25 5 50 100 50 25 25 0.5 20 25 Min. 45 45 10 10 350 70 MSK 0032 Typ. 15 15 1 Adjust to Zero 25 20 10 12 70 80 1.5 40 12 20 0.1 300 25 650 10 12 300 100 0.5 20 25 Max. 18 22 7 Units V mA mA mV V/C mV pA nA pA nA dB dB Vrms nVHz V mA S nS MHz V/S dB nS nS
Adjust to Zero
2
Rev.B 7/00



TJ










VCC IOUT VIN TC
18V Supply Voltage 40mA Output Current 30V Differential Input Voltage Case Operating Temperature Range -55C to +125C (MSK 0032B) -40C to +85C (MSK 0032) 200C/W Thermal Resistance Junction to Case Output Devices Only

TST TLD
Storage Temperature Range -65C to +150C Lead Temperature Range 300C (10 Seconds) Junction Temperature 175C
APPLICATION NOTES HEAT SINKING
Since the case of the MSK 0032 only runs approximately 40C hotter than the ambient temperature, a heat sink is generally not necessary. However, in applications where it is critical to minimize input bias current, a heat sink may be used.The case of the MSK 0032 is isolated from the internal circuitry so the heat sink may be attached directly to the case. The heat sink may however create enough parasitic capacitance at the pins to necessitate adjusting the amount of compensation used.
COMPENSATION
When replacing an LH0032 or TP0032 with an MSK 0032, no changes in compensation need be made. The MSK 0032 will demonstrate greater loop stability than the LH0032 and loop stability very similar to the TP0032. As with any operational amplifier, a feedback capacitor in the range of 2-10pF is recommended to compensate for the effect of the R-C time constant created by the input capacitance of the op-amp and the feedback and input resistors in an inverting configuration. See Figure 3 and Figure 4 for recommended compensation schemes for non-inverting configurations.
INPUT OFFSET VOLTAGE NULL
Figure 3 Figure 1 The input offset voltage of the MSK 0032 is typically less than 0.5mV. If it is necessary to null the offset to zero or some value other than zero, the above circuit is recommended. Typical offset adjust range is 25mV.
Figure 4
POWER SUPPLY BYPASSING
Both the negative and the positive power supplies must be effectively decoupled with a high and low frequency bypass circuit to avoid power supply induced oscillation. An effective decoupling scheme consists of a 0.1 microfarad ceramic capacitor in parallel with a 4.7 microfarad tantalum capacitor from each power supply pin to ground. 3 Rev.B 7/00
Figure 2 Output Short Circuit Protection
TYPICAL PERFORMANCE CURVES
4
Rev.B 7/00
MECHANICAL SPECIFICATIONS
TO-8 BOTTOM VIEW
ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED
ORDERING INFORMATION
Part Number MSK0032 MSK0032B 5962-80013 Screening Level Industrial Military-Mil-PRF-38534 DSCC-SMD
4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
M.S. Kennedy Corp.
5
Rev.B 7/00
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of MSK0032B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X