Part Number Hot Search : 
337M0 10020 PNZ334 K8A56EBC GE70L02 01907 K8A56EBC CVA6627S
Product Description
Full Text Search
 

To Download MDT10P23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDT10P23(AE)
1. General Description This EPROM-Based 8-bit micro-controller uses a fully static CMOS design technology to achieve high speed, small size, low power and high noise immunity. On chip memory includes 2K words EPROM and80 bytes static RAM. Four comparator inputs with external Vref (not for 18 pin package) are also provided. 2. Features u u u u Fully CMOS static design 8-bit data bus On chip EPROM size : 2 K words Internal RAM size : 80 bytes (72 general purpose registers, 8 special registers) u 36 single word instructions u 14-bit instructions u 2-level stacks u Operating voltage : 2.3V ~ 5.5 V u Operating frequency : 0 ~ 20 MHz u The most fast execution time is 200 ns under 20 MHz in all single cycle instructions except the branch instruction u Addressing modes include direct, indirect and relative addressing modes u Built-in Power-on Reset u 4 Channel comparator u Power edge-detector Reset u Sleep Mode for power saving u 8-bit real time clock/counter(RTCC) with 8-bit programmable prescaler u 4 types of oscillator can be selected by programming option:
please preview http;//www.mdtic.com.tw
RCLow cost RC oscillator LFXTLow frequency crystal oscillator XTALStandard crystal oscillator HFXTHigh frequency crystal oscillator u 4 oscillator start-up time can be selected by programming option: 150 s, 20 ms, 40 ms, 80 ms u On-chip RC oscillator based Watchdog Timer(WDT) can be operated freely u 12 I/O(for 18 pins package),14 I/O(for 20 pins package),16 I/O(for 22/24 pins package) pins with their own independent direction control 3. Applications The application areas of this MDT10P23 range from appliance motor control and high speed automotive to low power remote transmitters/receivers, pointing devices, and telecommunications processors, such as Remote controller, small instruments, chargers, toy, automobile and PC peripheral ... etc
This specification are subject to be changed without notice. Any latest information
P. 1
2005/6
Ver. 1.4
MDT10P23(AE)
4. Pin Assignment A1G20PINS, A2G22PINS, A3G24PINS, A5 :18 PINS PPDIP,SSOP, KSKINNY A1P,A1S A3S PA5 PA2/CIC2 PA3/CIC3 RTCC /MCLR Vss PB0 PB1 PB2 PB3 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 PA4/VREF PA1/CIC1 PA0/CIC0 OSC1 OSC2 Vdd PB7 PB6 PB5 PB4 NC PA7 PA5 PA2/CIC2 PA3/CIC3 RTCC /MCLR Vss PB0 PB1 PB2 PB3 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 NC PA6 PA4/VREF PA1/CIC1 PA0/CIC0 OSC1 OSC2 Vdd PB7 PB6 PB5 PB4
A2K PA7 PA5 PA2/CIC2 PA3/CIC3 RTCC /MCLR Vss PB0 PB1 PB2 PB3 1 2 3 4 5 6 7 8 9 10 11 22 21 20 19 18 17 16 15 14 13 12 PA6 PA4/VREF PA1/CIC1 PA0/CIC0 OSC1 OSC2 Vdd PB7 PB6 PB5 PB4 A5P,A5S PA2CIC2 1 PA3/CIC3 2 RTCC 3 /MCLR 4 Vss 5 PB0 6 PB1 7 PB2 8 PB3 9 18 17 16 15 14 13 12 11 10 PA1/CIC1 PA0/CIC0 OSC1 OSC2 Vdd PB7 PB6 PB5 PB4
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 2
2005/6
Ver. 1.4
MDT10P23(AE)
5. Block Diagram
Stack Two Levels
EPROM N14 (MDT10P22) 1K
RAM 72N8 Port B
Port PB0 ~P B7 8 bits
10 bits 10 bits 14 bits
Program Counters
Instruction Register
Special Register
OS OS C1 C2 MC LR Instruction Decoder
D0~D 7
Oscillator Circuit
Control Circuit
Port PA0~P A7 (22,24 pins) PA0~P A5 (20 pins) Port A PA0~P A3 (18 pins) 8 bits CMR0~C MR5 Comparat or mode Register
Data 8-bit Power on Reset Power Down Reset Working Register ALU Status Register
8-bit Timer/Counter
Prescale
WDT/OST Timer
RTCC
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 3
2005/6
Ver. 1.4
MDT10P23(AE)
6. Pin Function Description Pin Name PA0~PA7 I/O I/O Function Description PA0~PA3 : TTL input level or comparator input PA4 : TTL input level or comparator VREF input PA5~PA7 : TTL input level Port B, TTL input level Real Time Clock/Counter, Schmitt Trigger input levels Master Clear, Schmitt Trigger input levels Oscillator Input Oscillator Output Power supply Ground Unused ,do not connect
PB0~PB7 RTCC /MCLR OSC1 OSC2 Vdd Vss NC
I/O I I I O
7. Memory Map (A) Register Map Address 00 01 02 03 04 05 06 07 08~0F 10~1F 30~3F 50~5F 70~7F Description Indirect Addressing Register RTCC PC STATUS MSR Port A Port B Control register for comparator Internal RAM, General Purpose Register Internal RAM, Memory bank 0 Internal RAM, Memory bank 1 Internal RAM, Memory bank 2 Internal RAM, memory bank 3
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 4
2005/6
Ver. 1.4
MDT10P23(AE)
(1) IAR ( Indirect Address Register) : R0 (2) RTCC (Real Time Counter/Counter Register) : R1 (3) PC (Program Counter) : R2 Write PC, CALL --- always 0 LJUMP, JUMP, LCALL --- from instruction word RTWI, RET --- from STACK
A9
A8
A7~A0
Write PC, JUMP, CALL --- from STATUS b5 LJUMP, LCALL --- from instruction word RTWI, RET --- from STACK Write PC --- from ALU LJUMP, JUMP, LCALL, CALL --- from instruction word RTWI, RET --- from STACK (4) STATUS (Status register) : R3 Bit 0 1 2 3 4 5 Symbol C HC Z PF TF page Carry bit Half Carry bit Zero bit Power loss Flag bit Time overflow Flag bit ROM Page select bit : 00 : 000H --- 1FFH 01 : 200H --- 3FFH 7 XX General purpose bit Function
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 5
2005/6
Ver. 1.4
MDT10P23(AE)
(5) MSR (Memory Select Register) : R4 Memory Select Register : 00 : 10~1F 01 : 30~3F 10 : 50~5F 11 : 70~7F
b7
b6
b5
b4
b3
b2
b1
b0
Read only "1" Indirect Addressing Mode (6) PORT A : R5 PA7~PA0, I/O Register for 22, 24 pins PA5~PA0, I/O Register for 20 pins PA3~PA0, I/O Register for 18 pins (7) PORT B : R6 PB7~PB0, I/O Register (8) CMR(Comparator Mode Register) : R7 Bit 0 1 2 3 5:4 Function 0: Define PA0 as TTL input 1: Define PA0 as comparator input 0: Define PA1 as TTL input 1: Define PA1 as comparator input 0: Define PA2 as TTL input 1: Define PA2 as comparator input 0: Define PA3 as TTL input 1: Define PA3 as comparator input Reference Voltage select 00: 1/4 VDD 01: 1/2 VDD 10: 3/4 VDD 11: VREF (External pin and PA4 must be set to input) 7:6 Register bits
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 6
2005/6
Ver. 1.4
MDT10P23(AE)
(9) TMR (Time Mode Register) Bit Symbol Prescaler Value Function RTCC rate WDT rate 000 1:2 1:1 001 1:4 1:2 010 1:8 1:4 011 1 : 16 1:8 100 1 : 32 1 : 16 101 1 : 64 1 : 32 110 1 : 128 1 : 64 111 1 : 256 1 : 128 Prescaler assignment bit : 0 X RTCC 1 X Watchdog Timer RTCC signal Edge : 0 X Increment on low-to-high transition on RTCC pin 1 X Increment on high-to-low transition on RTCC pin RTCC signal set : 0 X Internal instruction cycle clock 1 X Transition on RTCC pin
2X0
PS2X0
3
PSC
4
TCE
5
TCS
(10) CPIO A, CPIO B (Control Port I/O Mode Register) The CPIO register is "write-only" x"0", I/O pin in output mode; x"1", I/O pin in input mode. (11) EPROM Option by writer programming : A. FIRST WORD Oscillator Type RC Oscillator Oscillator Start-up Time 150 s 20 ms 40 ms 80 ms
LFXT Oscillator XTAL Oscillator HFXT Oscillator
Watchdog Timer control Watchdog timer disable all the time Watchdog timer enable all the time
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 7
2005/6
Ver. 1.4
MDT10P23(AE)
Power Edge Detect PED Disable Security bit Security Disable Security Enable
PED Enable (B) Program Memory Address 000- 3FF 3FF Program memory
Description
The starting address of the power on, external reset or WDT
8. Reset Condition for all Registers Register CPIO A CPIO B TMR IAR RTCC PC STATUS MSR PORT A PORT B CMR Address 00h 01h 02h 03h 04h 05h 06h 07h Power-On Reset 1111 1111 1111 1111 --11 1111 xxxx xxxx 1111 1111 0001 1xxx 100x xxxx xxxx xxxx xxxx xxxx 0000 0000 /MCLR Reset 1111 1111 1111 1111 --11 1111 uuuu uuuu 1111 1111 000# #uuu 100u uuuu uuuuuuuu uuuu uuuu uuuu uuuu WDT Reset 1111 1111 1111 1111 --11 1111 uuuu uuuu 1111 1111 000# #uuu 1uuu uuuu uuuu uuuu uuuu uuuu uuuu uuuu
Note : uxunchanged, xxunknown, - xunimplemented, read as "0" #xvalue depends on the condition of the following table Condition /MCLR reset (not during SLEEP) /MCLR reset during SLEEP WDT reset (not during SLEEP) WDT reset during SLEEP Status: bit 4 U 1 0 0 Status: bit 3 u 0 1 0
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 8
2005/6
Ver. 1.4
MDT10P23(AE)
9. Instruction Set Mnemonic Operands NOP CLRWT SLEEP TMODE RET CPIO STWR LDWI I R R
Instruction Code 010000 00000000 010000 00000001 010000 00000010 010000 00000011 010000 00000100 010000 00000rrr 010001 1rrrrrrr 011000 trrrrrrr 111010 iiiiiiii 010111 trrrrrrr 011001 trrrrrrr 011010 trrrrrrr 011011 trrrrrrr 011100 trrrrrrr 011101 trrrrrrr 011110 trrrrrrr 010010 trrrrrrr 110100 iiiiiiii 010011 trrrrrrr 110101 iiiiiiii 010100 trrrrrrr 110110 iiiiiiii 011111 trrrrrrr 010110 trrrrrrr Instruction Code
Function No operation Clear Watchdog timer Sleep mode Load W to TMODE register Return Control I/O port register Store W to register Load register Load immediate to W
Operating None 0/WT
Status
TF, PF
0/WT, stop OSC TF, PF W/TMODE Stack/PC W/CPIO W/R R/t I/W [R(0~3)R(4~7)] /t R + 1/t R + 1/t W + R/t R W/t (R+/W+1/t) R 1/t R 1/t R a W/t i a W/W R a W/t i a W/W R o W/t /R/t R(n) /R(n-1), C /R(7), R(0)/C Operating r None None None None Z None None Z None C, HC, Z C, HC, Z Z None Z Z Z Z Z Z Z C Status
LDR R, t
SWAPR R, t Swap halves register INCR R, t Increment register
INCRSZ R, t Increment register, skip if zero ADDWR R, t Add W and register SUBWR R, t Subtract W from register DECR R, t Decrement register DECRSZ R, Decrement register, skip if t zero ANDWR R, t AND W and register ANDWI IORWI i XORWI RRR i i AND W and immediate Inclu. OR W and immediate IORWR R, t Inclu. OR W and register XORWR R, t Exclu. OR W and register COMR R, t Complement register R, t Rotate right register Function
Exclu. OR W and immediate i o W/W
Mnemonic Operands
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 9
2005/6
Ver. 1.4
MDT10P23(AE)
010101 trrrrrrr RLR R, t Rotate left register Clear working register R Clear register R, b Bit clear R, b Bit set R(n)/r(n+1), C/R(0), R(7)/C 0/W 0/R 0/R(b) 1/R(b) Skip if R(b)=0 Skip if R(b)=1 n/PC, PC+1/ Stack n/PC n/PC, PC+1/ Stack Stack/PC,i/W n/PC C Z Z None None None None None None None None None
010000 1xxxxxxx CLRW 010001 0rrrrrrr 0000bb brrrrrrr 0010bb brrrrrrr 0001bb brrrrrrr 0011bb brrrrrrr CLRR BCR BSR
BTSC R, b Bit Test, skip if clear BTSS R, b Bit Test, skip if set n n n i n Long CALL subroutine Long JUMP to address Call subroutine Return, place immediate to W JUMP to address
100nnn nnnnnnnn LCALL 101nnn nnnnnnnn LJUMP 110000 nnnnnnnn CALL 110001 iiiiiiii RTWI
11001n nnnnnnnn JUMP Note : W WT TMODE CPIO TF PF PC OSC Inclu. Exclu. AND : : : : : : : : : : :
Working register Watchdog timer TMODE mode register Control I/O port register Timer overflow flag Power loss flag Program Counter Oscillator Inclusive `a' Exclusive `o' Logic AND ` a'
: : 0 1 R: C: HC : Z: / : x : i : n:
b t
Bit position Target : Working register : General register General register address Carry flag Half carry Zero flag Complement Don't care Immediate data ( 8 bits ) Immediate address
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 10
2005/6
Ver. 1.4
MDT10P23(AE)
10. Electrical Characteristics (Operating temperature at 25J). Sym Description Condition Min 2.3 Vdd=5V Vdd=5V Vdd=5V Vdd=5V Vdd=5V Vdd=5V, IOL=20mA Vdd=5V, IOL=5mA Vdd=5V, IOH= -20mA Vdd=5V, IOH= -5mA Vddx 2.3 ~ 5.5 V Vddx Vddx Vddx Vddx Vddx 2.3 V 3.0 V 4.0 V 5.0 V 5.5 V 1.1 Vddx Vddx Vddx Vddx Vddx 2.3 V 3.0 V 4.0 V 5.0 V 5.5 V 25.6 22.4 19.6 17.6 16.9 600 15 Vdd-0.8 v 0.4 0.1 3.8 4.5 0.1 1 3 8 17 25 1.3 1.0 -0.6 -0.6 2.0 3.2 Typ Max 5.5 1.0 1.0 Vdd Vdd +/-1 Unit V V V V V A V V V V A A A A A A V mS mS mS mS mS nS A V
Vdd Operating voltage VIL Input Low Voltage PA, PB RTCC, /MCLR VIH Input high Voltage PA, PB RTCC, /MCLR IIL Input leakage current VOL Output Low Voltage PA, PB VOH Output High Voltage PA, PB Islp Islp Sleep current (WDT disable) Sleep current (WDT enable)
Vpr Power Edge-detector Reset Voltage Twdt The basic WDT time-out cycle time
TFLT /MCLR filter
Vddx 5.0 V
Icc Comparator Supply current (one Vdd=5.0v comparator) Vref Input reference voltage Vdd=2.5v ~5.5v
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 11
2005/6
Ver. 1.4
MDT10P23(AE)
Sym Description Comparator Response time V-=Vdd/4, V+=V- 0.2v V-=Vdd/2, V+=V- 0.2v V-=Vdd3/4, V+=V- 0.2v V-=VDD-0.8,V+=V 0.2v Condition Vdd=5.0v , V- = Vref V+ = (PA0~PA3) Min Typ 8 8 8 8 Max Unit S S S S
---
11. Operating Current Temperaturex25 J, the typical value as followings : 11.1 OSC TypexRC ; WDTEnable; Comparator DisableQ PED=DisableQ Vdd=5.0V Cext. (F) Rext. (Ohm) 4.7 K 10.0 K 3P 47.0 K 100.0 K 300.0 K 470.0 K 4.7 K 10.0 K 20P 47.0 K 100.0 K 300.0 K 470.0 K 4.7 K 10.0 K 100P 47.0 K 100.0 K 300.0 K 470.0 K Frequency (Hz) 11.88M 5.98M 1.34M 640K 217.2K 136K 5.6M 2.78M 622.4K 297.2K 100.8K 63.2K 1.85M 916K 201.6K 95.6K 32.4K 20.3K Current (A) 1.65 mA 900 A 295 A 205 A 145 A 135 A 860 A 500 A 210 A 160 A 135 A 130 A 365 A 235 A 145 A 130 A 125 A 120 A
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 12
2005/6
Ver. 1.4
MDT10P23(AE)
Cext. (F) Rext. (Ohm) 4.7 K 10.0 K 300P 47.0 K 100.0 K 300.0 K 470.0 K Frequency (Hz) 710.4k 352K 75.8K 36K 12.2K 7.6K Current (A) 210 A 160 A 125 A 120 A 115 A 110 A
11.2 OSC TypexLF (OSC1&OSC2 External Cap about 20P); WDTDisable ; Comparator DisableQ PED=Enable Voltage/Frequency 32 K(Ext30p) 2.1 V 3.0 V 4.0 V 5.0 V 5.5 V 3.5A 8.5A 25A 65A 105A 455 K 21A 45A 75A 120A 155A 1M 37A 65A 110A 165A 205A Sleep O1.0 A O1.0 A O1.0 A O1.0 A 40 A
11.3 OSC TypexXT (OSC1&OSC2 External Cap about 20P); WDTEnable ; Comparator DisableQ PED=Enable Voltage/Frequency 2.1 V 3.0 V 4.0 V 5.0 V 5.5 V 1M 55A 125A 235A 410A 500A 4M 155A 290A 470A 710A 845A 10 M 340A 580A 890A 1.3mA 1.5mA Sleep O1.0 A 3 A 8 A 17 A 25 A
11.4 OSC TypexHF (OSC1&OSC2 External Cap about 20P); WDTEnable ; Comparator Disable Voltage/Frequency 2.3 V 3.0 V 4.0 V 5.0 V 5.5 V 4M 190A 325A 530A 820A 1.1mA 10 M 400A 625A 960A 1.5mA 1.7mA 20 M 700A 1.2mA 1.7mA 2.6mA 3.1mA Sleep O1.0 A 3 A 8 A 17 A 25 A
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 13
2005/6
Ver. 1.4
MDT10P23(AE)
11.5 Power Edge-detector Reset Voltage (Not in Sleep Mode), @ V ddx 5.0 V VprO 2.1~2.2 V Vpr
R
Vdd (Power Supply)
12. Port A Equivalent Circuit PA0-PA3
D I/O Control Latch
Q
I/O Control
C K
Q B
D Data O/P Latch G QB
Port I/O Pin
Write
Input Resistor
Data Bus QB Rea d Data I/P Latch G D S
0 TTL input level + 1 comparator level VREF
Compartor Control
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 14
2005/6
Ver. 1.4
MDT10P23(AE)
PA4
D I/O Control Latch
Q
I/O Control
C K
Q B
D Data O/P Latch G Q B Input Resistor Data Bus Rea d QB Data I/P Latch G D TTL Input Level
Port I/O Pin
Write
comparator enable
3 2 Vref 1 S0 S1 0 CMR_4 CMR_5
3/4 VDD 1/2 VDD 1/4 VDD
PA5-PA7
D I/O Control Latch
Q
I/O Control
C K
Q B
D Data O/P Latch G Q B
Port I/O Pin
Write
Data Bus Rea d
QB Data I/P Latch
D Input Resistor TTL Input Level
G
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 15
2005/6
Ver. 1.4
MDT10P23(AE)
Port B Equivalent Circuit
D I/O Control Latch
Q
I/O Control
C K
Q B
Port I/O Pin D Data O/P Latch G Q B
Write
Data Bus Rea d
QB Data I/P Latch G
D Input Resistor TTL Input Level
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 16
2005/6
Ver. 1.4
MDT10P23(AE)
13. MCLRB and RTCC Input Equivalent Circuit
R U 1 K MCLRB Schmitt Trigger
R U 1 K
RTCC Schmitt Trigger
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 17
2005/6
Ver. 1.4
MDT10P23(AE)
14. External Capacitor Selection For Crystal Oscillator @ V ddx 5.0 V Osc. Type Resonator Freq. 20 MHz HF 10 MHz 4 MHz 10 MHz XT 4 MHz 1 MHz 1 MHz LF 455 K 32 K Capacity Range 10 pF ~ 50 pF 20 pF ~ 50 pF 10 pF ~ 30 pF 10 pF ~ 50 pF 10 pF ~ 50 pF 20 pF ~50 pF 20 pF ~ 30 pF 20 pF ~30 pF 20 pF ~30 pF
M D T 10P23 O1 SC OS C2
C1
C 2
To increase the stability of oscillator and the ability of anti-noise, the above values of the external capacitor are for reference only, but the higher capacitance also increases the start-up time.
This specification are subject to be changed without notice. Any latest information please preview http;//www.mdtic.com.tw
P. 18
2005/6
Ver. 1.4


▲Up To Search▲   

 
Price & Availability of MDT10P23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X